Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCF8574PW Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # PCF8574PW
Description  Remote 8-Bit I/O Expander for I2C Bus
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCF8574PW Datasheet(HTML) 11 Page - Texas Instruments

Back Button PCF8574PW Datasheet HTML 7Page - Texas Instruments PCF8574PW Datasheet HTML 8Page - Texas Instruments PCF8574PW Datasheet HTML 9Page - Texas Instruments PCF8574PW Datasheet HTML 10Page - Texas Instruments PCF8574PW Datasheet HTML 11Page - Texas Instruments PCF8574PW Datasheet HTML 12Page - Texas Instruments PCF8574PW Datasheet HTML 13Page - Texas Instruments PCF8574PW Datasheet HTML 14Page - Texas Instruments PCF8574PW Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
14
I/O
Port
4
5
6
7
9
10
11
12
P0
P1
P2
P3
P4
P5
P6
P7
Shift
Register
8 Bit
LP Filter
Interrupt
Logic
I2C Bus
Control
Input
Filter
15
Power-On
Reset
Read Pulse
Write Pulse
PCF8574
3
2
1
13
16
8
GND
VCC
SDA
SCL
A2
A1
A0
INT
Pin numbers shown are for the DW and N packages.
PCF8574
www.ti.com
SCPS068I – JULY 2001 – REVISED NOVEMBER 2015
8 Detailed Description
8.1 Overview
The PCF8574 device is an 8-bit I/O expander for the two-line bidirectional bus (I2C) is designed for 2.5-V to 5.5-
V VCC operation. It provides general-purpose remote I/O expansion for most micro-controller families via the I2C
interface (serial clock, SCL, and serial data, SDA, pins).
The PCF8574 device provides an open-drain output (INT) that can be connected to the interrupt input of a
microcontroller. An interrupt is generated by any rising or falling edge of the port inputs in the input mode. After
time, tiv, INT is valid. Resetting and reactivating the interrupt circuit is achieved when data on the port is changed
to the original setting or data is read from, or written to, the port that generated the interrupt. Resetting occurs in
the read mode at the acknowledge bit after the rising edge of the SCL signal, or in the write mode at the
acknowledge bit after the high-to-low transition of the SCL signal. Interrupts that occur during the acknowledge
clock pulse can be lost (or be very short) due to the resetting of the interrupt during this pulse. Each change of
the I/Os after resetting is detected and, after the next rising clock edge, is transmitted as INT. Reading from, or
writing to, another device does not affect the interrupt circuit. This device does not have internal configuration or
status registers. Instead, read or write to the device I/Os directly after sending the device address (see Figure 16
and Figure 17).
By sending an interrupt signal on this line, the remote I/O can inform the microcontroller if there is incoming data
on its ports without having to communicate by way of the I2C bus. Therefore, PCF8574 can remain a simple
slave device.
An additional strong pullup to VCC allows fast rising edges into heavily loaded outputs. This device turns on when
an output is written high and is switched off by the negative edge of SCL. The I/Os should be high before being
used as inputs.
8.2 Functional Block Diagram
8.2.1 Simplified Block Diagram of Device
Copyright © 2001–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: PCF8574


Similar Part No. - PCF8574PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCF8574PW TI-PCF8574PW Datasheet
943Kb / 23P
[Old version datasheet]   REMOTE 8-BIT I/O EXPANDER FOR I2C BUS
PCF8574PW TI-PCF8574PW Datasheet
1Mb / 26P
[Old version datasheet]   REMOTE 8-BIT I/O EXPANDER FOR I2C BUS
PCF8574PW TI-PCF8574PW Datasheet
959Kb / 26P
[Old version datasheet]   REMOTE 8-BIT I/O EXPANDER FOR I2C BUS
PCF8574PWE4 TI-PCF8574PWE4 Datasheet
943Kb / 23P
[Old version datasheet]   REMOTE 8-BIT I/O EXPANDER FOR I2C BUS
PCF8574PWE4 TI-PCF8574PWE4 Datasheet
1Mb / 26P
[Old version datasheet]   REMOTE 8-BIT I/O EXPANDER FOR I2C BUS
More results

Similar Description - PCF8574PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCF8574 TI-PCF8574_07 Datasheet
943Kb / 23P
[Old version datasheet]   REMOTE 8-BIT I/O EXPANDER FOR I2C BUS
PCF8574A TI-PCF8574A_05 Datasheet
771Kb / 21P
[Old version datasheet]   REMOTE 8-BIT I/O EXPANDER FOR I2C BUS
logo
List of Unclassifed Man...
HLF8574 ETC-HLF8574 Datasheet
1Mb / 12P
   Remote 8-bit I/O expander for I2C-bus
logo
NXP Semiconductors
PCF8574 PHILIPS-PCF8574 Datasheet
156Kb / 24P
   Remote 8-bit I/O expander for I2C-bus
1997 Apr 02
logo
Texas Instruments
PCF8574 TI-PCF8574_10 Datasheet
959Kb / 26P
[Old version datasheet]   REMOTE 8-BIT I/O EXPANDER FOR I2C BUS
PCF8574 TI-PCF8574_08 Datasheet
1Mb / 26P
[Old version datasheet]   REMOTE 8-BIT I/O EXPANDER FOR I2C BUS
logo
NXP Semiconductors
PCF8574 PHILIPS-PCF8574_02 Datasheet
138Kb / 24P
   Remote 8-bit I/O expander for I2C-bus
2002 Nov 22
PCF8574PN PHILIPS-PCF8574PN Datasheet
132Kb / 24P
   Remote 8-bit I/O expander for I2C-bus
1997 Apr 02
logo
Texas Instruments
PCF8574A TI-PCF8574A_10 Datasheet
683Kb / 21P
[Old version datasheet]   REMOTE 8-BIT I/O EXPANDER FOR I2C BUS
logo
NXP Semiconductors
PCF8575 PHILIPS-PCF8575 Datasheet
105Kb / 24P
   Remote 16-bit I/O expander for I2C-bus
1999 Apr 07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com