Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65HVD1780QDRQ1 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD1780QDRQ1
Description  Fault-Protected RS-485 Transceivers
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65HVD1780QDRQ1 Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN65HVD1780QDRQ1 Datasheet HTML 5Page - Texas Instruments SN65HVD1780QDRQ1 Datasheet HTML 6Page - Texas Instruments SN65HVD1780QDRQ1 Datasheet HTML 7Page - Texas Instruments SN65HVD1780QDRQ1 Datasheet HTML 8Page - Texas Instruments SN65HVD1780QDRQ1 Datasheet HTML 9Page - Texas Instruments SN65HVD1780QDRQ1 Datasheet HTML 10Page - Texas Instruments SN65HVD1780QDRQ1 Datasheet HTML 11Page - Texas Instruments SN65HVD1780QDRQ1 Datasheet HTML 12Page - Texas Instruments SN65HVD1780QDRQ1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
0.5V
3V
0V
V
OH
» 0V
t
PHZ
t
PZH
50%
50%
V
I
V
O
50%
90%
R =110
L
W
± 1%
Input
Generator
50 W
3V
S1
C =50pF
L
±20%
C IncludesFixture
L
andInstrumentation
Capacitance
D
A
B
DE
V
O
V
I
S0304-01
V
OD
RL =54
1%
W
±
50 W
t
PLH
t
PHL
50%
50%
3V
» 2V
» –2V
90%
10%
0V
V
I
V
OD
t
r
t
f
C =50pF 20%
L
±
C IncludesFixture
L
andInstrumentation
Capacitance
D
A
B
DE
V
CC
V
I
Input
Generator
90%
0V
10%
S0303-01
V
OC
27
1%
W ±
27
1%
W ±
Input
A
B
V
A
V
B
V
OC(PP)
DVOC(SS)
V
OC
C =50pF
L
±20%
D
A
B
DE
V
CC
C IncludesFixtureand
L
InstrumentationCapacitance
S0302-01
60
1%
W ±
V
OD
0Vor3V
_
+
–7V<V(test)<12V
DE
V
CC
A
B
D
375
1%
W ±
375
1%
W ±
S0301-02
9
SN65HVD1780-Q1, SN65HVD1781-Q1, SN65HVD1782-Q1
www.ti.com
SLLSE49B – SEPTEMBER 2010 – REVISED JANUARY 2016
Product Folder Links: SN65HVD1780-Q1 SN65HVD1781-Q1 SN65HVD1782-Q1
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
7 Parameter Measurement Information
Input generator rate is 100 kbps, 50% duty cycle, rise and fall times less than 6 ns, output impedance 50
Ω.
Figure 6. Measurement of Driver Differential Output Voltage With Common-Mode Load
Figure 7. Measurement of Driver Differential and Common-Mode Output With RS-485 Load
Figure 8. Measurement of Driver Differential Output Rise and Fall Times and Propagation Delays
NOTE: D at 3 V to test non-inverting output, D at 0 V to test inverting output.
Figure 9. Measurement of Driver Enable and Disable Times With Active High Output and Pulldown Load


Similar Part No. - SN65HVD1780QDRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD1780 TI-SN65HVD1780 Datasheet
514Kb / 15P
[Old version datasheet]   70-V Fault-Protected RS-485 Transceivers
SN65HVD1780 TI-SN65HVD1780 Datasheet
553Kb / 19P
[Old version datasheet]   70-V Fault-Protected RS-485 Transceivers with 3.3-V to 5-V Operation
SN65HVD1780D TI-SN65HVD1780D Datasheet
553Kb / 19P
[Old version datasheet]   70-V Fault-Protected RS-485 Transceivers with 3.3-V to 5-V Operation
SN65HVD1780DG4 TI-SN65HVD1780DG4 Datasheet
553Kb / 19P
[Old version datasheet]   70-V Fault-Protected RS-485 Transceivers with 3.3-V to 5-V Operation
SN65HVD1780DR TI-SN65HVD1780DR Datasheet
553Kb / 19P
[Old version datasheet]   70-V Fault-Protected RS-485 Transceivers with 3.3-V to 5-V Operation
More results

Similar Description - SN65HVD1780QDRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD1785 TI-SN65HVD1785 Datasheet
668Kb / 19P
[Old version datasheet]   70-V Fault-Protected RS-485 Transceivers
SU65HVD1785 TI-SU65HVD1785 Datasheet
676Kb / 21P
[Old version datasheet]   70-V Fault-Protected RS-485 Transceivers
SN65HVD1780 TI-SN65HVD1780 Datasheet
514Kb / 15P
[Old version datasheet]   70-V Fault-Protected RS-485 Transceivers
logo
Intersil Corporation
ISL32483E INTERSIL-ISL32483E Datasheet
838Kb / 17P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers
ISL32470E INTERSIL-ISL32470E Datasheet
1Mb / 19P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
ISL31470E INTERSIL-ISL31470E_10 Datasheet
570Kb / 21P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL31470E RENESAS-ISL31470E Datasheet
1Mb / 21P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
logo
Texas Instruments
SN65HVD1785 TI-SN65HVD1785_10 Datasheet
656Kb / 24P
[Old version datasheet]   Fault-Protected RS-485 Transceivers With Extended Common-Mode Range
SN65HVD1785_101 TI-SN65HVD1785_101 Datasheet
768Kb / 26P
[Old version datasheet]   Fault-Protected RS-485 Transceivers With Extended Common-Mode Range
SN65HVD1792-EP TI1-SN65HVD1792-EP Datasheet
869Kb / 20P
[Old version datasheet]   Fault-Protected RS-485 Transceivers With Extended Common-Mode Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com