Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65HVD11SJD Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD11SJD
Description  3.3-V RS-485 Transceiver
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65HVD11SJD Datasheet(HTML) 3 Page - Texas Instruments

  SN65HVD11SJD Datasheet HTML 1Page - Texas Instruments SN65HVD11SJD Datasheet HTML 2Page - Texas Instruments SN65HVD11SJD Datasheet HTML 3Page - Texas Instruments SN65HVD11SJD Datasheet HTML 4Page - Texas Instruments SN65HVD11SJD Datasheet HTML 5Page - Texas Instruments SN65HVD11SJD Datasheet HTML 6Page - Texas Instruments SN65HVD11SJD Datasheet HTML 7Page - Texas Instruments SN65HVD11SJD Datasheet HTML 8Page - Texas Instruments SN65HVD11SJD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
8
5
4
1
R
RE
DE
D
VCC
B
A
GND
1
2
3
4
8
7
6
5
R
RE
DE
D
VCC
B
A
GND
SN65HVD11-HT
www.ti.com
SLLS934F – NOVEMBER 2008 – REVISED NOVEMBER 2015
5 Pin Configuration and Functions
D, JD, or HKJ Package
HKQ Package
8-Pin SOIC, PDIP, or CFP
8-Pin CFP
Top View
Top View
Pin Functions
PIN
TYPE
DESCRIPTION
SOIC,
NAME
HKQ
PDIP
A
6
6
Bus input/output
Driver output or receiver input (complementary to B)
B
7
7
Bus input/output
Driver output or receiver input (complementary to A)
D
4
4
Digital input
Driver data input
DE
3
3
Digital input
Active-high driver enable
Reference
GND
5
5
Local device ground
potential
R
1
1
Digital output
Receive data output
RE
2
2
Digital input
Active-low receiver enable
VCC
8
8
Supply
3-V to 3.6-V supply
Bare Die Information
BACKSIDE
BOND PAD
DIE THICKNESS
BACKSIDE FINISH
POTENTIAL
METALLIZATION COMPOSITION
15 mils.
Silicon with backgrind
GND
Cu-Ni-Pd
Bond Pad Coordinates in Microns - Rev A
DESCRIPTION(1)
PAD NUMBER
a
b
c
d
R
1
69.3
372.15
185.3
489.15
~RE
2
388.75
71.5
503.75
186.5
DNC
3
722.4
55.4
839.4
172.4
DNC
4
891.4
55.4
1008.4
172.4
DE
5
1174.8
71.5
1289.8
186.5
DNC
6
1754.35
65.4
1869.35
180.4
DNC
7
1907.35
65.4
2022.35
180.4
D
8
2280.55
69.5
2395.55
184.5
DNC
9
2733.5
371.5
2848.5
486.5
GND
10
2691
1693.1
2808
1810.1
GND
11
2535
1693.1
2652
1810.1
DNC
12
2253.45
1685.65
2368.45
1800.65
A
13
1961.55
1693.1
2078.55
1810.1
B
14
799.55
1693.1
916.55
1810.1
DNC
15
498.35
1681.2
613.35
1796.2
VCC
16
244.8
1668.5
359.8
1783.5
(1)
DNC = Do Not Connect
Copyright © 2008–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: SN65HVD11-HT


Similar Part No. - SN65HVD11SJD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD11SJD TI1-SN65HVD11SJD Datasheet
588Kb / 30P
[Old version datasheet]   3.3-V RS-485 TRANSCEIVER
More results

Similar Description - SN65HVD11SJD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD11-HT TI1-SN65HVD11-HT Datasheet
588Kb / 30P
[Old version datasheet]   3.3-V RS-485 TRANSCEIVER
SN75HVD11DR TI-SN75HVD11DR Datasheet
908Kb / 28P
[Old version datasheet]   3.3-V RS-485 TRANSCEIVERS
SN65HVD10 TI-SN65HVD10_08 Datasheet
527Kb / 25P
[Old version datasheet]   3.3-V RS-485 TRANSCEIVERS
SN65HVD10-EP TI-SN65HVD10-EP Datasheet
352Kb / 22P
[Old version datasheet]   3.3 V RS-485 TRANSCEIVERS
SN65HVD11DR TI-SN65HVD11DR Datasheet
559Kb / 28P
[Old version datasheet]   3.3-V RS-485 TRANSCEIVERS
SN65HVD10-EP TI1-SN65HVD10-EP_14 Datasheet
691Kb / 26P
[Old version datasheet]   3.3 V RS-485 TRANSCEIVERS
logo
Analog Devices
ADM3493 AD-ADM3493 Datasheet
331Kb / 12P
   3.3 V Slew Rate Limited, Half Duplex RS-485/RS-422 Transceiver
REV. 0
ADM3493 AD-ADM3493_15 Datasheet
341Kb / 12P
   3.3 V Slew Rate Limited, Half Duplex RS-485/RS-422 Transceiver
Rev. 0
logo
Mitsubishi Electric Sem...
M75176P MITSUBISHI-M75176P Datasheet
166Kb / 9P
   RS-485 TRANSCEIVER
logo
Texas Instruments
SN65HVD70 TI1-SN65HVD70 Datasheet
1Mb / 41P
[Old version datasheet]   3.3-V Full-Duplex RS-485 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com