Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTS707 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # BTS707
Description  Smart Two Channel Highside Power Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS707 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button BTS707 Datasheet HTML 2Page - Infineon Technologies AG BTS707 Datasheet HTML 3Page - Infineon Technologies AG BTS707 Datasheet HTML 4Page - Infineon Technologies AG BTS707 Datasheet HTML 5Page - Infineon Technologies AG BTS707 Datasheet HTML 6Page - Infineon Technologies AG BTS707 Datasheet HTML 7Page - Infineon Technologies AG BTS707 Datasheet HTML 8Page - Infineon Technologies AG BTS707 Datasheet HTML 9Page - Infineon Technologies AG BTS707 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
BTS 707
Semiconductor Group
6
2003-Oct-01
Truth Table
Channel 1
Input 1
Output 1
Status 1
Channel 2
Input 2
Output 2
Status 2
level
level
BTS 707
Normal
operation
L
H
L
H
L
H
Open load
L
H
Z
H
H
H
Short circuit
to GND
L
H
L
L
L
L
Short circuit
to Vbb
L
H
H
H
H
H
Overtem-
perature
L
H
L
L
L
L
Under-
voltage
L
H
L
L
L
L
Overvoltage
no overvoltage shutdown,
see normal operation
Parallel switching of channel 1 and 2 is easily possible by connecting the inputs and outputs in parallel. The
status outputs ST1 and ST2 have to be configured as a 'Wired OR' function with a single pull-up resistor.
Terms
PROFET
IN1
ST1
OUT1
GND1
Vbb
VST1
VIN1
IIN1
V
bb
IL1
VOUT1
IGND1
VON1
2
3
4
Leadframe
17,18
Ibb
IST1
RGND1
Chip 1
PROFET
IN2
ST2
OUT2
GND2
Vbb
VST2
V
IN2
IIN2
IL2
VOUT2
IGND2
VON2
6
7
8
Leadframe
13,14
IST2
RGND2
Chip 2
Leadframe (Vbb) is connected to pin 1,10,11,12,15,16,19,20
External RGND optional; two resistors RGND1, RGND2 = 150 Ω or a single resistor RGND = 75 Ω for reverse
battery protection up to the max. operating voltage.


Similar Part No. - BTS707

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BTS707 SIEMENS-BTS707 Datasheet
162Kb / 12P
   Smart Two Channel Highside Power Switch (Overload protection Current limitation Short-circuit protection Thermal shutdown)
More results

Similar Description - BTS707

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BTS611L1 SIEMENS-BTS611L1 Datasheet
191Kb / 14P
   Smart Two Channel Highside Power Switch
logo
Infineon Technologies A...
BTS611L1 INFINEON-BTS611L1 Datasheet
312Kb / 15P
   Smart Two Channel Highside Power Switch
2003-Oct-01
BTS612N1 INFINEON-BTS612N1 Datasheet
308Kb / 15P
   Smart Two Channel Highside Power Switch
2003-Oct-01
BTS621L1 INFINEON-BTS621L1 Datasheet
337Kb / 15P
   Smart Two Channel Highside Power Switch
2003-Oct-01
ITS621L1 INFINEON-ITS621L1 Datasheet
306Kb / 14P
   Smart Two Channel Highside Power Switch for Industrial Applications
2006-Mar-28
ITS612N1 INFINEON-ITS612N1 Datasheet
314Kb / 14P
   Smart Two Channel Highside Power Switch For Industrial Applications
2006-Mar-28
logo
Siemens Semiconductor G...
BTS410-D2 SIEMENS-BTS410-D2 Datasheet
182Kb / 14P
   Smart Highside Power Switch
logo
Infineon Technologies A...
BTS308 INFINEON-BTS308 Datasheet
298Kb / 14P
   Smart Highside Power Switch
2003-Oct-01
BTS442E2 INFINEON-BTS442E2 Datasheet
284Kb / 14P
   Smart Highside Power Switch
2003-Oct-01
BTS6143D INFINEON-BTS6143D_07 Datasheet
683Kb / 18P
   Smart Highside Power Switch
Rev. 1.0, 2007-02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com