Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65HVD265DR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD265DR
Description  Turbo CAN Transceivers
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65HVD265DR Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN65HVD265DR Datasheet HTML 3Page - Texas Instruments SN65HVD265DR Datasheet HTML 4Page - Texas Instruments SN65HVD265DR Datasheet HTML 5Page - Texas Instruments SN65HVD265DR Datasheet HTML 6Page - Texas Instruments SN65HVD265DR Datasheet HTML 7Page - Texas Instruments SN65HVD265DR Datasheet HTML 8Page - Texas Instruments SN65HVD265DR Datasheet HTML 9Page - Texas Instruments SN65HVD265DR Datasheet HTML 10Page - Texas Instruments SN65HVD265DR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
SN65HVD265, SN65HVD266, SN65HVD267
www.ti.com
SLLSEI3A – SEPTEMBER 2013 – REVISED NOVEMBER 2015
Electrical Characteristics (continued)
Over recommended operating conditions (unless otherwise noted): TA = –40°C to 125°C, SN65HVD266 device VRXD = VCC.
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
DRIVER ELECTRICAL CHARACTERISTICS (CONTINUED)
See Figure 14 and Figure 10, VCANH =
–160
0 V, CANL = open, TXD = 0 V
Short circuit steady-state output current,
IOS(SS_DOM)
mA
Dominant
See Figure 14 and Figure 10, VCANL =
160
32 V, CANH = open, TXD = 0 V
See Figure 14 and Figure 10, –20 V
Short circuit steady-state output current,
VBUS ≤ 32 V, Where VBUS = CANH =
IOS(SS_REC)
–8
8
mA
Recessive
CANL, TXD = VCC, Normal and Silent
Modes
RECEIVER ELECTRICAL CHARACTERISTICS
Positive-going input threshold voltage,
VIT+
900
mV
normal mode
See Figure 5, Table 6 and Table 1
Negative-going input threshold voltage,
VIT–
500
mV
normal mode
VHYS
Hysteresis voltage (VIT+ - VIT–)
125
mV
Power-off (unpowered) bus input leakage
CANH = CANL = 5 V, VCC = 0 V, V(RXD)
Ilkg(IOFF)
5.5
µA
current
= 0 V
Input capacitance to ground (CANH or
TXD = VCC, V(RXD) = VCC, VI = 0.4 sin
CI
25
pF
CANL)
(4E6
π t) + 2.5 V
TXD = VCC, V(RXD) = VCC, VI = 0.4 sin
CID
Differential input capacitance
10
pF
(4E6
π t)
RID
Differential input resistance
30
80
k
TXD = VCC = V(RXD) = 5 V, S = 0 V
RIN
Input resistance (CANH or CANL)
15
40
k
Input resistance matching:
RIN(M)
V(CANH) = V(CANL), –40°C ≤ TA ≤ 85°C
–3%
3%
[1 – RIN(CANH) / RIN(CANL)] × 100%
FAULT terminal (Fault Output), SN65HVD267 only
ICH
Output current high level
FAULT = VCC, See Figure 3
–10
10
µA
ICL
Output current low level
FAULT = 0.4 V, See Figure 3
5
12
mA
POWER DISSIPATION
VCC = 5 V, VRXD = 5 V, TJ = 27°C, RL
= 60
Ω, S at 0 V, Input to TXD at 250
kHz, 25% duty cycle square wave,
115
CL_RXD = 15 pF. Typical CAN
operating conditions at 500kbps with
25% transmission (dominant) rate.
PD
Average power dissipation
mW
VCC = 5.5 V, VRXD = 5.5 V, TJ = 150°C,
RL = 50 Ω, S at 0 V, Input to TXD at
500 kHz, 50% duty cycle square wave,
CL_RXD = 15 pF. Typical high load
268
CAN operating conditions at 1mbps
with 50% transmission (dominant) rate
and loaded network.
THERMAL SHUTDOWN
Thermal shutdown temperature
170
°C
Thermal shutdown hysteresis
5
°C
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: SN65HVD265 SN65HVD266 SN65HVD267


Similar Part No. - SN65HVD265DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD2 TI-SN65HVD2 Datasheet
527Kb / 25P
[Old version datasheet]   EXTENDED COMMON-MODE RS-485 TRANSCEIVERS
SN65HVD20 TI-SN65HVD20 Datasheet
527Kb / 25P
[Old version datasheet]   EXTENDED COMMON-MODE RS-485 TRANSCEIVERS
SN65HVD20 TI-SN65HVD20 Datasheet
581Kb / 28P
[Old version datasheet]   EXTENDED COMMON-MODE RS-485 TRANSCEIVERS
SN65HVD20 TI-SN65HVD20 Datasheet
517Kb / 24P
[Old version datasheet]   Extended Common-Mode RS-485 Transceivers
SN65HVD20 TI-SN65HVD20 Datasheet
785Kb / 30P
[Old version datasheet]   Extended Common-Mode RS-485 Transceivers
More results

Similar Description - SN65HVD265DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD256DR TI-SN65HVD256DR Datasheet
909Kb / 28P
[Old version datasheet]   Turbo CAN Transceivers for Higher Data Rates and Large Networks Including Features
TCAN330 TI1-TCAN330 Datasheet
1Mb / 39P
[Old version datasheet]   CAN Transceivers
SN65HVD252 TI1-SN65HVD252_13 Datasheet
804Kb / 18P
[Old version datasheet]   DeviceNet CAN Transceivers
SN65HVD252 TI1-SN65HVD252 Datasheet
585Kb / 17P
[Old version datasheet]   DeviceNet??CAN Transceivers
SN65HVD230 TI-SN65HVD230 Datasheet
416Kb / 29P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD232QDRG4Q1 TI1-SN65HVD232QDRG4Q1 Datasheet
429Kb / 30P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD234DRG4 TI-SN65HVD234DRG4 Datasheet
532Kb / 31P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD233 TI-SN65HVD233 Datasheet
345Kb / 27P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230QDRG4Q1 TI-SN65HVD230QDRG4Q1 Datasheet
429Kb / 30P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD233 TI-SN65HVD233_08 Datasheet
468Kb / 26P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com