Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65DSI86IPAPQ1 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN65DSI86IPAPQ1
Description  MIPI DSI to eDP Bridge
Download  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65DSI86IPAPQ1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN65DSI86IPAPQ1 Datasheet HTML 2Page - Texas Instruments SN65DSI86IPAPQ1 Datasheet HTML 3Page - Texas Instruments SN65DSI86IPAPQ1 Datasheet HTML 4Page - Texas Instruments SN65DSI86IPAPQ1 Datasheet HTML 5Page - Texas Instruments SN65DSI86IPAPQ1 Datasheet HTML 6Page - Texas Instruments SN65DSI86IPAPQ1 Datasheet HTML 7Page - Texas Instruments SN65DSI86IPAPQ1 Datasheet HTML 8Page - Texas Instruments SN65DSI86IPAPQ1 Datasheet HTML 9Page - Texas Instruments SN65DSI86IPAPQ1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 81 page
background image
SN65DSI86-Q1
SLLSEJ5A – JULY 2014 – REVISED DECEMBER 2015
www.ti.com
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VCCA, VCC
–0.3
1.3
Supply voltage
V
VCCIO, VPLL
–0.3
2.175
Input voltage
All input terminals
–0.5
2.175
V
Operating temperature
–40
85
°C
Storage temperature, Tstg
–65
105
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
7.2 Handling Ratings
MIN
MAX
UNIT
Tstg
Storage temperature range
–65
150
°C
Human body model (HBM), per AEC Q100-002 Classification
–2000
2000
Level H2, all pins(1)
V(ESD)
Electrostatic discharge
V
Charged device model (CDM), per
Corner pins
–750
750
AEC Q100-011 Classification Level
Other pins
–500
500
C4B
(1)
AEC Q100-002 indicates HBM stressing is done in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VCCA
VCCA Power supply; analog circuits
1.14
1.2
1.26
V
VCC
VCC Power supply; digital circuits
1.14
1.2
1.26
V
VCCIO
VCCIO Power Supply; digital IOs.
1.65
1.8
1.98
V
VPLL
VPLL Power Supply, DisplayPort PLL
1.65
1.8
1.98
V
VPSN
Supply noise on any VCC terminal
f(noise) > 1 MHz
0.05
V
VDSI_PIN
DSI input pin voltage range
–50
1350
mV
f(I2C)
Local I2C input frequency
400
kHz
fHS_CLK
DSI HS clock input frequency
40
750
MHz
ZL
DP output differential load impedance
90
110
Ω
TA
Operating free-air temperature
–40
85
°C
TJ
Operating junction temperature
–40
105
°C
7.4 Thermal Information
SN65DSI86-Q1
THERMAL METRIC(1)
PAP
UNIT
64 TERMINALS
RθJA
Junction-to-ambient thermal resistance
35.5
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
17.7
°C/W
RθJB
Junction-to-board thermal resistance
19.5
°C/W
ψJT
Junction-to-top thermal resistance metric (High-K board(1))
0.7
°C/W
ψJB
Junction-to-board thermal resistance metric (High-K board(1))
19.4
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
1.7
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
6
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: SN65DSI86-Q1


Similar Part No. - SN65DSI86IPAPQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65DSI86 TI-SN65DSI86 Datasheet
990Kb / 68P
[Old version datasheet]   Embedded DisplayPort (eDP) 1.4 Compliant Supporting 1, 2, or 4 Lanes at 1.62Gbps (RBR)
SN65DSI86 TI-SN65DSI86 Datasheet
2Mb / 85P
[Old version datasheet]   SN65DSI86 MIPI짰 DSI to eDP??Bridge
SN65DSI86-Q1 TI-SN65DSI86-Q1 Datasheet
2Mb / 85P
[Old version datasheet]   SN65DSI86 MIPI짰 DSI to eDP??Bridge
SN65DSI86ZQER TI-SN65DSI86ZQER Datasheet
990Kb / 68P
[Old version datasheet]   Embedded DisplayPort (eDP) 1.4 Compliant Supporting 1, 2, or 4 Lanes at 1.62Gbps (RBR)
SN65DSI86ZQER TI-SN65DSI86ZQER Datasheet
2Mb / 85P
[Old version datasheet]   SN65DSI86 MIPI짰 DSI to eDP??Bridge
More results

Similar Description - SN65DSI86IPAPQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65DSI86 TI-SN65DSI86_V01 Datasheet
2Mb / 85P
[Old version datasheet]   SN65DSI86 MIPI짰 DSI to eDP??Bridge
SN65DSI85-Q1 TI1-SN65DSI85-Q1 Datasheet
194Kb / 7P
[Old version datasheet]   MIPI DSI Bridge to FlatLink LVDS Dual-Channel DSI to Dual-Link LVDS Bridge
SN65DSI83 TI-SN65DSI83 Datasheet
1Mb / 34P
[Old version datasheet]   MIPI DSI BRIDGE TO FLATLINK LVDS Single Channel DSI to Single-Link LVDS Bridge
SN65DSI84 TI-SN65DSI84 Datasheet
1Mb / 37P
[Old version datasheet]   MIPI DSI BRIDGE TO FLATLINK LVDS Single Channel DSI to Dual-Link LVDS Bridge
SN65DSI85 TI-SN65DSI85 Datasheet
1Mb / 45P
[Old version datasheet]   MIPI DSI BRIDGE TO FLATLINK LVDS Dual Channel DSI to Dual-Link LVDS Bridge
logo
Analog Devices
ADV7533 AD-ADV7533 Datasheet
224Kb / 12P
   MIPI/DSI Receiver
REV. 0
logo
Texas Instruments
SN65DSI84-Q1 TI1-SN65DSI84-Q1 Datasheet
779Kb / 52P
[Old version datasheet]   Automotive Single-Channel MIPI DSI to Dual-Link LVDS Bridge
logo
NXP Semiconductors
PTN3460 NXP-PTN3460 Datasheet
417Kb / 32P
   eDP to LVDS bridge IC
Rev. 4-12 March 2014
logo
Analog Devices
ADV7535 AD-ADV7535 Datasheet
56Kb / 2P
   MIPI/DSI Receiver with HDMI Transmitter
logo
STMicroelectronics
STM32F469 STMICROELECTRONICS-STM32F469 Datasheet
588Kb / 2P
   World?셲 first MIPI-DSI MCU
July 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com