Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P82B96DGKR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # P82B96DGKR
Description  I2C Compatible Dual Bidirectional Bus Buffer
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

P82B96DGKR Datasheet(HTML) 5 Page - Texas Instruments

  P82B96DGKR Datasheet HTML 1Page - Texas Instruments P82B96DGKR Datasheet HTML 2Page - Texas Instruments P82B96DGKR Datasheet HTML 3Page - Texas Instruments P82B96DGKR Datasheet HTML 4Page - Texas Instruments P82B96DGKR Datasheet HTML 5Page - Texas Instruments P82B96DGKR Datasheet HTML 6Page - Texas Instruments P82B96DGKR Datasheet HTML 7Page - Texas Instruments P82B96DGKR Datasheet HTML 8Page - Texas Instruments P82B96DGKR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
P82B96
www.ti.com
SCPS144C – MAY 2006 – REVISED MAY 2015
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VCC
Supply voltage on VCC pin
–0.3
18
V
Sx or Sy (SDA or SCL)
–0.3
18
VI
Voltage on buffered input
V
Rx or Ry
–0.3
18
Sx or Sy (SDA or SCL)
–0.3
18
VO
Voltage on buffered output
V
Tx or Ty
–0.3
18
Sx or Sy
250
IO
Continuous output current
mA
Tx or Ty
250
ICC
Continuous current through VCC or GND
250
mA
TA
Operating free-air temperature
–40
85
°C
Tstg
Storage temperature
–55
125
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
7.2 ESD Ratings
VALUE
UNIT
Human Body Model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±3500
Charged-Device Model (CDM), per JEDEC specification JESD22-
±1000
V(ESD)
Electrostatic discharge
V
C101(2)
Machine Model (MM), per JEDEC specification JESD22-A115-A
±200
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.3 Recommended Operating Conditions
MIN
MAX
UNIT
VCC
Supply voltage
2
15
V
Sx, Sy
VSx, VSy = 1 V, VRx, VRy ≤ 0.42 V
3
IOL
Low-level output current
mA
Tx, Ty
VSx, VSy = 0.4 V, VTx, VTy = 0.4 V
30
Sx, Sy
VTx, VTy = 0.4 V
15
VIOmax
Maximum input/output voltage level
V
Tx, Ty
VSx, VSy = 0.4 V
15
VILdiff
Low-level input voltage difference
Sx, Sy
0.4
V
TA
Operating free-air temperature
–40
85
°C
7.4 Thermal Information
P82B96
THERMAL METRIC(1)
D (SOIC)
DGK (VSSOP)
P (PDIP)
PW (TSSOP)
UNIT
8 PINS
8 PINS
8 PINS
8 PINS
RθJA
Junction-to-ambient thermal resistance
109.1
174.3
53.5
173.5
°C/W
RθJC(top) Junction-to-case (top) thermal resistance
61.6
63
44.4
57.6
°C/W
RθJB
Junction-to-board thermal resistance
48.6
94.2
30.6
101.8
°C/W
ψJT
Junction-to-top characterization parameter
19.6
8.1
22.9
5.3
°C/W
ψJB
Junction-to-board characterization parameter
48.2
92.8
30.5
100.2
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: P82B96


Similar Part No. - P82B96DGKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
P82B96DGKR TI-P82B96DGKR Datasheet
458Kb / 26P
[Old version datasheet]   DUAL BIDIRECTIONAL BUS BUFFER
P82B96DGKR TI-P82B96DGKR Datasheet
658Kb / 28P
[Old version datasheet]   DUAL BIDIRECTIONAL BUS BUFFER
P82B96DGKRG4 TI-P82B96DGKRG4 Datasheet
458Kb / 26P
[Old version datasheet]   DUAL BIDIRECTIONAL BUS BUFFER
P82B96DGKRG4 TI-P82B96DGKRG4 Datasheet
658Kb / 28P
[Old version datasheet]   DUAL BIDIRECTIONAL BUS BUFFER
More results

Similar Description - P82B96DGKR

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9600 NXP-PCA9600 Datasheet
499Kb / 30P
   Dual bidirectional bus buffer
Rev. 04-11 November 2009
P82B96 NXP-P82B96 Datasheet
514Kb / 32P
   Dual bidirectional bus buffer
Rev. 08-10 November 2009
logo
Texas Instruments
P82B96 TI-P82B96_09 Datasheet
658Kb / 28P
[Old version datasheet]   DUAL BIDIRECTIONAL BUS BUFFER
logo
NXP Semiconductors
PCA9600 NXP-PCA9600_11 Datasheet
382Kb / 31P
   Dual bidirectional bus buffer
Rev. 5-5 May 2011
P82B96TD-T NXP-P82B96TD-T Datasheet
514Kb / 32P
   Dual bidirectional bus buffer
Rev. 08-10 November 2009
PCA9601 NXP-PCA9601 Datasheet
389Kb / 32P
   Dual bidirectional bus buffer
Rev. 2-6 May 2011
logo
Texas Instruments
P82B96 TI-P82B96 Datasheet
458Kb / 26P
[Old version datasheet]   DUAL BIDIRECTIONAL BUS BUFFER
logo
NXP Semiconductors
P82B96 PHILIPS-P82B96_08 Datasheet
165Kb / 26P
   Dual bidirectional bus buffer
Rev. 06-31 January 2008
logo
Texas Instruments
PCA9515A TI-PCA9515A Datasheet
274Kb / 13P
[Old version datasheet]   DUAL BIDIRECTIONAL I2C BUS AND SMBus REPEATER
PCA9515B TI1-PCA9515B Datasheet
515Kb / 13P
[Old version datasheet]   DUAL BIDIRECTIONAL I2C BUS AND SMBus REPEATER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com