Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH0356SQX-40 Datasheet(PDF) 10 Page - Texas Instruments

Part # LMH0356SQX-40
Description  3-Gbps HD/SD SDI Reclocker with 4:1 Input Mux and FR4 EQs
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH0356SQX-40 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LMH0356SQX-40 Datasheet HTML 6Page - Texas Instruments LMH0356SQX-40 Datasheet HTML 7Page - Texas Instruments LMH0356SQX-40 Datasheet HTML 8Page - Texas Instruments LMH0356SQX-40 Datasheet HTML 9Page - Texas Instruments LMH0356SQX-40 Datasheet HTML 10Page - Texas Instruments LMH0356SQX-40 Datasheet HTML 11Page - Texas Instruments LMH0356SQX-40 Datasheet HTML 12Page - Texas Instruments LMH0356SQX-40 Datasheet HTML 13Page - Texas Instruments LMH0356SQX-40 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
RETIMER / FIFO
VCO / PLL
SDI0
LOCK DETECT
SDO
CONTROL LOGIC
AUTO BYPASS
BYPASS/
O/P MUTE
RATE0
RATE1
50
50
XTAL IN/EXT CLK
XTAL OUT
LOOP FILTER 1
LOOP FILTER 2
SCO_EN
SCO/SDO2
BYPASS
SDI0
SDO
50
50
VCCO
SD/ HD
VCCO
SCO/SDO2
SDI1
SDI1
SDI2
SDI2
SDI3
SDI3
SEL0
SEL1
ENABLE
EQUALIZER
EQUALIZER
EQUALIZER
EQUALIZER
10
LMH0356
SNLS270L – AUGUST 2007 – REVISED JANUARY 2016
www.ti.com
Product Folder Links: LMH0356
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
The LMH0356 3-Gbps HD/SD SDI Reclocker with 4:1 Input Mux and FR4 EQs is used in many types of digital
video signal processing equipment. Supported serial digital video standards are ST-259, ST-292, and ST-424.
Corresponding serial data rates are 270 Mbps, 1.483 Gbps, 1.485 Gbps, 2.967 Gbps, and 2.97 Gbps. DVB-ASI
data at 270 Mbps may also be retimed. The LMH0356 retimes the serial data stream to suppress accumulated
jitter. It provides two low-jitter, differential, serial data outputs. The second output may be selected to output
either serial data or a low-jitter serial data-rate clock. Controls and indicators are: serial clock or second serial
data output select, manual rate select input, SD/HD rate output, lock detect output, auto/manual data bypass and
output mute.
Serial data inputs are CML and LVPECL compatible. Serial data and clock outputs are differential CML and
produce LVPECL compatible levels. The output buffer design can drive AC or DC-coupled, terminated 100-
differential loads. The differential output level is 750 mVP-P into 100-Ω AC- or DC-coupled differential loads. Logic
inputs and outputs are LVCMOS compatible.
The device package is a 48-pin WQFN or a 40-pin WQFN. Both package options have an exposed die attach
pad. The exposed die attach pad is electrically connected to device ground (VEE) and is the primary electrical
terminal for the device. This terminal must be connected to the negative power supply or circuit ground.
8.2 Functional Block Diagram


Similar Part No. - LMH0356SQX-40

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH0356SQ NSC-LMH0356SQ Datasheet
642Kb / 18P
   3Gbps HD/SD SDI Reclocker with 4:1 Input Mux and FR4 EQs
More results

Similar Description - LMH0356SQX-40

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH0356 NSC-LMH0356_08 Datasheet
649Kb / 16P
   3 Gbps HD/SD SDI Reclocker with 4:1 Input Mux and FR4 EQs
LMH0356 NSC-LMH0356 Datasheet
642Kb / 18P
   3Gbps HD/SD SDI Reclocker with 4:1 Input Mux and FR4 EQs
logo
Texas Instruments
LMH0376 TI1-LMH0376 Datasheet
141Kb / 5P
[Old version datasheet]   3 Gbps HD/SD SDI Low Power Reclocker with Integrated Eye Monitor and 4:1 Input Mux
LMH0376 TI-LMH0376_13 Datasheet
295Kb / 36P
[Old version datasheet]   3 Gbps HD/SD SDI Low Power Reclocker with Integrated Eye Monitor and 4:1 Input Mux
logo
National Semiconductor ...
LMH0056 NSC-LMH0056 Datasheet
613Kb / 13P
   HD/SD SDI Reclocker with 4:1 Input Multiplexer
LMH0056 NSC-LMH0056_07 Datasheet
325Kb / 16P
   HD/SD SDI Reclocker with 4:1 Input Multiplexer
logo
Texas Instruments
LMH0056 TI1-LMH0056_15 Datasheet
720Kb / 20P
[Old version datasheet]   HD/SD SDI Reclocker with 4:1 Input Multiplexer
LMH0056 TI1-LMH0056 Datasheet
776Kb / 20P
[Old version datasheet]   LMH0056 HD/SD SDI Reclocker with 4:1 Input Multiplexer
LMH0336 TI1-LMH0336 Datasheet
136Kb / 5P
[Old version datasheet]   3 Gbps HD/SD SDI Low Power Reclocker
logo
National Semiconductor ...
LMH0346 NSC-LMH0346_08 Datasheet
310Kb / 14P
   3 Gbps HD/SD SDI Reclocker with Dual Differential Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com