Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH0356SQE Datasheet(PDF) 4 Page - Texas Instruments

Part # LMH0356SQE
Description  3-Gbps HD/SD SDI Reclocker with 4:1 Input Mux and FR4 EQs
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH0356SQE Datasheet(HTML) 4 Page - Texas Instruments

  LMH0356SQE Datasheet HTML 1Page - Texas Instruments LMH0356SQE Datasheet HTML 2Page - Texas Instruments LMH0356SQE Datasheet HTML 3Page - Texas Instruments LMH0356SQE Datasheet HTML 4Page - Texas Instruments LMH0356SQE Datasheet HTML 5Page - Texas Instruments LMH0356SQE Datasheet HTML 6Page - Texas Instruments LMH0356SQE Datasheet HTML 7Page - Texas Instruments LMH0356SQE Datasheet HTML 8Page - Texas Instruments LMH0356SQE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
1
LMH0356SQ-40
(top view)
VCC
SDI0
SDI0
SCO/SDO2
SCO/SDO2
SDI1
SDI1
ENABLE
SDI2
SDI2
SDI3
SDI3
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
30
29
28
27
26
25
24
23
22
21
40
39
38
37
36
35
34
33
32
31
SDO
SDO
NC
VCC
VCC
VCC
LOCK DET
NC
4
LMH0356
SNLS270L – AUGUST 2007 – REVISED JANUARY 2016
www.ti.com
Product Folder Links: LMH0356
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
RSB Package
40-Pin WQFN
Top View
The exposed die attach pad is the primary negative electrical terminal for this device. It must be connected to the
negative power supply voltage.
Pin Functions
PIN
DESCRIPTION
NAME
WQFN
48 PIN
WQFN
40 PIN
BYPASS/
AUTO BYPASS
15
14
Bypass/Auto Bypass mode select. Bypasses reclocking when high. This pin has
an internal pulldown.
ENABLE
9
8
Device Enable. Powers down device when low. This pin has an internal pullup.
LF1
43
35
Loop Filter.
LF2
44
36
Loop Filter.
LOCK DETECT
24
23
PLL Lock Detect output (active high).
OUTPUT MUTE
16
15
Data and Clock Output Mute input. Mutes the output when low. This pin has an
internal pullup.
RATE0
45
37
Data Rate select input. This pin has an internal pulldown.
RATE1
46
38
Data Rate select input. This pin has an internal pulldown.
SCO/SDO2
28
24
Serial Clock or Serial Data Output 2 Complement.
SCO/SDO2
29
25
Serial Clock or Serial Data Output 2 True.
SCO_EN
37
32
Serial Clock or Serial Data 2 Output select. Sets second output to output the
clock when high and the data when low. This pin has an internal pulldown.
SD/HD
36
31
Data Rate Range output. Output is high for SD and low for HD or 3G.


Similar Part No. - LMH0356SQE

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH0356SQ NSC-LMH0356SQ Datasheet
642Kb / 18P
   3Gbps HD/SD SDI Reclocker with 4:1 Input Mux and FR4 EQs
More results

Similar Description - LMH0356SQE

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH0356 NSC-LMH0356_08 Datasheet
649Kb / 16P
   3 Gbps HD/SD SDI Reclocker with 4:1 Input Mux and FR4 EQs
LMH0356 NSC-LMH0356 Datasheet
642Kb / 18P
   3Gbps HD/SD SDI Reclocker with 4:1 Input Mux and FR4 EQs
logo
Texas Instruments
LMH0376 TI1-LMH0376 Datasheet
141Kb / 5P
[Old version datasheet]   3 Gbps HD/SD SDI Low Power Reclocker with Integrated Eye Monitor and 4:1 Input Mux
LMH0376 TI-LMH0376_13 Datasheet
295Kb / 36P
[Old version datasheet]   3 Gbps HD/SD SDI Low Power Reclocker with Integrated Eye Monitor and 4:1 Input Mux
logo
National Semiconductor ...
LMH0056 NSC-LMH0056 Datasheet
613Kb / 13P
   HD/SD SDI Reclocker with 4:1 Input Multiplexer
LMH0056 NSC-LMH0056_07 Datasheet
325Kb / 16P
   HD/SD SDI Reclocker with 4:1 Input Multiplexer
logo
Texas Instruments
LMH0056 TI1-LMH0056_15 Datasheet
720Kb / 20P
[Old version datasheet]   HD/SD SDI Reclocker with 4:1 Input Multiplexer
LMH0056 TI1-LMH0056 Datasheet
776Kb / 20P
[Old version datasheet]   LMH0056 HD/SD SDI Reclocker with 4:1 Input Multiplexer
LMH0336 TI1-LMH0336 Datasheet
136Kb / 5P
[Old version datasheet]   3 Gbps HD/SD SDI Low Power Reclocker
logo
National Semiconductor ...
LMH0346 NSC-LMH0346_08 Datasheet
310Kb / 14P
   3 Gbps HD/SD SDI Reclocker with Dual Differential Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com