Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTS660P Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # BTS660P
Description  Smart Highside High Current Power Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS660P Datasheet(HTML) 3 Page - Infineon Technologies AG

  BTS660P Datasheet HTML 1Page - Infineon Technologies AG BTS660P Datasheet HTML 2Page - Infineon Technologies AG BTS660P Datasheet HTML 3Page - Infineon Technologies AG BTS660P Datasheet HTML 4Page - Infineon Technologies AG BTS660P Datasheet HTML 5Page - Infineon Technologies AG BTS660P Datasheet HTML 6Page - Infineon Technologies AG BTS660P Datasheet HTML 7Page - Infineon Technologies AG BTS660P Datasheet HTML 8Page - Infineon Technologies AG BTS660P Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Data Sheet BTS660P
Infineon Technologies AG
Page 3
2003-Oct-01
Thermal Characteristics
Parameter and Conditions
Symbol
Values
Unit
min
typ
max
Thermal resistance
chip - case:
RthJC7)
--
--
0.75
K/W
junction - ambient (free air):
RthJA
--
60
--
SMD version, device on PCB
8):
--
33
--
Electrical Characteristics
Parameter and Conditions
Symbol
Values
Unit
at Tj = -40 ... +150 °C, Vbb = 24 V unless otherwise specified
min
typ
max
Load Switching Capabilities and Characteristics
On-state resistance (Tab to pins 1,2,6,7, see
measurement circuit page 7)
IL = 20 A, Tj = 25 °C:
VIN = 0, IL = 20 A, Tj = 150 °C:
RON
--
7.2
14.6
9
17
m
IL = 80 A, Tj = 150 °C:
--
17
Vbb =6V, IL =20A, Tj =150°C: RON(Static)
17
22
Nominal load current
9) (Tab to pins 1,2,6,7)
ISO 10483-1/6.7: VON = 0.5 V, Tc = 85 °C
10
)
IL(ISO)
38
44
--
A
Nominal load current 9), device on PCB 8)
TA = 85 °C, Tj
≤ 150 °C V
ON
≤ 0.5 V,
IL(NOM)
9.9
11.1
--
A
Maximum load current in resistive range
(Tab to pins 1,2,6,7)
VON = 1.8 V, Tc = 25 °C:
see diagram on page 13
VON = 1.8 V, Tc = 150 °C:
IL(Max)
185
105
--
--
--
--
A
Turn-on time
11)
IIN
to 90% VOUT:
Turn-off time
IIN
to 10% VOUT:
RL = 1
, Tj =-40...+150°C
ton
toff
50
30
--
--
400
110
µs
Slew rate on 11) (10 to 30% VOUT )
RL = 1
dV/dton
1.0
1.5
2.2
V/
µs
Slew rate off 11) (70 to 40% VOUT )
RL = 1
-dV/dtoff
1.1
1.9
2.6
V/
µs
7
)
Thermal resistance RthCH case to heatsink (about 0.5 ... 0.9 K/W with silicone paste) not included!
8
)
Device on 50mm*50mm*1.5mm epoxy PCB FR4 with 6cm
2 (one layer, 70
µm thick) copper area for Vbb
connection. PCB is vertical without blown air.
9
)
not subject to production test, specified by design
10
)
TJ is about 105°C under these conditions.
11
)
See timing diagram on page 14.


Similar Part No. - BTS660P

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BTS610L1 SIEMENS-BTS610L1 Datasheet
137Kb / 12P
   Smart Two Channel Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
logo
Infineon Technologies A...
BTS6110-1SJA INFINEON-BTS6110-1SJA Datasheet
1Mb / 24P
   Smart High-Side Power Switch
Rev. 1.1, 2014-11-24
BTS6110-1SJA INFINEON-BTS6110-1SJA_15 Datasheet
1Mb / 24P
   Smart High-Side Power Switch
Rev. 1.1, 2014-11-24
logo
Siemens Semiconductor G...
BTS611L1 SIEMENS-BTS611L1 Datasheet
191Kb / 14P
   Smart Two Channel Highside Power Switch
logo
Infineon Technologies A...
BTS611L1 INFINEON-BTS611L1 Datasheet
312Kb / 15P
   Smart Two Channel Highside Power Switch
2003-Oct-01
More results

Similar Description - BTS660P

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS555-E3146 INFINEON-BTS555-E3146 Datasheet
296Kb / 16P
   Smart Highside High Current Power Switch
2010-June-01
BTS550 INFINEON-BTS550 Datasheet
289Kb / 15P
   Smart Highside High Current Power Switch
2010-June-01
BTS50055-1TMC INFINEON-BTS50055-1TMC Datasheet
296Kb / 17P
   Smart Highside High Current Power Switch
2010-April-27
BTS550P INFINEON-BTS550P Datasheet
279Kb / 15P
   Smart Highside High Current Power Switch
2003-Oct-01
BTS555 INFINEON-BTS555 Datasheet
302Kb / 16P
   Smart Highside High Current Power Switch
2003-Oct-01
BTS6510 INFINEON-BTS6510 Datasheet
263Kb / 15P
   Smart Highside High Current Power Switch
2003-Oct-01
BTS50055-1TMA INFINEON-BTS50055-1TMA Datasheet
304Kb / 18P
   Smart Highside High Current Power Switch
2010-April-27
BTS50085-1TMB INFINEON-BTS50085-1TMB Datasheet
305Kb / 18P
   Smart Highside High Current Power Switch
2008-Jan-24
BTS6510B INFINEON-BTS6510B Datasheet
264Kb / 15P
   Smart Highside High Current Power Switch
2003-Oct-01
BTS555E3146HKSA1 INFINEON-BTS555E3146HKSA1 Datasheet
296Kb / 16P
   Smart Highside High Current Power Switch
2010-June-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com