Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTS660P Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # BTS660P
Description  Smart Highside High Current Power Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS660P Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button BTS660P Datasheet HTML 4Page - Infineon Technologies AG BTS660P Datasheet HTML 5Page - Infineon Technologies AG BTS660P Datasheet HTML 6Page - Infineon Technologies AG BTS660P Datasheet HTML 7Page - Infineon Technologies AG BTS660P Datasheet HTML 8Page - Infineon Technologies AG BTS660P Datasheet HTML 9Page - Infineon Technologies AG BTS660P Datasheet HTML 10Page - Infineon Technologies AG BTS660P Datasheet HTML 11Page - Infineon Technologies AG BTS660P Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Data Sheet BTS660P
Infineon Technologies AG
Page 8
2003-Oct-01
Input circuit (ESD protection)
IN
ZD
IN
I
V bb
Rbb
V
Z,IN
V bIN
V IN
When the device is switched off (IIN = 0) the voltage
between IN and GND reaches almost Vbb. Use a
bipolar or MOS transistor with appropriate breakdown
voltage as driver.
VZ,IN = 74 V (typ).
Short circuit detection
Fault Condition: VON > VON(SC) (6 V typ.) and t> td(SC)
(80 ...300 µs).
Short circuit
detection
Logic
unit
+ Vbb
OUT
V
ON
Current sense status output
IS
IS
R
IS
I
ZD
IS
V
bb
V
bb
R
Z,IS
V
VZ,IS = 74 V (typ.), RIS = 1 kΩ nominal (or 1 kΩ /n, if n
devices are connected in parallel). IS = IL/kilis can be
driven only by the internal circuit as long as Vout - VIS >
5 V. If you want measure load currents up to IL(M), RIS
should be less than
Vbb - 5 V
IL(M) / Kilis
.
Note: For large values of RIS the voltage VIS can reach
almost Vbb. See also over voltage protection.
If you don't use the current sense output in your
application, you can leave it open.
Inductive and over voltage output clamp
+ Vbb
OUT
PROFET
V
Z1
V ON
IS
V
OUT
VON is clamped to VON(Cl) = 62 V typ


Similar Part No. - BTS660P

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BTS610L1 SIEMENS-BTS610L1 Datasheet
137Kb / 12P
   Smart Two Channel Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
logo
Infineon Technologies A...
BTS6110-1SJA INFINEON-BTS6110-1SJA Datasheet
1Mb / 24P
   Smart High-Side Power Switch
Rev. 1.1, 2014-11-24
BTS6110-1SJA INFINEON-BTS6110-1SJA_15 Datasheet
1Mb / 24P
   Smart High-Side Power Switch
Rev. 1.1, 2014-11-24
logo
Siemens Semiconductor G...
BTS611L1 SIEMENS-BTS611L1 Datasheet
191Kb / 14P
   Smart Two Channel Highside Power Switch
logo
Infineon Technologies A...
BTS611L1 INFINEON-BTS611L1 Datasheet
312Kb / 15P
   Smart Two Channel Highside Power Switch
2003-Oct-01
More results

Similar Description - BTS660P

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS555-E3146 INFINEON-BTS555-E3146 Datasheet
296Kb / 16P
   Smart Highside High Current Power Switch
2010-June-01
BTS550 INFINEON-BTS550 Datasheet
289Kb / 15P
   Smart Highside High Current Power Switch
2010-June-01
BTS50055-1TMC INFINEON-BTS50055-1TMC Datasheet
296Kb / 17P
   Smart Highside High Current Power Switch
2010-April-27
BTS550P INFINEON-BTS550P Datasheet
279Kb / 15P
   Smart Highside High Current Power Switch
2003-Oct-01
BTS555 INFINEON-BTS555 Datasheet
302Kb / 16P
   Smart Highside High Current Power Switch
2003-Oct-01
BTS6510 INFINEON-BTS6510 Datasheet
263Kb / 15P
   Smart Highside High Current Power Switch
2003-Oct-01
BTS50055-1TMA INFINEON-BTS50055-1TMA Datasheet
304Kb / 18P
   Smart Highside High Current Power Switch
2010-April-27
BTS50085-1TMB INFINEON-BTS50085-1TMB Datasheet
305Kb / 18P
   Smart Highside High Current Power Switch
2008-Jan-24
BTS6510B INFINEON-BTS6510B Datasheet
264Kb / 15P
   Smart Highside High Current Power Switch
2003-Oct-01
BTS555E3146HKSA1 INFINEON-BTS555E3146HKSA1 Datasheet
296Kb / 16P
   Smart Highside High Current Power Switch
2010-June-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com