Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS125RT410 Datasheet(PDF) 17 Page - Texas Instruments

Part # DS125RT410
Description  Low-Power Multi-Rate Quad Channel Retimer
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS125RT410 Datasheet(HTML) 17 Page - Texas Instruments

Back Button DS125RT410_15 Datasheet HTML 13Page - Texas Instruments DS125RT410_15 Datasheet HTML 14Page - Texas Instruments DS125RT410_15 Datasheet HTML 15Page - Texas Instruments DS125RT410_15 Datasheet HTML 16Page - Texas Instruments DS125RT410_15 Datasheet HTML 17Page - Texas Instruments DS125RT410_15 Datasheet HTML 18Page - Texas Instruments DS125RT410_15 Datasheet HTML 19Page - Texas Instruments DS125RT410_15 Datasheet HTML 20Page - Texas Instruments DS125RT410_15 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 58 page
background image
DS125RT410
www.ti.com
SNLS459A – APRIL 2013 – REVISED OCTOBER 2015
For the entries in Table 3 where the divider ratios are the same for the two groups, the expected PPM count for
the two groups does not have to be the same. Therefore, in ref_mode 3, a single set of register settings can be
used to specify multiple VCO frequencies either with the same divider ratio or with different divider ratios.
7.4.4.1 Ref_mode 3 Mode (Reference Clock Required)
Ref_mode 3 requires an external 25-MHz clock. This mode of operation is set in register 0x36 bits [5:4] = 2'b11
and is the default setting. In ref_mode 3, the external reference clock is used to aid initial phase lock, and to
determine when its VCO is properly phase-locked. An external oscillator should be used to generate a 2.5-V,
25-MHz reference signal that is connected to the DS125RT410 on the reference clock input pin (pin 19). The
DS125RT410 does not include a crystal oscillator circuit, so a stand-alone external oscillator is required.
The reference clock speeds up the initial phase lock acquisition. The DS125RT410 is set to phase lock to a
known data rate, or a constrained set of known data rates, and the digital circuitry in the DS125RT410
preconfigures the VCO frequency. This enables the DS125RT410 phase-lock to the incoming signal very quickly.
The reference clock is used to calibrate the VCO coarse tuning. However, the reference clock is not synchronous
to the data stream, and the quality of the reference clock does not affect the jitter on the output retimed data. The
retimed data clock for each channel is synchronous to the VCO internal to that channel of the DS125RT410.
The phase noise of the reference clock is not critical. Any commercially-available 25-MHz oscillator can provide
an acceptable reference clock. The reference clock can be daisy-chained from one retimer to another so that
only one reference oscillator is required in a system.
7.4.4.2 False Lock Detector Setting
The register 0x2F, bit 1 is set to 1 by default, which disables the false lock detector. This bit must be set to 0 to
enable the false lock detector function.
7.4.4.3 Reference Clock In
REFCLK_IN pin 19 is for reference clock input. A 25-MHz oscillator should be connected to pin 19. See Electrical
Characteristics for the requirements on the 25-MHz clock. The frequency of the reference clock should always be
25 MHz no matter what data rate or mode of operation is used.
7.4.4.4 Reference Clock Out
REFCLK_OUT pin 42 is the reference clock output pin. The DS125RT410 drives a buffered replica of the
25-MHz reference clock input on this output pin. If there are multiple DS125RT410 in the system, the
REFCLK_OUT pin can be directly connected to the REFCLK_IN pin of another DS125RT410 in a daisy chain
connection. The number of devices cascaded in a REF_CLK daisy chain is affected by the effective capacitance
of the board trace connecting the REFCLK_OUT of one device to the REF_IN of the next device. The pulse high
duration at the input of the last device must be greater than 4 ns for proper operation.
In cases of cascading daisy chain with short trace (around 1.5 inches or 5-pf trace capacitance), it is possible to
cascade up to nine devices. In other systems with longer interconnecting trace or more capacitive loading, the
max number of daisy chained devices would be smaller. In a system that requires longer daisy chain, TI
recommends placing an inverted gate after the sixth device. the pre-distorted duty cycle from the inverter allows
for longer daisy chain. a better approach is to break the long daisy chain into two shorter chains, each driven by
a buffer version of the clock and with each chain kept to a maximum of 6. As an example, if there are 12 devices
in the system, the daisy chain connections can be divided into two groups of 6 devices and PCB trace length for
the reference clock output to input connection should be 1.5 inches or less.
7.4.4.5 Driver Output Voltage
The differential output voltage of the DS125RT410 can be configured from a nominal setting of 600-mV peak-to-
peak differential to a nominal setting of 1.3-V peak-to-peak differential, depending upon the application. The
driver output voltage as set is the typical peak-to-peak differential output voltage with no de-emphasis enabled.
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: DS125RT410


Similar Part No. - DS125RT410_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS125RT410 TI-DS125RT410 Datasheet
884Kb / 42P
[Old version datasheet]   DS125RT410 Low Power Multi-Rate Quad Channel Retimer
More results

Similar Description - DS125RT410_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS125DF410 TI1-DS125DF410 Datasheet
214Kb / 5P
[Old version datasheet]   Low Power Multi-Rate Quad Channel Retimer
DS110RT410 TI1-DS110RT410_15 Datasheet
1Mb / 60P
[Old version datasheet]   Low-Power Multi-Rate Quad Channel Retimer
DS110DF410 TI1-DS110DF410_15 Datasheet
1Mb / 61P
[Old version datasheet]   Low Power Multi-Rate Quad Channel Retimer
DS125DF410 TI1-DS125DF410_14 Datasheet
905Kb / 45P
[Old version datasheet]   Low Power Multi-Rate Quad Channel Retimer
DS110DF410 TI1-DS110DF410 Datasheet
213Kb / 5P
[Old version datasheet]   Low Power Multi-Rate Quad Channel Retimer
DS110DF410 TI1-DS110DF410_14 Datasheet
899Kb / 45P
[Old version datasheet]   Low Power Multi-Rate Quad Channel Retimer
DS110RT410 TI-DS110RT410 Datasheet
882Kb / 40P
[Old version datasheet]   DS110RT410 Low Power Multi-Rate Quad Channel Retimer
DS125RT410 TI-DS125RT410 Datasheet
884Kb / 42P
[Old version datasheet]   DS125RT410 Low Power Multi-Rate Quad Channel Retimer
DS125DF410 TI-DS125DF410_13 Datasheet
905Kb / 44P
[Old version datasheet]   DS125DF410 Low Power Multi-Rate Quad Channel Retimer
DS110DF111 TI1-DS110DF111_14 Datasheet
868Kb / 38P
[Old version datasheet]   Low Power Multi-Rate Two Channel Retimer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com