Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS110RT410 Datasheet(PDF) 23 Page - Texas Instruments

Part # DS110RT410
Description  Low-Power Multi-Rate Quad Channel Retimer
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS110RT410 Datasheet(HTML) 23 Page - Texas Instruments

Back Button DS110RT410_15 Datasheet HTML 19Page - Texas Instruments DS110RT410_15 Datasheet HTML 20Page - Texas Instruments DS110RT410_15 Datasheet HTML 21Page - Texas Instruments DS110RT410_15 Datasheet HTML 22Page - Texas Instruments DS110RT410_15 Datasheet HTML 23Page - Texas Instruments DS110RT410_15 Datasheet HTML 24Page - Texas Instruments DS110RT410_15 Datasheet HTML 25Page - Texas Instruments DS110RT410_15 Datasheet HTML 26Page - Texas Instruments DS110RT410_15 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 60 page
background image
DS110RT410
www.ti.com
SNLS460A – MAY 2013 – REVISED OCTOBER 2015
7. Once the controller has determined what condition caused the interrupt, the controller can then take the
appropriate action. For example, the controller might reset the CDR to cause the retimer to re-adapt to the
incoming signal. If there is no longer an incoming signal (indicated by a loss of signal interrupt, bit 0 of
channel register 0x01), then the controller might alert an operator or change the channel configuration. This
is system dependent.
8. Reading the interrupt status registers will clear the interrupt. If this does not cause the interrupt input to go
high, then another device on the same input has generated an interrupt. The controller can address the next
device using the previous procedure.
9. Once all the interrupt registers for all channels for all DS110RT410 devices that generated interrupts have
been read, clearing all the interrupt indications, the INT line should go high again. This indicates that all the
existing interrupt conditions have been serviced.
The channel registers referred to previously, registers 0x01, 0x30, 0x32, and 0x36, are described in the channel
registers table, Table 15.
7.5.8 Overriding the CTLE Boost Setting
Register 0x03, Register 0x13, bit 2, and Register 0x3a
To override the CTLE boost settings, register 0x03 is used. This register contains the currently-applied CTLE
boost settings. The boost values can be overridden by using the two-bit fields in this register as listed in the
table.
The final stage of the CTLE has an additional control bit which sets it to a limiting mode. For some channels, this
additional setting improves the bit error rate performance. This bit is bit 2 of register 0x13.
If the DS110RT410 loses lock because of a change in the CTLE settings, the DS110RT410 will initiate its lock
and adaptation sequence again. Thus, if you write new CTLE boost values to register 0x03 and 0x13 that cause
the DS110RT410 to drop out of lock, the DS110RT410 may, in the process of reacquiring the CDR lock, reset
the CTLE settings to different values than those you set in register 0x03 and 0x13. If this behavior is not
understood, it can appear that the DS110RT410 did not accept the values you wrote to the CTLE boost registers.
What is really happening, however, is that the lock and adaptation sequence is overriding the CTLE values you
wrote to the CTLE boost registers. This will not happen unless the DS110RT410 drops out of lock.
If the adapt mode is set to 0 (bits 6:5 of channel register 0x31), then the CTLE boost values will not be
overridden, but the DS110RT410 may still lose lock. If this happens, the DS110RT410 will attempt to reacquire
lock. if the reference mode is set appropriately, and if the rate/subrate code is set to permit it, the DS110RT410
will begin searching for CDR lock at the highest allowable VCO divider ratio – that is, at the lowest configured bit
rate. At divider values of 4 and 8, the CTLE boost settings used will come not from the values in register 0x03,
and 0x13, but rather from register 0x3a, the fixed CTLE boost setting for lower data rates. This setting will be
written into boost setting register 0x03 during the lock search process. This value may be different from the value
you set in register 0x03, so, again, it may appear that the DS110RT410 has not accepted the CTLE boost
settings you set in registers 0x03 and 0x13. The interactions of the lock and adaptation sequences with the
manually-set CTLE boost settings can be difficult to understand.
To manually override the CTLE boost under all conditions, perform the following steps.
1. Set the DS110RT410 channel adapt mode to 0 by writing 0x0 to bits 6:5 of channel register 0x31.
2. Set the desired CTLE boost setting in register 0x3a. If the DS110RT410 loses lock and attempts to lock to a
lower data rate, it will use this CTLE boost setting.
3. Set the desired CTLE boost setting in register 0x03.
4. Set the desired CTLE boost setting in register 0x40.
5. If desired, set the CTLE stage 3 limiting bit, bit 2 of register 0x13.
If the DS110RT410 loses lock when the CTLE boost settings are set according to the sequence described
previously, the DS110RT410 will try to reacquire lock, but it will not change the CTLE boost settings in order to
do so.
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Links: DS110RT410


Similar Part No. - DS110RT410_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS110RT410SQ/NOPB TI-DS110RT410SQ/NOPB Datasheet
882Kb / 40P
[Old version datasheet]   DS110RT410 Low Power Multi-Rate Quad Channel Retimer
DS110RT410SQ/NOPB TI1-DS110RT410SQ/NOPB Datasheet
1Mb / 61P
[Old version datasheet]   Low Power Multi-Rate Quad Channel Retimer
DS110RT410SQE/NOPB TI-DS110RT410SQE/NOPB Datasheet
882Kb / 40P
[Old version datasheet]   DS110RT410 Low Power Multi-Rate Quad Channel Retimer
DS110RT410SQE/NOPB TI1-DS110RT410SQE/NOPB Datasheet
1Mb / 61P
[Old version datasheet]   Low Power Multi-Rate Quad Channel Retimer
More results

Similar Description - DS110RT410_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS125DF410 TI1-DS125DF410 Datasheet
214Kb / 5P
[Old version datasheet]   Low Power Multi-Rate Quad Channel Retimer
DS110DF410 TI1-DS110DF410_15 Datasheet
1Mb / 61P
[Old version datasheet]   Low Power Multi-Rate Quad Channel Retimer
DS125DF410 TI1-DS125DF410_14 Datasheet
905Kb / 45P
[Old version datasheet]   Low Power Multi-Rate Quad Channel Retimer
DS110DF410 TI1-DS110DF410 Datasheet
213Kb / 5P
[Old version datasheet]   Low Power Multi-Rate Quad Channel Retimer
DS110DF410 TI1-DS110DF410_14 Datasheet
899Kb / 45P
[Old version datasheet]   Low Power Multi-Rate Quad Channel Retimer
DS125RT410 TI1-DS125RT410_15 Datasheet
2Mb / 58P
[Old version datasheet]   Low-Power Multi-Rate Quad Channel Retimer
DS110RT410 TI-DS110RT410 Datasheet
882Kb / 40P
[Old version datasheet]   DS110RT410 Low Power Multi-Rate Quad Channel Retimer
DS125RT410 TI-DS125RT410 Datasheet
884Kb / 42P
[Old version datasheet]   DS125RT410 Low Power Multi-Rate Quad Channel Retimer
DS125DF410 TI-DS125DF410_13 Datasheet
905Kb / 44P
[Old version datasheet]   DS125DF410 Low Power Multi-Rate Quad Channel Retimer
DS110DF111 TI1-DS110DF111_14 Datasheet
868Kb / 38P
[Old version datasheet]   Low Power Multi-Rate Two Channel Retimer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com