Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS100RT410 Datasheet(PDF) 7 Page - Texas Instruments

Part # DS100RT410
Description  Low-Power 10-GbE Quad Channel Retimer
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS100RT410 Datasheet(HTML) 7 Page - Texas Instruments

Back Button DS100RT410_15 Datasheet HTML 3Page - Texas Instruments DS100RT410_15 Datasheet HTML 4Page - Texas Instruments DS100RT410_15 Datasheet HTML 5Page - Texas Instruments DS100RT410_15 Datasheet HTML 6Page - Texas Instruments DS100RT410_15 Datasheet HTML 7Page - Texas Instruments DS100RT410_15 Datasheet HTML 8Page - Texas Instruments DS100RT410_15 Datasheet HTML 9Page - Texas Instruments DS100RT410_15 Datasheet HTML 10Page - Texas Instruments DS100RT410_15 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 56 page
background image
DS100RT410
www.ti.com
SNLS448A – JANUARY 2013 – REVISED OCTOBER 2015
Electrical Characteristics (continued)
over recommended operating supply and temperature ranges with default register settings unless otherwise specified.
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RECEIVER INPUTS (RXPn, RXNn)
VTX2, min
600
mVP-P
See (5)
VTX2, max
1000
mVP-P
Minimum source transmit launch
signal level (IN, diff)
VTX1, max
See (6)
1200
mVP-P
VTX0, max
See (7)
1600
mVP-P
Maximum differential input return
LRI
100 MHz to 6 GHz(8)
–15
dB
loss - |SDD11|
ZD
Differential input impedance
100 MHz to 6 GHz
100
ZS
Single-ended input impedance
100 MHz to 6 GHz
50
DRIVER OUTPUTS (TXPn, TXNn)
Differential measurement with OUT+ and
OUT- terminated by 50
Ω to GND,
AC-Coupled, SMBus register VOD control
VOD0
Differential output voltage
400
675
mVP-P
(Register 0x2d bits 2:0) set to 0, minimum
VOD De-emphasis control set to minimum
(0 dB)
Differential measurement with OUT+ and
OUT- terminated by 50
Ω to GND,
AC-Coupled SMBus register VOD control
VOD7
Differential output voltage
1000
mVP-P
(Register 0x2d bits 2:0) set to 7, maximum
VOD De-emphasis control set to minimum
(0 dB)
Differential measurement with OUT+ and
OUT- terminated by 50
Ω to GND,
AC-Coupled Set by SMBus register control
VOD_DE
De-emphasis level (9)
to maximum de-emphasis setting
–12
dB
Relative to the nominal 0-dB de-emphasis
level set at the minimum de-emphasis
setting
Transition time control = Full slew rate
39
ps
Transition time (rise and fall
tR, tF
times)(9) (10)
Transition time control = Limited slew rate
50
ps
Maximum differential output return
LRO
100 MHz to 6 GHz (8)
–15
dB
loss - |SDD22|
tDP
Propagation delay
Retimed data(11)
300
ps
Measured at VOD = 1000 mVP-P, de-
TDE
De-emphasis pulse duration(12)
75
ps
emphasis setting = –12 dB
TJ
Output total jitter
Measured at BER = 10–12(13)
10
ps
Difference in 50% crossing between TXPn
Intra pair skew
3
ps
and TXNn for any output
TSKEW
Channel-to-channel skew
7
ps
(6)
Differential signal amplitude at the transmitter output providing < 1x10–12 bit error rate. Measured at 10.3125 Gbps with a PRBS-31 data
pattern. Input transmission channel is 40-inch long FR-4 stripline, 4-mil trace width.
(7)
Differential signal amplitude at the transmitter output providing < 1x10–12 bit error rate. Measured at 10.3125 Gbps with a PRBS-31 data
pattern. No input transmission channel.
(8)
Measured with 10-MHz clock pattern output.
(9)
Measured with clock-like {11111 00000} pattern.
(10) Slew rate is controlled by SMBus register settings.
(11) Typical at 10.3125-Gbps bit rate.
(12) De-emphasis pulse width varies with VOD and de-emphasis settings.
(13) Typical with no output de-emphasis, minimum output transmission channel.
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: DS100RT410


Similar Part No. - DS100RT410_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS100RT410 TI1-DS100RT410 Datasheet
556Kb / 5P
[Old version datasheet]   Low Power 10GbE Quad Channel Retimer
More results

Similar Description - DS100RT410_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS100DF410 TI1-DS100DF410 Datasheet
556Kb / 5P
[Old version datasheet]   Low Power 10GbE Quad Channel Retimer
DS100DF410 TI1-DS100DF410_15 Datasheet
1Mb / 57P
[Old version datasheet]   Low Power 10GbE Quad Channel Retimer
DS110RT410 TI1-DS110RT410_15 Datasheet
1Mb / 60P
[Old version datasheet]   Low-Power Multi-Rate Quad Channel Retimer
DS125DF410 TI1-DS125DF410 Datasheet
214Kb / 5P
[Old version datasheet]   Low Power Multi-Rate Quad Channel Retimer
DS110DF410 TI1-DS110DF410_15 Datasheet
1Mb / 61P
[Old version datasheet]   Low Power Multi-Rate Quad Channel Retimer
DS125DF410 TI1-DS125DF410_14 Datasheet
905Kb / 45P
[Old version datasheet]   Low Power Multi-Rate Quad Channel Retimer
DS110DF410 TI1-DS110DF410 Datasheet
213Kb / 5P
[Old version datasheet]   Low Power Multi-Rate Quad Channel Retimer
DS110DF410 TI1-DS110DF410_14 Datasheet
899Kb / 45P
[Old version datasheet]   Low Power Multi-Rate Quad Channel Retimer
DS100DF410 TI-DS100DF410 Datasheet
893Kb / 43P
[Old version datasheet]   DS100DF410 Low Power 10GbE Quad Channel Retimer
DS125RT410 TI1-DS125RT410_15 Datasheet
2Mb / 58P
[Old version datasheet]   Low-Power Multi-Rate Quad Channel Retimer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com