Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90UH948TNKDRQ1 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # DS90UH948TNKDRQ1
Description  FPD-Link III to OpenLDI Deserializer
Download  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS90UH948TNKDRQ1 Datasheet(HTML) 5 Page - Texas Instruments

  DS90UH948TNKDRQ1 Datasheet HTML 1Page - Texas Instruments DS90UH948TNKDRQ1 Datasheet HTML 2Page - Texas Instruments DS90UH948TNKDRQ1 Datasheet HTML 3Page - Texas Instruments DS90UH948TNKDRQ1 Datasheet HTML 4Page - Texas Instruments DS90UH948TNKDRQ1 Datasheet HTML 5Page - Texas Instruments DS90UH948TNKDRQ1 Datasheet HTML 6Page - Texas Instruments DS90UH948TNKDRQ1 Datasheet HTML 7Page - Texas Instruments DS90UH948TNKDRQ1 Datasheet HTML 8Page - Texas Instruments DS90UH948TNKDRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 91 page
background image
5
DS90UH948-Q1
www.ti.com
SNLS473A – OCTOBER 2014 – REVISED JANUARY 2016
Product Folder Links: DS90UH948-Q1
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
Pin Functions (continued)
PIN
I/O, TYPE
DESCRIPTION
NAME
NUMBER
D6-
D6+
26
25
O, LVDS
Channel 6 Differential Output
This pair requires an external 100
Ω termination for LVDS
D7-
D7+
22
21
O, LVDS
Channel 7 Differential Output
This pair requires an external 100
Ω termination for LVDS
FPD-LINK III INTERFACE - Layout note: for unused FPD-LinkIII inputs, float those pins (do not connect to an external pullup or
pulldown)
RIN0-
54
I/O, CML
FPD-Link III Inverting Input/Output
The output must be AC-coupled with a 33 nF capacitor.
RIN0+
53
I/O, CML
FPD-Link III True Input/Output
The output must be AC-coupled with a 33 nF capacitor.
RIN1-
59
I/O, CML
FPD-Link III Inverting Input/Output
The output must be AC-coupled with a 33 nF capacitor.
RIN1+
58
I/O, CML
FPD-Link III True Input/Output
The output must be AC-coupled with a 33 nF capacitor.
CMF
55
I/O, CML
Common Mode Filter. Connect 0.1 µF capacitor to GND
I2C PINS
I2C_SDA
46
I/O, Open-
Drain
I2C Data Input / Output interface
Open drain. Must have an external pull-up resistor to VDDIO DO NOT FLOAT.
Recommended pull-up: 4.7 k
Ω.
I2C_SCL
45
I/O, Open-
Drain
I2C Clock Input / Output Interface
Open drain. Must have an external pull-up resistor to VDDIO DO NOT FLOAT.
Recommended pull-up: 4.7 k
Ω.
IDx
47
I,
Analog
Configuration
Pin
Analog input. I2C Serial Control Bus Device ID Address. Table 10
SPI PINS (Pin function programmed through register) - Layout note: for unused SPI pins, tie to an external pulldown
MOSI
(D_GPIO0)
19
Multi-function
pin
I/O, LVCMOS
w/ weak
internal PD
Master Out, Slave In.
(Pin is shared with D_GPIO0)
MISO
(D_GPIO1)
18
Multi-function
pin
I/O, LVCMOS
w/ weak
internal PD
Master In, Slave Out.
(Pin is shared with D_GPIO1)
SPLK
(D_GPIO2)
17
Multi-function
pin
I/O, LVCMOS
w/ weak
internal PD
Serial clock.
(Pin is shared with D_GPIO2)
SS
(D_GPIO3)
16
Multi-function
pin
I/O, LVCMOS
w/ weak
internal PD
Slave select.
(Pin is shared with D_GPIO3)
CONTROL PINS
MODE_SEL0
61
I,
Analog
Configuration
Pin
Analog input. Mode Select 0. Connect to external pull-up to VDD33 and pull-down to
GND to create a voltage divider. See Configuration Select (MODE_SEL0) Table 8
MODE_SEL1
50
I,
Analog
Configuration
Pin
Analog input. Mode Select 1. Connect to external pull-up to VDD33 and pull-down to
GND to create a voltage divider. See Configuration Select (MODE_SEL1) Table 9


Similar Part No. - DS90UH948TNKDRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90UH940-Q1 TI1-DS90UH940-Q1 Datasheet
1Mb / 87P
[Old version datasheet]   FPD-Link III to CSI-2 Deserializer
DS90UH940N-Q1 TI1-DS90UH940N-Q1 Datasheet
1Mb / 85P
[Old version datasheet]   1080p FPD-Link III to CSI-2 Deserializer With HDCP
DS90UH940N-Q1 TI1-DS90UH940N-Q1 Datasheet
2Mb / 107P
[Old version datasheet]   1080p FPD-Link III to CSI-2 Deserializer With HDCP
DS90UH940N-Q1 TI1-DS90UH940N-Q1_18 Datasheet
2Mb / 107P
[Old version datasheet]   1080p FPD-Link III to CSI-2 Deserializer With HDCP
DS90UH940NTNKDRQ1 TI1-DS90UH940NTNKDRQ1 Datasheet
2Mb / 107P
[Old version datasheet]   1080p FPD-Link III to CSI-2 Deserializer With HDCP
More results

Similar Description - DS90UH948TNKDRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90UB948-Q1 TI1-DS90UB948-Q1_16 Datasheet
1Mb / 88P
[Old version datasheet]   FPD-Link III to OpenLDI Deserializer
DS90UB947-Q1 TI1-DS90UB947-Q1 Datasheet
1Mb / 81P
[Old version datasheet]   1080p OpenLDI to FPD-Link III Serializer
DS90UB954-Q1 TI1-DS90UB954-Q1 Datasheet
196Kb / 6P
[Old version datasheet]   Dual FPD-Link III Deserializer
DS90UH947-Q1 TI1-DS90UH947-Q1 Datasheet
1Mb / 87P
[Old version datasheet]   1080p OpenLDI to FPD-Link III Serializer with HDCP
DS90UB940-Q1 TI1-DS90UB940-Q1 Datasheet
1Mb / 84P
[Old version datasheet]   FPD-Link III to CSI-2 Deserializer
DS90UH940-Q1 TI1-DS90UH940-Q1 Datasheet
1Mb / 87P
[Old version datasheet]   FPD-Link III to CSI-2 Deserializer
DS90UB947N-Q1 TI1-DS90UB947N-Q1 Datasheet
2Mb / 74P
[Old version datasheet]   DS90UB947N-Q1 1080p OpenLDI to FPD-Link III Serializer
DS90UB940N-Q1 TI1-DS90UB940N-Q1 Datasheet
1Mb / 97P
[Old version datasheet]   1080p FPD-Link III to CSI-2 deserializer
DS90UB924-Q1 TI1-DS90UB924-Q1 Datasheet
898Kb / 62P
[Old version datasheet]   5-MHz to 96-MHz 24-bit Color FPD-Link III to OpenLDI Deserializer With Bidirectional Control Channel
DS90UH947N-Q1 TI1-DS90UH947N-Q1 Datasheet
2Mb / 78P
[Old version datasheet]   DS90UH947N-Q1 1080p OpenLDI to FPD-Link III Serializer With HDCP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com