Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90UH940TNKDTQ1 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # DS90UH940TNKDTQ1
Description  FPD-Link III to CSI-2 Deserializer
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS90UH940TNKDTQ1 Datasheet(HTML) 4 Page - Texas Instruments

  DS90UH940TNKDTQ1 Datasheet HTML 1Page - Texas Instruments DS90UH940TNKDTQ1 Datasheet HTML 2Page - Texas Instruments DS90UH940TNKDTQ1 Datasheet HTML 3Page - Texas Instruments DS90UH940TNKDTQ1 Datasheet HTML 4Page - Texas Instruments DS90UH940TNKDTQ1 Datasheet HTML 5Page - Texas Instruments DS90UH940TNKDTQ1 Datasheet HTML 6Page - Texas Instruments DS90UH940TNKDTQ1 Datasheet HTML 7Page - Texas Instruments DS90UH940TNKDTQ1 Datasheet HTML 8Page - Texas Instruments DS90UH940TNKDTQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 87 page
background image
VDDP12_CH0
CMF
VDDR12_CH1
VDD33_A
RIN1+
RIN1-
VDDP12_CH1
CSI0_D3-
CSI0_D0-
CSI0_D3+
VDD33_B
CSI0_D2-
CSI0_D2+
CSI0_D1+
CSI0_CLK-
CSI0_CLK+
CMLOUTP
MODE_SEL0
CMLOUTN
CAP_PLL1
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
VDDR12_CH0
RIN0-
VDD12_CSI0
D_GPIO1/MISO
D_GPIO0/MOSI
CAP_PLL0
MODE_SEL1
CSI0_D1-
CSI0_D0+
VDDP12_CSI
RIN0+
D_GPIO2/SPLK
DS90UH940-Q1
64 WQFN
Top Down View
DAP
4
DS90UH940-Q1
SNLS478A – NOVEMBER 2014 – REVISED JANUARY 2016
www.ti.com
Product Folder Links: DS90UH940-Q1
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
6 Pin Configurations and Functions
NKD
64-Pin WQFN
Top View
Pin Functions
PIN
I/O, TYPE
DESCRIPTION
NAME
NUMBER
MIPI DPHY / CSI-2 OUTPUT PINS - Layout note: for unused CSI outputs, float those pins (do not connect to an external pullup or
pulldown)
CSI0_CLK-
CSI0_CLK+
21
22
O, DPHY
CSI0 Differential clock
CSI0_D0-
CSI0_D0+
23
24
O, DPHY
CSI0 Differential pair 0
CSI0_D1-
CSI0_D1+
25
26
O, DPHY
CSI0 Differential pair 1
CSI0_D2-
CSI0_D2+
27
28
O, DPHY
CSI0 Differential pair 2
CSI0_D3-
CSI0_D3+
29
30
O, DPHY
CSI0 Differential pair 3
CSI1_CLK-
CSI1_CLK+
34
35
O, DPHY
CSI1 Differential clock
CSI1_D0-
CSI1_D0+
36
37
O, DPHY
CSI1 Differential pair 1
CSI1_D1-
CSI1_D1+
38
39
O, DPHY
CSI1 Differential pair 2


Similar Part No. - DS90UH940TNKDTQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90UH940N-Q1 TI1-DS90UH940N-Q1 Datasheet
1Mb / 85P
[Old version datasheet]   1080p FPD-Link III to CSI-2 Deserializer With HDCP
DS90UH940N-Q1 TI1-DS90UH940N-Q1 Datasheet
2Mb / 107P
[Old version datasheet]   1080p FPD-Link III to CSI-2 Deserializer With HDCP
DS90UH940N-Q1 TI1-DS90UH940N-Q1_18 Datasheet
2Mb / 107P
[Old version datasheet]   1080p FPD-Link III to CSI-2 Deserializer With HDCP
DS90UH940NTNKDRQ1 TI1-DS90UH940NTNKDRQ1 Datasheet
2Mb / 107P
[Old version datasheet]   1080p FPD-Link III to CSI-2 Deserializer With HDCP
DS90UH940NTNKDTQ1 TI1-DS90UH940NTNKDTQ1 Datasheet
2Mb / 107P
[Old version datasheet]   1080p FPD-Link III to CSI-2 Deserializer With HDCP
More results

Similar Description - DS90UH940TNKDTQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90UB940-Q1 TI1-DS90UB940-Q1 Datasheet
1Mb / 84P
[Old version datasheet]   FPD-Link III to CSI-2 Deserializer
DS90UB940N-Q1 TI1-DS90UB940N-Q1 Datasheet
1Mb / 97P
[Old version datasheet]   1080p FPD-Link III to CSI-2 deserializer
DS90UH940N-Q1 TI1-DS90UH940N-Q1_18 Datasheet
2Mb / 107P
[Old version datasheet]   1080p FPD-Link III to CSI-2 Deserializer With HDCP
DS90UH940N-Q1 TI1-DS90UH940N-Q1 Datasheet
1Mb / 85P
[Old version datasheet]   1080p FPD-Link III to CSI-2 Deserializer With HDCP
DS90UB953-Q1 TI1-DS90UB953-Q1 Datasheet
136Kb / 7P
[Old version datasheet]   MIPI CSI-2 FPD-Link III Serializer
DS90UB948-Q1 TI1-DS90UB948-Q1_16 Datasheet
1Mb / 88P
[Old version datasheet]   FPD-Link III to OpenLDI Deserializer
DS90UH948-Q1 TI1-DS90UH948-Q1 Datasheet
1Mb / 91P
[Old version datasheet]   FPD-Link III to OpenLDI Deserializer
DS90UB954-Q1 TI1-DS90UB954-Q1 Datasheet
196Kb / 6P
[Old version datasheet]   Dual FPD-Link III Deserializer
DS90UB936-Q1 TI1-DS90UB936-Q1 Datasheet
1Mb / 151P
[Old version datasheet]   Dual, 2.5 Gbps, FPD-Link III Deserializer Hub With MIPI CSI-2 Outputs
DS90UB962-Q1 TI1-DS90UB962-Q1 Datasheet
2Mb / 169P
[Old version datasheet]   Quad 3-Gbps FPD-Link III Deserializer Hub With Single CSI-2 Output Port
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com