Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90CR286AQMT Datasheet(PDF) 5 Page - Texas Instruments

Part # DS90CR286AQMT
Description  3.3-V Rising Edge Data Strobe LVDS Receiver
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS90CR286AQMT Datasheet(HTML) 5 Page - Texas Instruments

  DS90CR286AQMT Datasheet HTML 1Page - Texas Instruments DS90CR286AQMT Datasheet HTML 2Page - Texas Instruments DS90CR286AQMT Datasheet HTML 3Page - Texas Instruments DS90CR286AQMT Datasheet HTML 4Page - Texas Instruments DS90CR286AQMT Datasheet HTML 5Page - Texas Instruments DS90CR286AQMT Datasheet HTML 6Page - Texas Instruments DS90CR286AQMT Datasheet HTML 7Page - Texas Instruments DS90CR286AQMT Datasheet HTML 8Page - Texas Instruments DS90CR286AQMT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
5
DS90CR216A, DS90CR286A, DS90CR286A-Q1
www.ti.com
SNLS043H – MAY 2000 – REVISED JANUARY 2016
Product Folder Links: DS90CR216A DS90CR286A DS90CR286A-Q1
Submit Documentation Feedback
Copyright © 2000–2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/Distributors for availability and specifications.
6 Specifications
6.1 Absolute Maximum Ratings
see
(1) (2)
MIN
MAX
UNIT
Supply voltage (VCC)
–0.3
4
V
LVCMOS output voltage
–0.3
(VCC + 0.3 V)
V
LVDS receiver input voltage
–0.3
(VCC + 0.3 V)
V
Junction temperature
150
°C
Lead temperature (soldering, 4 sec)
260
°C
Storage temperature, Tstg
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±7000
V
Charged device model (CDM), per JEDEC specification JESD22-
C101(2)
±700
6.3 Recommended Operating Conditions
MIN
NOM
MAX
UNIT
Supply voltage (VCC)
3.0
3.3
3.6
V
Operating free air temperature (TA)
–40
25
85
°C
Receiver input range
0
2.4
V
Supply noise voltage (VNOISE)
100
mVPP
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
6.4 Thermal Information
THERMAL METRIC(1)
DS90CR286A/-Q1
DS90CR216A
UNIT
DGG (TSSOP)
DGG (TSSOP)
56 PINS
48 PINS
RθJA
Junction-to-ambient thermal resistance
64.6
67.8
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
20.6
22.1
°C/W
RθJB
Junction-to-board thermal resistance
33.3
34.8
°C/W
ψJT
Junction-to-top characterization parameter
1.0
1.1
°C/W
ψJB
Junction-to-board characterization parameter
33.0
34.5
°C/W


Similar Part No. - DS90CR286AQMT

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90CR286AQMT NSC-DS90CR286AQMT Datasheet
378Kb / 14P
   3.3V Rising Edge Data Strobe LVDS Receiver 28-Bit Channel Link-66 MHz, 3.3V Rising Edge Strobe LVDS Receiver 21-Bit Channel Link-66 MHz
More results

Similar Description - DS90CR286AQMT

ManufacturerPart #DatasheetDescription
logo
THine Electronics, Inc.
THC63LVDR84C THINE-THC63LVDR84C Datasheet
534Kb / 16P
   24bit Color LVDS Receiver (Rising Edge Strobe Output)
logo
Texas Instruments
DS90CR286AT-Q1 TI1-DS90CR286AT-Q1 Datasheet
2Mb / 29P
[Old version datasheet]   Rising Edge Data Strobe LVDS Receiver 28-Bit Channel Link 66 MHz
logo
National Semiconductor ...
DS90CR286A NSC-DS90CR286A Datasheet
250Kb / 12P
   3.3V Rising Edge Data Strobe LVDS Receiver 28-Bit Channel Link??6 MHz, 3.3V Rising Edge Strobe LVDS Receiver 21-Bit Channel Link??6 MHz
DS90CR216A NSC-DS90CR216A_04 Datasheet
312Kb / 13P
   3.3V Rising Edge Data Strobe LVDS Receiver 28-Bit Channel Link-66 MHz, 3.3V Rising Edge Strobe LVDS Receiver 21-Bit Channel Link-66 MHz
DS90CR286A NSC-DS90CR286A_09 Datasheet
378Kb / 14P
   3.3V Rising Edge Data Strobe LVDS Receiver 28-Bit Channel Link-66 MHz, 3.3V Rising Edge Strobe LVDS Receiver 21-Bit Channel Link-66 MHz
DS90CR218 NSC-DS90CR218 Datasheet
239Kb / 12P
   3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link Receiver - 75 MHz
DS90CR288 NSC-DS90CR288 Datasheet
229Kb / 12P
   3.3V Rising Edge Data Strobe LVDS 28-Bit Channel Link Receiver - 75 MHz
DS90CR215 NSC-DS90CR215 Datasheet
739Kb / 17P
   3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link - 66 MHz
DS90CR218A NSC-DS90CR218A Datasheet
282Kb / 15P
   3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link - 85 MHz
DS90CR287 NSC-DS90CR287 Datasheet
308Kb / 15P
   3.3V Rising Edge Data Strobe LVDS 28-Bit Channel Link-85 MHZ
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com