Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS42MB100TSQ Datasheet(PDF) 1 Page - Texas Instruments

Part # DS42MB100TSQ
Description  4.25-Gbps 2:1/1:2 CML MUX/Buffer
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS42MB100TSQ Datasheet(HTML) 1 Page - Texas Instruments

  DS42MB100TSQ Datasheet HTML 1Page - Texas Instruments DS42MB100TSQ Datasheet HTML 2Page - Texas Instruments DS42MB100TSQ Datasheet HTML 3Page - Texas Instruments DS42MB100TSQ Datasheet HTML 4Page - Texas Instruments DS42MB100TSQ Datasheet HTML 5Page - Texas Instruments DS42MB100TSQ Datasheet HTML 6Page - Texas Instruments DS42MB100TSQ Datasheet HTML 7Page - Texas Instruments DS42MB100TSQ Datasheet HTML 8Page - Texas Instruments DS42MB100TSQ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
DE_S
MUX
LB1
EQ
EQ
EQ
DE_S
DEL _0
VCC
GND
RSV
EQS
EQL
Line Side
Switch Side
IN0 +-
IN1 +-
LB0
OUT0 +-
OUT1 +-
DE _L
DE_S
DEL_1
DES_0
DES_1
-
IN +
OUT+-
DE_L
Pre-emphasis
Control
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
DS42MB100
SNLS244H – SEPTEMBER 2006 – REVISED JANUARY 2016
DS42MB100 4.25-Gbps 2:1/1:2 CML MUX/Buffer
With Transmit Pre-Emphasis and Receive Equalization
1 Features
3 Description
The DS42MB100 device is a signal conditioning 2:1
1
2:1 Multiplexer and 1:2 Buffer
multiplexer and 1:2 fan-out buffer designed for use in
0.25-Gbps to 4.25-Gbps Fully Differential Data
backplane-redundancy or cable driving applications.
Paths
Signal conditioning features include continuous time
Fixed Input Equalization
linear equalization (CTLE) and programmable output
pre-emphasis that enable data communication in FR4
Programmable Output Pre-Emphasis
backplane up to 4.25 Gbps. Each input stage has a
Independent Pre-Emphasis Controls
fixed equalizer to reduce ISI distortion from board
Programmable Loopback Modes
traces.
On-Chip Terminations
All output drivers have four selectable levels of pre-
ESD Rating of 6-kV HBM
emphasis to compensate for transmission losses from
long FR4 backplane or cable attenuation reducing
3.3-V Supply
deterministic jitter. The pre-emphasis levels can be
Lead-Less WQFN-36 Package
independently controlled for the line-side and switch-
–40°C to +85°C Operating Temperature Range
side drivers. The internal loopback paths from switch-
side input to switch-side output enable at-speed
2 Applications
system testing. All receiver inputs are internally
terminated
with
100-
Ω
differential
terminating
Backplane Drivers or Cable Drivers
resistors. All driver outputs are internally terminated
Redundancy and Signal Conditioning Applications
with 50-
Ω terminating resistors to VCC.
CPRI/OBSAI
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
DS42MB100
WQFN (36)
6.00 mm × 6.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Block Diagram
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - DS42MB100TSQ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS42MB100TSQ NSC-DS42MB100TSQ Datasheet
992Kb / 16P
   4.25 Gbps 2:1/1:2 CML Mux/Buffer with Transmit De-Emphasis and Receive Equalization
More results

Similar Description - DS42MB100TSQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS40MB200 TI1-DS40MB200_16 Datasheet
1Mb / 26P
[Old version datasheet]   Dual 4-Gbps 2:1/1:2 CML MUX/Buffer
logo
National Semiconductor ...
DS42MB100 NSC-DS42MB100 Datasheet
992Kb / 16P
   4.25 Gbps 2:1/1:2 CML Mux/Buffer with Transmit De-Emphasis and Receive Equalization
DS42MB200 NSC-DS42MB200_07 Datasheet
3Mb / 16P
   Dual 4.25 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
logo
Texas Instruments
DS42MB200 TI1-DS42MB200_14 Datasheet
904Kb / 18P
[Old version datasheet]   DS42MB200 Dual 4.25 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
DS42MB200TSQ TI1-DS42MB200TSQ Datasheet
900Kb / 17P
[Old version datasheet]   DS42MB200 Dual 4.25 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
DS100MB203 TI1-DS100MB203_15 Datasheet
1Mb / 54P
[Old version datasheet]   10.3125 Gbps Dual Lane 2:1/1:2 Mux/Buffer
logo
National Semiconductor ...
DS25MB100_0712 NSC-DS25MB100_0712 Datasheet
995Kb / 16P
   2.5 Gbps 2:1/1:2 CML Mux/Buffer with Transmit De-Emphasis and Receive Equalization
DS40MB200 NSC-DS40MB200_07 Datasheet
1Mb / 16P
   Dual 4.0 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
DS25MB200 NSC-DS25MB200_08 Datasheet
319Kb / 14P
   Dual 2.5 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre- Emphasis and Receive Equalization
logo
Texas Instruments
DS25MB200 TI1-DS25MB200_14 Datasheet
781Kb / 17P
[Old version datasheet]   Dual 2.5 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com