Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STPS20L60C Datasheet(PDF) 4 Page - STMicroelectronics

Part # STPS20L60C
Description  Power Schottky rectifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS20L60C Datasheet(HTML) 4 Page - STMicroelectronics

  STPS20L60C Datasheet HTML 1Page - STMicroelectronics STPS20L60C Datasheet HTML 2Page - STMicroelectronics STPS20L60C Datasheet HTML 3Page - STMicroelectronics STPS20L60C Datasheet HTML 4Page - STMicroelectronics STPS20L60C Datasheet HTML 5Page - STMicroelectronics STPS20L60C Datasheet HTML 6Page - STMicroelectronics STPS20L60C Datasheet HTML 7Page - STMicroelectronics STPS20L60C Datasheet HTML 8Page - STMicroelectronics STPS20L60C Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Characteristics
STPS20L60C
4/10
DocID6427 Rev 4
Figure 9. Forward voltage drop versus forward current (maximum values, per diode)
Figure 7. Reverse leakage current versus
reverse voltage applied (typical values, per
diode)
Figure 8. Junction capacitance versus reverse
voltage applied (typical values, per diode)
0
5
10 15 20 25 30 35 40 45 50 55 60
1E-3
1E-2
1E-1
1E+0
1E+1
1E+2
5E+2
IR(mA)
VR(V)
Tc=25°C
Tc=75°C
Tc=100°C
Tc=125°C
Tc=150°C
Tc=50°C
1
10
100
0.1
0.2
0.5
1.0
2.0
C(nF)
VR(V)
F=1MHz
Tj=25°C
0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2
0.1
1.0
10.0
100.0
IFM(A)
VFM(V)
Tj=25°C
Tj=125°C
Tj=150°C
(typical values)


Similar Part No. - STPS20L60C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS20L60C-Y STMICROELECTRONICS-STPS20L60C-Y Datasheet
99Kb / 7P
   Automotive power Schottky rectifier
STPS20L60CG STMICROELECTRONICS-STPS20L60CG Datasheet
99Kb / 6P
   POWER SCHOTTKY RECTIFIER
STPS20L60CG-TR STMICROELECTRONICS-STPS20L60CG-TR Datasheet
99Kb / 6P
   POWER SCHOTTKY RECTIFIER
STPS20L60CR STMICROELECTRONICS-STPS20L60CR Datasheet
99Kb / 6P
   POWER SCHOTTKY RECTIFIER
STPS20L60CT STMICROELECTRONICS-STPS20L60CT Datasheet
99Kb / 6P
   POWER SCHOTTKY RECTIFIER
More results

Similar Description - STPS20L60C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS1645D STMICROELECTRONICS-STPS1645D Datasheet
47Kb / 4P
   POWER SCHOTTKY RECTIFIER
STPS1545CFP STMICROELECTRONICS-STPS1545CFP Datasheet
136Kb / 8P
   POWER SCHOTTKY RECTIFIER
logo
IXYS Corporation
DSS2X41-01A IXYS-DSS2X41-01A Datasheet
47Kb / 2P
   Power Schottky Rectifier
DSS2X61-0045A IXYS-DSS2X61-0045A Datasheet
38Kb / 2P
   Power Schottky Rectifier
DSS2X101-02A IXYS-DSS2X101-02A Datasheet
48Kb / 2P
   Power Schottky Rectifier
logo
STMicroelectronics
STPS10L60C STMICROELECTRONICS-STPS10L60C Datasheet
122Kb / 8P
   Power Schottky rectifier
STPS3045CT STMICROELECTRONICS-STPS3045CT_03 Datasheet
196Kb / 9P
   POWER SCHOTTKY RECTIFIER
STPS6045CP STMICROELECTRONICS-STPS6045CP_03 Datasheet
118Kb / 5P
   POWER SCHOTTKY RECTIFIER
STPS30120C STMICROELECTRONICS-STPS30120C Datasheet
117Kb / 8P
   Power Schottky rectifier
STPS30M60S STMICROELECTRONICS-STPS30M60S Datasheet
178Kb / 9P
   Power Schottky rectifier
STPS2H100 STMICROELECTRONICS-STPS2H100_10 Datasheet
129Kb / 10P
   Power Schottky rectifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com