Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDF300PD0512 Datasheet(PDF) 3 Page - XP Power Limited

Part # SDF300PD0512
Description  Up to 600 W Peak Power
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

SDF300PD0512 Datasheet(HTML) 3 Page - XP Power Limited

  SDF300PD0512 Datasheet HTML 1Page - XP Power Limited SDF300PD0512 Datasheet HTML 2Page - XP Power Limited SDF300PD0512 Datasheet HTML 3Page - XP Power Limited SDF300PD0512 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SDF300
Models and Ratings
Output
Voltage
Output Power
Output Current
Model Number(3,4,5,6)
Forced Cooled
Convection Cooled
Forced Cooled
Convection Cooled
Peak(2)
5 V
210 W
100 W
42.00 A
20.00 A
120.00 A
SDF300PS05(7)
9 V
245 W
120 W
27.27 A
13.36 A
66.67 A
SDF300PS09(7)
12 V
300 W
150 W
25.00 A
12.50 A
50.00 A
SDF300PS12
15 V
300 W
150 W
20.00 A
10.00 A
40.00 A
SDF300PS15
18 V
300 W
150 W
16.67 A
8.33 A
33.30 A
SDF300PS18(7)
24 V
300 W
150 W
12.50 A
6.25 A
25.00 A
SDF300PS24
28 V
300 W
150 W
10.70 A
5.35 A
21.43 A
SDF300PS28(7)
36 V
300 W
150 W
8.33 A
4.17 A
16.67 A
SDF300PS36(7)
48 V
300 W
150 W
6.25 A
3.12 A
12.50 A
SDF300PS48
54 V
300 W
150 W
5.56 A
2.78 A
11.10 A
SDF300PS54(7)
V1: +5.00 V
V2: +12.0 V
240 W
120 W
24.00 A
13.33 A
12.00 A
6.67 A
28.80 A
16.00 A
SDF300PD0512(7)
V1: +5.00 V
V2: +24.0 V
240 W
120 W
24.00 A
6.67 A
12.00 A
3.33 A
28.80 A
8.00 A
SDF300PD0524(7)
V1: +5.00 V
V2: +48.0 V
240 W
120 W
24.00 A
3.33 A
12.00 A
1.67 A
28.80 A
4.00 A
SDF300PD0548(7)
V1: +12.0 V
V2: +24.0 V
240 W
120 W
13.33 A
6.67 A
6.67 A
3.33 A
16.00 A
8.00 A
SDF300PD1224(7)
Notes
1. Ripple & noise is measured using a 0.1 µF ceramic capacitor in parallel with
22 µF electrolytic and 20 MHz bandwidth
2. Peak load can be taken for 500 µs. Average power not to exceed max power.
3. Add suffix ‘-C’ for vented cover option e.g. SDF300PS24-C
4. Add suffix ‘D’ for optional output terminal block on single output models
except the 5 V, 9 V and 12 V output models which are only available with
output terminal blocks eg. SDF300PS24D-F.(7)
5. Add suffix ‘G’ for optional input terminal blocks eg. SDF300PS24DG-F, except
for enclosed with end fan (option ‘-E’) which has input terminal blocks as
standard.(7)
6. Add suffix ‘H’ for optional molex output terminal on dual output models used in
convection applications.(7)
7. Available for OEM quantities, contact Sales.
U Channel
Mechanical Details
3.20
(81.28)
0.75 (19.05)
A
A
A
A
A
A
0.55
(13.90)
2.70 (68.58)
0.32 (8.26)
2.55 (64.77)
1.75 (44.52)
5.00 (127.00)
1.50
(38.10)
4.50 (114.30)
0.25
(6.35)
0.25
(6.35)
CN1
FAN1
CN3
CN2
Voltage
Adj.
Input Connector
0.75 (19.05)
1.66 (42.10)
3.20
(81.28)
CN3
CN2
Input Connector
A
A
5.00 (127.00)
4.50 (114.30)
0.25
(6.35)
0.25
(6.35)
Voltage
Adj.
A Mounting hole 6 places
M3 x 0.5
Max. screw penetration 0.15 (3.8)
U Channel with cover (Option ‘ C’)
Notes
1. All dimensions are in inches (mm
2. Tolerance: ±0.012 (±0.3)
3. Weight: U-Channel: 1.08 lbs (490 g)
U-Channel with cover (option ‘-C’): 1.12 lbs (510 g)
4. Mounting holes and mating half connectors common to all models.


Similar Part No. - SDF300PD0512

ManufacturerPart #DatasheetDescription
logo
Nuvotem Talema
SDF-0.63-1000 TALEMA-SDF-0.63-1000 Datasheet
60Kb / 3P
   SD Series High Efficiency Storage Chokes
SDF-0.63-1000 TALEMA-SDF-0.63-1000 Datasheet
84Kb / 3P
   High Efficiency Storage Chokes
SDF-0.63-2000 TALEMA-SDF-0.63-2000 Datasheet
60Kb / 3P
   SD Series High Efficiency Storage Chokes
SDF-0.63-2000 TALEMA-SDF-0.63-2000 Datasheet
84Kb / 3P
   High Efficiency Storage Chokes
SDF-0.63-2500 TALEMA-SDF-0.63-2500 Datasheet
60Kb / 3P
   SD Series High Efficiency Storage Chokes
More results

Similar Description - SDF300PD0512

ManufacturerPart #DatasheetDescription
logo
SIFIRST TECHNOLOGIES NA...
SFL960 SIFIRST-SFL960 Datasheet
121Kb / 2P
   600 MA peak drive capability, maximum power up to 100 W
logo
E-CMOS Corporation
P6KE E-CMOS-P6KE Datasheet
358Kb / 5P
   Breakdown Voltage: 6.8 to 600 V Peak Pulse Power: 600 W
logo
XP Power Limited
FCM XPPOWER-FCM Datasheet
220Kb / 2P
   400 W Continuous, 600 W Peak
logo
Bel Fuse Inc.
MBS400 BEL-MBS400 Datasheet
851Kb / 9P
   400 W rated power (440 W peak up to 10 s)
logo
STMicroelectronics
BZW06-31RL STMICROELECTRONICS-BZW06-31RL Datasheet
176Kb / 6P
   PEAK PULSE POWER 600 W (10/1000ms)
BZW06-10BRL STMICROELECTRONICS-BZW06-10BRL Datasheet
176Kb / 6P
   PEAK PULSE POWER 600 W (10/1000ms)
logo
E-CMOS Corporation
SMBJ E-CMOS-SMBJ Datasheet
969Kb / 5P
   Working Voltage: 5.0 to 440 V Peak Pulse Power: 600 W
logo
STMicroelectronics
P010XX STMICROELECTRONICS-P010XX Datasheet
178Kb / 12P
   Repetitive peak off-state voltage up to 600 V
April 2014 Rev 2
logo
XP Power Limited
SDL400 XPPOWER-SDL400 Datasheet
731Kb / 4P
   Single & Dual Outputs, Up to 700 W Peak Power, Fan Fail & Power Good Signals
logo
Artesyn Technologies
AIF ARTESYN-AIF Datasheet
549Kb / 3P
   Up to 1600 W output power
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com