Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDH400PS48 Datasheet(PDF) 4 Page - XP Power Limited

Part # SDH400PS48
Description  AC-DC Power Supplies
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

SDH400PS48 Datasheet(HTML) 4 Page - XP Power Limited

  SDH400PS48 Datasheet HTML 1Page - XP Power Limited SDH400PS48 Datasheet HTML 2Page - XP Power Limited SDH400PS48 Datasheet HTML 3Page - XP Power Limited SDH400PS48 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SDH400
AC-DC Power Supplies
www.xppower.com
21 Mar 14
Mechanical Details
Notes
1. All dimensions in inches (mm).
2. Tolerance .xx = ±0.02 (0.50); .xxx = ±0.01 (0.25)
3. Weight: 2.42 (1.1)
CN1
B: MOUNTING HOLE 8 PLACE
6-32 UNC(Zn-plated)
SCALE 4:1
B
C:MOUNTING HOLE 8 PLACE
M4X0.7 (BRASS)
SCALE 4:1
C
C
B
C
B
C
B
C
B
C
B
B
C
B
C
CN3
Pin 5
Pin 1
MOLEX PART NO.
09-50-3071
(7 PINS, 5 USED)
S
PIN NO.3,6 NC
TERMINAL BLOCK
3PINS 9.5mm CENTER
TERMINAL BLOCK
6PINS 9.5mm CENTER
CN3
CN2
OPTIONAL CONNECTOR
7.00 (177.8)
203.2 (8.0)
0.50
(12.7)
0.50
(12.7)
5.00
(127.0)
1.25
(31.7)
0.80 (20.3)
1.60 (40.64)
3.25
(82.5)
4.00
(101.6)
0.50
(12.7)
0.87
(22.23)
1.27
(31.7)
0.80 (20.32)
MOLEX PART NO.
09-50-3141 (14 PINS)
CN1
B: MOUNTING HOLE 8 PLACE
6-32 UNC(Zn-plated)
SCALE 4:1
B
C:MOUNTING HOLE 8 PLACE
M4X0.7 (BRASS)
SCALE 4:1
C
C
B
C
B
C
B
C
B
C
B
B
C
B
C
CN3
Pin 1
Pin 3
MOLEX PART NO.
09-50-3071
(7 PINS, 5 USED)
PIN NO.3,6 NC
TERMINAL BLOCK
3PINS 9.5mm CENTER
TERMINAL BLOCK
6PINS 9.5mm CENTER
CN3
CN2
OPTIONAL CONNECTOR
7.00 (177.8)
203.2 (8.0)
0.50
(12.7)
0.50
(12.7)
5.00
(127.0)
1.25
(31.7)
0.80 (20.3)
1.60 (40.64)
3.25
(82.5)
4.00
(101.6)
0.50
(12.7)
0.87
(22.23)
1.27
(31.7)
0.80 (20.32)
MOLEX PART NO.
09-50-3141 (14 PINS)
Single Model
Dual Model
CN3 Signals
Pin
Function
1
Power Good
2
Return
3
Remote On/Off
4
-Remote Sense
5
+Remote Sense
CN3 Signals
Pin
Function
1
Power Good
2
Return
3
Remote On/Off


Similar Part No. - SDH400PS48

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SDH40F ETC1-SDH40F Datasheet
55Kb / 2P
   1-1.5AMPS FAST RECOVERY HIGH VOLTAGE RECTIFIER
logo
Solid States Devices, I...
SDH40F SSDI-SDH40F Datasheet
43Kb / 2P
   1-1.5AMPS FAST RECOVERY HIGH VOLTAGE RECTIFIER
SDH40F SSDI-SDH40F Datasheet
72Kb / 2P
   FAST RECOVERY HIGH VOLTAGE RECTIFIER
logo
List of Unclassifed Man...
SDH40FSMS ETC1-SDH40FSMS Datasheet
55Kb / 2P
   1-1.5AMPS FAST RECOVERY HIGH VOLTAGE RECTIFIER
logo
Solid States Devices, I...
SDH40FSMS SSDI-SDH40FSMS Datasheet
43Kb / 2P
   1-1.5AMPS FAST RECOVERY HIGH VOLTAGE RECTIFIER
More results

Similar Description - SDH400PS48

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
DRS80US12 XPPOWER-DRS80US12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
ECM40US05 XPPOWER-ECM40US05 Datasheet
175Kb / 4P
   AC-DC Power Supplies
SMR800PS12 XPPOWER-SMR800PS12 Datasheet
262Kb / 2P
   AC-DC Power Supplies
AMD150PS12 XPPOWER-AMD150PS12 Datasheet
68Kb / 2P
   AC-DC Power Supplies
AMM120PS12 XPPOWER-AMM120PS12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
DNR05US05 XPPOWER-DNR05US05 Datasheet
144Kb / 4P
   AC-DC Power Supplies
PBM300PS03-C XPPOWER-PBM300PS03-C Datasheet
201Kb / 2P
   AC-DC Power Supplies
logo
Touchstone Semiconducto...
TIW TOUCHSTONE-TIW Datasheet
233Kb / 3P
   AC/DC Power Supplies
logo
XP Power Limited
AMM150PS12 XPPOWER-AMM150PS12 Datasheet
89Kb / 2P
   AC-DC Power Supplies
MCM60US12-D9 XPPOWER-MCM60US12-D9 Datasheet
79Kb / 2P
   AC-DC Power Supplies
JPS250PS05C XPPOWER-JPS250PS05C Datasheet
490Kb / 4P
   AC-DC Power Supplies
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com