Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RDQ100110S05 Datasheet(PDF) 3 Page - XP Power Limited

Part # RDQ100110S05
Description  110 VDC Input for Rail Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

RDQ100110S05 Datasheet(HTML) 3 Page - XP Power Limited

  RDQ100110S05 Datasheet HTML 1Page - XP Power Limited RDQ100110S05 Datasheet HTML 2Page - XP Power Limited RDQ100110S05 Datasheet HTML 3Page - XP Power Limited RDQ100110S05 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Input Voltage
Output Voltage
Output Current
Input Current
Efficiency
Maximum
Capacitive Load
Model Number(2)
No Load
Full Load
66-160 V
5.0 V
30.0 A
40 mA
1474 mA
92.5%
10000 µF
RDQ150110S05
12.0 V
12.5 A
40 mA
1474 mA
92.5%
5600 µF
RDQ150110S12
24.0 V
6.50 A
60 mA
1541 mA
91.0%
2200 µF
RDQ150110S24
Models & Ratings
RDQ
Notes
1. Dimensions are in inches (mm)
2. Tolerances: X.XX = ±0.02 (X.X = ±0.5)
X.XXX = ±0.01 (X.XX = ±0.25)
3. Weight: 0.216 lbs (90 g) approx
RDQ150
Mounting hold diameter
0.126 (3.2) clearance hole
2.40
(61.0)
2.00
(50.8)
1.40
(35.5)
2.28 (57.9)
1.90 (48.3)
0.60
(15.2)
BOTTOM VIEW
2
3
45
1
6
7
9
8
7 x Ø 0.04
(1.02)
2 x Ø 0.08
(2.03)
0.18 (4.6) min
0.50
(12.7)
Pins 5 & 9
Pins 1,2,3
4,6,7 & 8
PIN CONNECTIONS
Pin
Function
1
+Vin
2
Remote On/Off
3
Case
4
-Vin
5
-Vout
6
-Sense
7
Trim
8
+Sense
9
+Vout
Thermal Resistance Information (Derating Curve)
Notes
1. Output Ripple and Noise measured with 10 µF tantalum and 1 µF ceramic
capacitor across output.
2. Add suffix ‘N’ to the model number to receive the unit with negative logic
Remote On/Off.
3. An external 220 µF electrolytic input capacitor is recommended to reduce input
ripple voltage.
Air Flow Rate
Typical Rca
Natural Convection
20 ft. / min (0.1 ms)
7.12 °C/W
100 ft./min (0.5 ms)
6.21 °C/W
200 ft./min (1.0 ms)
5.17 °C/W
300 ft./min (1.5 ms)
4.29 °C/W
400 ft./min (2.0 ms)
3.64 °C/W
500 ft./min (2.5 ms)
2.96 °C/W
600 ft./min (3.0 ms)
2.53 °C/W
700 ft./min (3.5 ms)
2.37 °C/W
800 ft./min (4.0 ms)
2.19 °C/W
Rca = Thermal resistance case to ambient
0
5
10
15
20
25
30
35
40
45
50
0
10
20
30
40
50
60
70
80
90
100
Natural Convection
20 ft./min. (0.1 m/s)
100 ft./min. (0.5 m/s)
200 ft./min. (1.0 m/s)
300 ft./min. (1.5 m/s)
400 ft./min. (2.0 m/s)
500 ft./min. (2.5 m/s)
600 ft./min. (3.0 m/s)
700 ft./min. (3.5 m/s)
800 ft./min. (4.0 m/s)
Ambient Temperature ,Ta (ºC)
Maximum Power Dissipation vs Ambient Temperature and Air Flow without heatsink
Mechanical Details


Similar Description - RDQ100110S05

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MDCFM-40U MPD-MDCFM-40U Datasheet
842Kb / 4P
   40 to 110 VDC Input
logo
Power-One
MAP80 POWER-ONE-MAP80 Datasheet
234Kb / 4P
   Wide Range Input for 110/220 VAC Applications
MAP40 POWER-ONE-MAP40 Datasheet
127Kb / 3P
   Wide Range Input for 110/220 VAC Applications
logo
WAGO Kontakttechnik Gmb...
753-427 WAGO-753-427 Datasheet
532Kb / 12P
   2-channel digital input; 110 VDC
logo
Bel Fuse Inc.
0RQB-30Y05S BEL-0RQB-30Y05S Datasheet
960Kb / 19P
   24 / 48 / 72 / 96 / 110 VDC Input
0RQB-15Y05X BEL-0RQB-15Y05X Datasheet
558Kb / 16P
   24/48/72/96/110 VDC Input
0RQB-30Y05L BEL-0RQB-30Y05L Datasheet
772Kb / 17P
   24 / 48 / 72 / 96 / 110 VDC Input
logo
WAGO Kontakttechnik Gmb...
286-307-004-000 WAGO-286-307-004-000 Datasheet
317Kb / 6P
   Relay module; Nominal input voltage: 110 VDC
logo
Bel Fuse Inc.
0RQB-C5W24X BEL-0RQB-C5W24X Datasheet
879Kb / 21P
   50 / 110 / 160 VDC Input Input Under Voltage Lockout
logo
Texas Instruments
OPA863 TI-OPA863_V02 Datasheet
2Mb / 42P
[Old version datasheet]   OPAx863 Low-Power, 110-MHz, Rail-to-Rail Input and Output Amplifier
NOVEMBER 2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com