Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STL66DN3LLH5 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STL66DN3LLH5
Description  Dual N-channel 30 V, 5.9 m廓, 20 A STripFET??V Power MOSFET in PowerFLAT??5x6 double island package
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL66DN3LLH5 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STL66DN3LLH5 Datasheet HTML 5Page - STMicroelectronics STL66DN3LLH5 Datasheet HTML 6Page - STMicroelectronics STL66DN3LLH5 Datasheet HTML 7Page - STMicroelectronics STL66DN3LLH5 Datasheet HTML 8Page - STMicroelectronics STL66DN3LLH5 Datasheet HTML 9Page - STMicroelectronics STL66DN3LLH5 Datasheet HTML 10Page - STMicroelectronics STL66DN3LLH5 Datasheet HTML 11Page - STMicroelectronics STL66DN3LLH5 Datasheet HTML 12Page - STMicroelectronics STL66DN3LLH5 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
STL66DN3LLH5
Package mechanical data
Doc ID 022353 Rev 2
9/15
4
Package mechanical data
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com. ECOPACK
is an ST trademark.
Table 9.
PowerFLAT™ 5x6 double island (clip) mechanical data
Ref.
Dimensions (mm)
Min.
Typ.
Max.
A
0.80
1.00
A1
0.02
0.05
A2
0.25
b
0.30
0.50
D5.20
E6.15
D2
1.68
1.88
E2
3.50
3.70
D3
1.68
1.88
E3
3.50
3.70
E4
0.55
0.75
e1.27
L
0.725
1.025
K
1.05
1.35


Similar Part No. - STL66DN3LLH5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL66N3LLH5 STMICROELECTRONICS-STL66N3LLH5 Datasheet
985Kb / 15P
   Automotive-grade dual N-channel 30 V, 4.5 m廓 typ., 80 A STripFET??H5 Power MOSFET in a PowerFLAT??5x6 package
January 2016 Rev 3
More results

Similar Description - STL66DN3LLH5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL15DN4F5 STMICROELECTRONICS-STL15DN4F5 Datasheet
781Kb / 12P
   Dual N-channel 40 V, 8 m廓, 15 A PowerFLAT??5x6) double island, STripFET??V Power MOSFET
STL60N32N3LL STMICROELECTRONICS-STL60N32N3LL Datasheet
1Mb / 14P
   Dual N-channel 30 V, 0.005 廓, 15 A PowerFLAT??5x6 asymmetrical double island, STripFET??Power MOSFET
February 2012 Rev 3
STL65DN3LLH5 STMICROELECTRONICS-STL65DN3LLH5 Datasheet
508Kb / 12P
   Dual N-channel 30 V, 0.0059 , 19 A PowerFLAT(5x6) double island, STripFET V Power MOSFET
CD00297243 STMICROELECTRONICS-CD00297243 Datasheet
882Kb / 14P
   Dual N-channel 30 V, 0.016 Ω typ., 11 A STripFET™ V Power MOSFET in a PowerFLAT™ 5x6 double island
December 2012 Rev 3
STL120N2VH5 STMICROELECTRONICS-STL120N2VH5 Datasheet
655Kb / 18P
   N-channel 20 V, 0.002, 28 A STripFET V Power MOSFET in PowerFLAT 5x6 package
STL8DN6LF3 STMICROELECTRONICS-STL8DN6LF3 Datasheet
1Mb / 18P
   Automotive-grade dual N-channel 60 V, 22.5 m typ., 7.8 A STripFET III Power MOSFET in a PowerFLAT 5x6 double island package
STL8DN10LF3 STMICROELECTRONICS-STL8DN10LF3 Datasheet
917Kb / 15P
   Automotive-grade dual N-channel 100 V, 25 m??typ., 7.8 A STripFET??F3 Power MOSFET in a PowerFLAT??5x6 double island package
July 2015 Rev 6
STL10DN15F3 STMICROELECTRONICS-STL10DN15F3 Datasheet
1Mb / 14P
   N-channel 150 V, 0.20 Ohm typ., 2.8 A STripFET III Power MOSFET in a PowerFLAT 5x6 double island package
STL62P3LLH6 STMICROELECTRONICS-STL62P3LLH6 Datasheet
1Mb / 16P
   P-channel -30 V, 9 m廓 typ., -62 A STripFET??H6 Power MOSFET in a PowerFLAT 5x6 package
October 2016 Rev 6
STL45P3LLH6 STMICROELECTRONICS-STL45P3LLH6 Datasheet
841Kb / 15P
   P-channel -30 V, 11 m廓 typ., -45 A STripFET??H6 Power MOSFET in a PowerFLAT??5x6 package
April 2016 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com