Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STGF17NC60SD Datasheet(PDF) 8 Page - STMicroelectronics

Part # STGF17NC60SD
Description  17 A, 600 V fast IGBT with Ultrafast diode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGF17NC60SD Datasheet(HTML) 8 Page - STMicroelectronics

  STGF17NC60SD Datasheet HTML 1Page - STMicroelectronics STGF17NC60SD Datasheet HTML 2Page - STMicroelectronics STGF17NC60SD Datasheet HTML 3Page - STMicroelectronics STGF17NC60SD Datasheet HTML 4Page - STMicroelectronics STGF17NC60SD Datasheet HTML 5Page - STMicroelectronics STGF17NC60SD Datasheet HTML 6Page - STMicroelectronics STGF17NC60SD Datasheet HTML 7Page - STMicroelectronics STGF17NC60SD Datasheet HTML 8Page - STMicroelectronics STGF17NC60SD Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Revision history
STGF17NC60SD
8/9
Doc ID 018834 Rev 1
5
Revision history
Table 10.
Document revision history
Date
Revision
Changes
14-Nov-2012
1
First release


Similar Part No. - STGF17NC60SD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGF100N30 STMICROELECTRONICS-STGF100N30 Datasheet
699Kb / 13P
   90 A - 330 V - fast IGBT
February 2009 Rev 1
STGF10H60DF STMICROELECTRONICS-STGF10H60DF Datasheet
1Mb / 24P
   Trench gate field-stop IGBT, H series 600 V, 10 A high speed
October 2013 Rev 2
STGF10HF60KD STMICROELECTRONICS-STGF10HF60KD Datasheet
477Kb / 13P
   10 A - 600 V - short-circuit rugged IGBT
February 2012
STGF10HF60KD STMICROELECTRONICS-STGF10HF60KD Datasheet
477Kb / 13P
   10 A - 600 V - short-circuit rugged IGBT
February 2012
STGF10M65DF2 STMICROELECTRONICS-STGF10M65DF2 Datasheet
989Kb / 17P
   Trench gate field-stop IGBT, M series 650 V, 10 A low-loss in TO-220FP package
April 2017
More results

Similar Description - STGF17NC60SD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGF19NC60SD STMICROELECTRONICS-STGF19NC60SD Datasheet
535Kb / 15P
   20 A, 600 V fast IGBT with Ultrafast diode
November 2010 Rev 4
STGD3HF60HDT4 STMICROELECTRONICS-STGD3HF60HDT4 Datasheet
925Kb / 16P
   4.5 A, 600 V very fast IGBT with Ultrafast diode
STGB3HF60HD STMICROELECTRONICS-STGB3HF60HD Datasheet
1Mb / 26P
   4.5 A, 600 V very fast IGBT with Ultrafast diode
September 2016 Rev 5
STGD3HF60HDT4 STMICROELECTRONICS-STGD3HF60HDT4 Datasheet
925Kb / 16P
   4.5 A, 600 V very fast IGBT with Ultrafast diode
STGWA19NC60HD STMICROELECTRONICS-STGWA19NC60HD Datasheet
522Kb / 14P
   31 A, 600 V, very fast IGBT with Ultrafast diode
STGD3HF60HD STMICROELECTRONICS-STGD3HF60HD Datasheet
925Kb / 16P
   4.5 A, 600 V very fast IGBT with Ultrafast diode
December 2010
STGB7NC60HD STMICROELECTRONICS-STGB7NC60HD_V01 Datasheet
1Mb / 22P
   N-channel 14 A, 600 V, very fast IGBT with Ultrafast diode
Rev 10 June 2012
STGW35HF60WDI STMICROELECTRONICS-STGW35HF60WDI Datasheet
1Mb / 15P
   35 A, 600 V ultrafast IGBT with low drop diode
August 2011 Rev 3
STGW19NC60W STMICROELECTRONICS-STGW19NC60W Datasheet
234Kb / 13P
   19 A, 600 V - ultrafast IGBT
November 2016 Rev 4
STGP35HF60W STMICROELECTRONICS-STGP35HF60W Datasheet
776Kb / 13P
   35 A, 600 V Ultrafast IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com