Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STB80NF55-06T Datasheet(PDF) 3 Page - STMicroelectronics

Part # STB80NF55-06T
Description  Switching application
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB80NF55-06T Datasheet(HTML) 3 Page - STMicroelectronics

  STB80NF55-06T Datasheet HTML 1Page - STMicroelectronics STB80NF55-06T Datasheet HTML 2Page - STMicroelectronics STB80NF55-06T Datasheet HTML 3Page - STMicroelectronics STB80NF55-06T Datasheet HTML 4Page - STMicroelectronics STB80NF55-06T Datasheet HTML 5Page - STMicroelectronics STB80NF55-06T Datasheet HTML 6Page - STMicroelectronics STB80NF55-06T Datasheet HTML 7Page - STMicroelectronics STB80NF55-06T Datasheet HTML 8Page - STMicroelectronics STB80NF55-06T Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
STB80NF55-06T
Electrical ratings
Doc ID 022702 Rev 1
3/15
1
Electrical ratings
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDS
Drain-source voltage
55
V
VGS
Gate- source voltage
± 20
V
ID
(1)
1.
Current limited by package.
Drain current (continuous) at TC = 25 °C
80
A
ID
(1)
Drain current (continuous) at TC = 100 °C
80
A
IDM
(2)
2.
Pulse width limited by safe operating area.
Drain current (pulsed)
320
A
Ptot
Total dissipation at TC = 25 °C
300
W
P1
Long term load test (ID= 100 A, VSD= 15 V,
Tpulse=10 msec) ΔVSD (tested)
150
W
P2
(3)
3.
Guaranteed by process.
Short term load test (ID= 75 A, VSD= 15 V,
Tpulse=700 msec) ΔVSD (not tested)
1125
W
Derating Factor
2
W/°C
dv/dt(4)
4.
ISD ≤ 80 A, di/dt ≤ 300 A/µs, VDD =V(BR)DSS, Tj ≤ TJMAX
Peak diode recovery avalanche energy
7
V/ns
EAS
(5)
5.
Starting Tj = 25 °C, ID = 30 A, VDD =30 V
Single pulse avalanche energy
1.3
J
Tstg
Storage temperature
-55 to 175
°C
Tj
Max. operating junction temperature
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
Rthj-case
Thermal resistance junction-case max.
0.5
°C/W
Rthj-pcb(1)
1.
When mounted on 1 inch² FR4 2 oz Cu.
Thermal resistance junction-to pcb max.
35°C/W


Similar Part No. - STB80NF55-06T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB80NF55-06T4 STMICROELECTRONICS-STB80NF55-06T4 Datasheet
533Kb / 7P
   N-channel 55V - 0.005 - 80A - TO-220 /FP - I2PAK - D2PAK STripFET II Power MOSFET
STB80NF55-06T4 STMICROELECTRONICS-STB80NF55-06T4 Datasheet
449Kb / 17P
   N-channel 55V - 0.005 - 80A - TO-220 /FP - I2PAK - D2PAK STripFET II Power MOSFET
More results

Similar Description - STB80NF55-06T

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FJX3012R FAIRCHILD-FJX3012R Datasheet
32Kb / 3P
   Switching Application
FJX4001R FAIRCHILD-FJX4001R Datasheet
42Kb / 4P
   Switching Application
FJX4002R FAIRCHILD-FJX4002R Datasheet
42Kb / 4P
   Switching Application
FJX4007R FAIRCHILD-FJX4007R Datasheet
43Kb / 4P
   Switching Application
FJX4009R FAIRCHILD-FJX4009R Datasheet
39Kb / 4P
   Switching Application
FJX4012R FAIRCHILD-FJX4012R Datasheet
32Kb / 3P
   Switching Application
FJX4013R FAIRCHILD-FJX4013R Datasheet
33Kb / 3P
   Switching Application
KSR1003 FAIRCHILD-KSR1003 Datasheet
37Kb / 4P
   Switching Application
KSR1103 FAIRCHILD-KSR1103 Datasheet
56Kb / 4P
   Switching Application
KSR2009 FAIRCHILD-KSR2009 Datasheet
32Kb / 4P
   Switching Application
KSR2205 FAIRCHILD-KSR2205 Datasheet
37Kb / 4P
   Switching Application
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com