Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTS409L1 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # BTS409L1
Description  Smart Highside Power Switch
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS409L1 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button BTS409L1 Datasheet HTML 3Page - Infineon Technologies AG BTS409L1 Datasheet HTML 4Page - Infineon Technologies AG BTS409L1 Datasheet HTML 5Page - Infineon Technologies AG BTS409L1 Datasheet HTML 6Page - Infineon Technologies AG BTS409L1 Datasheet HTML 7Page - Infineon Technologies AG BTS409L1 Datasheet HTML 8Page - Infineon Technologies AG BTS409L1 Datasheet HTML 9Page - Infineon Technologies AG BTS409L1 Datasheet HTML 10Page - Infineon Technologies AG BTS409L1 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
BTS409L1
Infineon Technologies AG
7
2003-Oct-01
Status output
ST
GND
ESD-
ZD
+5V
R
ST(ON)
ESD-Zener diode: 6.1 V typ., max 5 mA;
RST(ON) < 380 Ω at 1.6 mA, ESD zener diodes are not
to be used as voltage clamp at DC conditions.
Operation in this mode may result in a drift of the zener
voltage (increase of up to 1 V).
Inductive and overvoltage output clamp
+ Vbb
OUT
GND
PROFET
V
Z
V
ON
VON clamped to 47 V typ.
Overvolt. and reverse batt. protection
+ Vbb
IN
ST
ST
R
IN
R
GND
GND
R
Signal GND
Logic
PROFET
VZ2
I
R
VZ1
VZ1 = 6.2 V typ., VZ2 = 47 V typ., RGND = 150 Ω,
RST= 15 kΩ, RI= 3.5 kΩ typ.
Open-load detection
ON-state diagnostic condition: VON < RON * IL(OL); IN
high
Open load
detection
Logic
unit
+ Vbb
OUT
ON
VON
OFF-state diagnostic condition: VOUT > 3 V typ.; IN low
Open load
detection
Logic
unit
V
OUT
Signal GND
R
EXT
R
O
OFF
GND disconnect
PROFET
V
IN
ST
OUT
GND
bb
V
bb
1
2
4
3
5
V
IN
V
ST
V
GND
Any kind of load. In case of Input=high is VOUT
≈ VIN - VIN(T+) .
Due to VGND >0, no VST = low signal available.


Similar Part No. - BTS409L1

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BTS409L1 SIEMENS-BTS409L1 Datasheet
159Kb / 12P
   Smart Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
logo
Infineon Technologies A...
BTS409L1 INFINEON-BTS409L1 Datasheet
310Kb / 13P
   Fast demagnetization of inductive loads
2013-10-10
BTS409L1 INFINEON-BTS409L1_13 Datasheet
310Kb / 13P
   Fast demagnetization of inductive loads
2013-10-10
More results

Similar Description - BTS409L1

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BTS410-D2 SIEMENS-BTS410-D2 Datasheet
182Kb / 14P
   Smart Highside Power Switch
logo
Infineon Technologies A...
BTS308 INFINEON-BTS308 Datasheet
298Kb / 14P
   Smart Highside Power Switch
2003-Oct-01
BTS442E2 INFINEON-BTS442E2 Datasheet
284Kb / 14P
   Smart Highside Power Switch
2003-Oct-01
BTS6143D INFINEON-BTS6143D_07 Datasheet
683Kb / 18P
   Smart Highside Power Switch
Rev. 1.0, 2007-02
BTS307 INFINEON-BTS307 Datasheet
273Kb / 12P
   Smart Highside Power Switch
2003-Oct-01
BTS443P INFINEON-BTS443P Datasheet
225Kb / 13P
   Smart Highside Power Switch
2003-Oct-01
BTS441RGATMA1 INFINEON-BTS441RGATMA1 Datasheet
227Kb / 12P
   Smart Highside Power Switch
2003-Oct-01
BTS442E2 INFINEON-BTS442E2_99 Datasheet
306Kb / 14P
   Smart Highside Power Switch
22.03.99
BTS6163D INFINEON-BTS6163D_07 Datasheet
280Kb / 18P
   Smart Highside Power Switch
Rev. 1.0, 2007-07-23
BTS426L1 INFINEON-BTS426L1 Datasheet
327Kb / 14P
   Smart Highside Power Switch
2003-Oct-01
BTS6133D INFINEON-BTS6133D Datasheet
257Kb / 15P
   Smart Highside Power Switch
Rev. 1.0, 2007-02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com