Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FCM400PS12 Datasheet(PDF) 7 Page - XP Power Limited

Part # FCM400PS12
Description  Integral Low Noise Fan
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

FCM400PS12 Datasheet(HTML) 7 Page - XP Power Limited

Back Button FCM400PS12 Datasheet HTML 3Page - XP Power Limited FCM400PS12 Datasheet HTML 4Page - XP Power Limited FCM400PS12 Datasheet HTML 5Page - XP Power Limited FCM400PS12 Datasheet HTML 6Page - XP Power Limited FCM400PS12 Datasheet HTML 7Page - XP Power Limited FCM400PS12 Datasheet HTML 8Page - XP Power Limited FCM400PS12 Datasheet HTML 9Page - XP Power Limited FCM400PS12 Datasheet HTML 10Page - XP Power Limited FCM400PS12 Datasheet HTML 11Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
xppower.com
7
Signals
Remote On/Off (Inhibit/Enable)
Inhibit Hi
Pin 10 CON 8
POWER SUPPLY
1K
Signal Connector
Inhibit Lo
Pin 9 CON 8
5 V Standby
2, 4 & 6 CON 8
Logic GND Pin
1, 3 & 5 CON 8
5 mA
8 V Max
Figure 12
Inhibit (Hi)
Figure 13
Inhibit (Lo)
Figure 14
Example of outputs
switching off when
Inhibit (Lo) configuration
used & switch closed
Inhibit
V2
V1
8 V Max
Inhibit Hi
Pin 10
POWER SUPPLY
1K
Signal Connector
Inhibit Lo
Pin 9 CH 1
5 V Standby
Pin 2, 4 & 6
CON 8
Logic GND
Pin 1, 3 & 5
CON 8
5 mA
CON 8
Figure 15
Example of outputs
switching on when
Inhibit (Lo) configuration
used & switch open
Inhibit
V2
V1


Similar Part No. - FCM400PS12

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
FCM XPPOWER-FCM Datasheet
220Kb / 2P
   400 W Continuous, 600 W Peak
logo
Advanced Thermal Soluti...
FCM-100 ATS-FCM-100 Datasheet
542Kb / 1P
   FAN CHARACTERIZATION MODULE
R3_0215
logo
List of Unclassifed Man...
FCM-1F108S-FLX01-01 ETC1-FCM-1F108S-FLX01-01 Datasheet
37Kb / 1P
   Flextronics Imaging Solutions
FCM-2F100S-FLX01-01 ETC1-FCM-2F100S-FLX01-01 Datasheet
37Kb / 1P
   Flextronics Imaging Solutions
FCM-3F109S-FLX01-01 ETC1-FCM-3F109S-FLX01-01 Datasheet
37Kb / 1P
   Flextronics Imaging Solutions
More results

Similar Description - FCM400PS12

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
US169 MELEXIS-US169_14 Datasheet
1Mb / 13P
   Low Noise & Low Noise & Single-Coil Fan & Motor Driver
US651 MELEXIS-US651 Datasheet
322Kb / 12P
   Two-Coil Low Noise Fan Driver
logo
SynQor Worldwide Headqu...
AQ1400IUXX SYNQOR-AQ1400IUXX Datasheet
2Mb / 8P
   Integral fan cooling with speed control
AQ0500IUXX SYNQOR-AQ0500IUXX Datasheet
3Mb / 12P
   Integral fan cooling with speed control
AQ0500IUXT SYNQOR-AQ0500IUXT Datasheet
3Mb / 12P
   Integral fan cooling with speed control
AQ0800IUXX SYNQOR-AQ0800IUXX Datasheet
2Mb / 8P
   Integral fan cooling with speed control
logo
Melexis Microelectronic...
MLX90285 MELEXIS-MLX90285 Datasheet
727Kb / 13P
   24V Low Noise Two-Coil Fan Driver
MLX90285 MELEXIS-MLX90285_14 Datasheet
924Kb / 13P
   24V Low Noise Two-Coil Fan Driver
logo
Major-Power Technology ...
MA7151F MPOWER-MA7151F Datasheet
484Kb / 11P
   Low Noise & Low voltage Single-Coil Fan/Motor Driver
MA7152F MPOWER-MA7152F Datasheet
293Kb / 10P
   Low Noise & Low voltage Single-Coil Fan/Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com