Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSA480PS48 Datasheet(PDF) 1 Page - XP Power Limited

Part # DSA480PS48
Description  AC-DC Power Supplies
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

DSA480PS48 Datasheet(HTML) 1 Page - XP Power Limited

  DSA480PS48 Datasheet HTML 1Page - XP Power Limited DSA480PS48 Datasheet HTML 2Page - XP Power Limited DSA480PS48 Datasheet HTML 3Page - XP Power Limited DSA480PS48 Datasheet HTML 4Page - XP Power Limited DSA480PS48 Datasheet HTML 5Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DSA480 Series
AC-DC Power Supplies
xxx Series
www.xppower.com
1
Models & Ratings
Mechanical Details
Notes
1. Typical efficiency at 230 VAC and full load.
2. Peak load is for a maximum of 3 s, see Application Notes. Average power is not to exceed nominal output power.
3. Output current should be limited so that nominal output power is not exceeded.
• Ultra Slim Design
• 150% Peak Load for 3 seconds
• Ambient Operation from -25 °C to +70 °C
• High Efficiency – Up to 94%
• Selectable Overload Characteristic
• Selectable Remote Inhibit or Enable
• 3 Year Warranty
Dimensions:
DSA480:
4.85 x 4.91 x 3.39” (123.35 x 124.8 x 86.3 mm)
480 Watts
Output Voltage
Output Power
Output Voltage Trim(3)
Output Current
Peak Load(2)
Typical Efficiency(1)
Model Number
24 V
480 W
23.52-25.92 V
20.0 A
30.0 A
93%
DSA480PS24
48 V
480 W
47.04-51.84 V
10.0 A
15.0 A
94%
DSA480PS48
Pin Connector
Conn Pin
Designation
AC
I/P
1
Ground
2
L
3
N
DC
O/P
1
+Vout
2
+Vout
3
+Vout
4
-Vout
5
-Vout
6
-Vout
7
+RC
8
-RC
9
DC OK
10
DC OK
12
OCP Mode
RC Mode
DSA480
www.xppower.com
LN
+V +V +V -V
-V
-V +RC -RC DC
OK
ON
VOUT ADJ.
+
1
10
4.91
(124.8)
4.85 (123.3)
3.39 (86.3)


Similar Part No. - DSA480PS48

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DSA400 MICROCHIP-DSA400 Datasheet
889Kb / 20P
   Configurable Four Output, Low Jitter Clock Generator for Automotive
02/28/20
More results

Similar Description - DSA480PS48

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
DRS80US12 XPPOWER-DRS80US12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
ECM40US05 XPPOWER-ECM40US05 Datasheet
175Kb / 4P
   AC-DC Power Supplies
SMR800PS12 XPPOWER-SMR800PS12 Datasheet
262Kb / 2P
   AC-DC Power Supplies
AMD150PS12 XPPOWER-AMD150PS12 Datasheet
68Kb / 2P
   AC-DC Power Supplies
AMM120PS12 XPPOWER-AMM120PS12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
DNR05US05 XPPOWER-DNR05US05 Datasheet
144Kb / 4P
   AC-DC Power Supplies
PBM300PS03-C XPPOWER-PBM300PS03-C Datasheet
201Kb / 2P
   AC-DC Power Supplies
logo
Touchstone Semiconducto...
TIW TOUCHSTONE-TIW Datasheet
233Kb / 3P
   AC/DC Power Supplies
logo
XP Power Limited
AMM150PS12 XPPOWER-AMM150PS12 Datasheet
89Kb / 2P
   AC-DC Power Supplies
MCM60US12-D9 XPPOWER-MCM60US12-D9 Datasheet
79Kb / 2P
   AC-DC Power Supplies
JPS250PS05C XPPOWER-JPS250PS05C Datasheet
490Kb / 4P
   AC-DC Power Supplies
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com