Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CCL400PS30 Datasheet(PDF) 7 Page - XP Power Limited

Part # CCL400PS30
Description  AC-DC Power Supplies
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

CCL400PS30 Datasheet(HTML) 7 Page - XP Power Limited

  CCL400PS30 Datasheet HTML 1Page - XP Power Limited CCL400PS30 Datasheet HTML 2Page - XP Power Limited CCL400PS30 Datasheet HTML 3Page - XP Power Limited CCL400PS30 Datasheet HTML 4Page - XP Power Limited CCL400PS30 Datasheet HTML 5Page - XP Power Limited CCL400PS30 Datasheet HTML 6Page - XP Power Limited CCL400PS30 Datasheet HTML 7Page - XP Power Limited CCL400PS30 Datasheet HTML 8Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
CCL400 Series
www.xppower.com
AC-DC Power Supplies
7
Mechanical Details
SIGNALS CONNECTOR CON4
10 WAY JST B10B-PHDSS
1
2
3
OUTPUT VOLTAGE
CONTROL
A
OUTPUT TERMINALS
M4 SCREWS IN 2 POSITIONS
TORQUE TO 8 lbs-in (90 cNm) MAX.
+VE
-VE
Input Connector CON1
7.47 (189.9)
1.92 (48.9)
7.39 (187.8)
0.79 (20.1)
3.24 (82.4)
6.45 (163.9)
1.25 (31.9)
4.22 (107.3)
4.04 (102.5)
4x M3 Max depth 3mm [0.12]
DETAIL A
SCALE 1 : 1
PIN2
PIN1
PIN10
PIN9
0.52 (13.3)
3 Way DINKLE DT-2C-B14W-03
M3 SCREWS IN 3 POSTIONS
TORQUE TO 7lbs-in (80 cNm) MAX.
Optional Input Connector CON1 (add suffix ‘-S’)
1. Dimensions shown in inches (mm).
2. CON4 Mating Plug: JST-PHDR-10VS
Contact: 26-22-AWG (JST-SPHD-001T-P0.5
3. For optional screw terminal input connector, add suffix ‘-S’
to the model number. i.e. CCL400PS12-S (contact sales for
availability).
Notes
CON4 Signals Connector
(JST B10B-PHDSS)
Pin
Function
1
+ Standby
2
+ Standby
3
- Standby
4
- Standby
5
Power Fail (Emitter)
6
Power Fail (Collector)
7
Inhibit (Cathode)
8
Inhibit (Anode)
9
- Sense
10
+ Sense
Output Connector
Pin
Function
1
+V1
2
+ V1 RTN
CON1 Input Connector
(Dinkle 166-0P33)
Pin
Function
1
Line
2
Neutral
3
Earth
CCL400 Covered (-C)


Similar Part No. - CCL400PS30

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CCL4500 CENTRAL-CCL4500 Datasheet
75Kb / 2P
   CURRENT LIMITING DIODE
logo
Digitron Semiconductors
CCL4500 DIGITRON-CCL4500 Datasheet
73Kb / 1P
   CURRENT LIMITING DIODE
logo
List of Unclassifed Man...
CCL450DA1-A ETC1-CCL450DA1-A Datasheet
107Kb / 2P
   6 and 12 Volt, 75 to 450 Watts Wet Cell Lead Calcium Battery
CCL450DA1-ACF1 ETC1-CCL450DA1-ACF1 Datasheet
107Kb / 2P
   6 and 12 Volt, 75 to 450 Watts Wet Cell Lead Calcium Battery
CCL450DA1-ACF2 ETC1-CCL450DA1-ACF2 Datasheet
107Kb / 2P
   6 and 12 Volt, 75 to 450 Watts Wet Cell Lead Calcium Battery
More results

Similar Description - CCL400PS30

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
DRS80US12 XPPOWER-DRS80US12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
ECM40US05 XPPOWER-ECM40US05 Datasheet
175Kb / 4P
   AC-DC Power Supplies
SMR800PS12 XPPOWER-SMR800PS12 Datasheet
262Kb / 2P
   AC-DC Power Supplies
AMD150PS12 XPPOWER-AMD150PS12 Datasheet
68Kb / 2P
   AC-DC Power Supplies
AMM120PS12 XPPOWER-AMM120PS12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
DNR05US05 XPPOWER-DNR05US05 Datasheet
144Kb / 4P
   AC-DC Power Supplies
PBM300PS03-C XPPOWER-PBM300PS03-C Datasheet
201Kb / 2P
   AC-DC Power Supplies
logo
Touchstone Semiconducto...
TIW TOUCHSTONE-TIW Datasheet
233Kb / 3P
   AC/DC Power Supplies
logo
XP Power Limited
AMM150PS12 XPPOWER-AMM150PS12 Datasheet
89Kb / 2P
   AC-DC Power Supplies
MCM60US12-D9 XPPOWER-MCM60US12-D9 Datasheet
79Kb / 2P
   AC-DC Power Supplies
JPS250PS05C XPPOWER-JPS250PS05C Datasheet
490Kb / 4P
   AC-DC Power Supplies
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com