Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPC560D40L3 Datasheet(PDF) 1 Page - STMicroelectronics

Part # SPC560D40L3
Description  32-bit MCU family built on the Power Architecture for automotive body electronics applications
Download  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC560D40L3 Datasheet(HTML) 1 Page - STMicroelectronics

  SPC560D40L3 Datasheet HTML 1Page - STMicroelectronics SPC560D40L3 Datasheet HTML 2Page - STMicroelectronics SPC560D40L3 Datasheet HTML 3Page - STMicroelectronics SPC560D40L3 Datasheet HTML 4Page - STMicroelectronics SPC560D40L3 Datasheet HTML 5Page - STMicroelectronics SPC560D40L3 Datasheet HTML 6Page - STMicroelectronics SPC560D40L3 Datasheet HTML 7Page - STMicroelectronics SPC560D40L3 Datasheet HTML 8Page - STMicroelectronics SPC560D40L3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 90 page
background image
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to
change without notice.
September 2013
Doc ID 16315 Rev 7
1/90
1
SPC560D30x
SPC560D40x
32-bit MCU family built on the Power Architecture®
for automotive body electronics applications
Datasheet
preliminary data
Features
High-performance up to 48 MHz e200z0h CPU
– 32-bit Power Architecture® technology
CPU
– Variable length encoding (VLE)
Memory
– Up to 256 KB Code Flash with ECC
– Up to 64 (4x16) KB Data Flash with ECC
– Up to 16 KB SRAM with ECC
Interrupts
– 16 priority levels
– Non-maskable interrupt (NMI)
– Up to 38 external interrupts incl. 18 wakeup
lines
16-channel eDMA
GPIOs: 45 (LQFP64), 79 (LQFP100)
Timer units
– 4-channel 32-bit periodic interrupt timers
– 4-channel 32-bit system timer module
– System watchdog timer
– 32 bit real-time clock timer
16-bit counter time-triggered I/Os
– Up to 28 channels with PWM/MC/IC/OC
– 5 independent counters
– 27 ch. with ADC trigger capability
12-bit analog-to-digital converter (ADC) with up
to 33 channels
– Up to 61 channels via external multiplexing
– Individual conversion registers
– Cross triggering unit (CTU)
Dedicated diagnostic module for lighting
– Advanced PWM generation
– Time-triggered diagnostics
– PWM-synchronized ADC measurements
Communications interfaces
– 1 FlexCAN interface (2.0B active) with
32 message buffers
– 3 LINFlex/UART, 1 with DMA capability
–2 DSPI
Clock generation
– 4 to 16 MHz fast external crystal oscillator
– 16 MHz fast internal RC oscillator
– 128 kHz slow internal RC oscillator
– Software-controlled FMPLL
– Clock monitoring unit
Exhaustive debugging capability
– Nexus1 on all packages
– Nexus2+ available on emulation device
(SPC560B64B2-ENG)
On-chip CAN/UART bootstrap loader
Low power capabilities
– Several low power mode configurations
– Ultra-low power standby with RTC,SRAM
and CAN monitoring
– Fast wakeup schemes
Single 5 V or 3.3 V supply
Operates in ambient temperature range of
-40 to 125 °C
Table 1.
Device summary
Package
Part number
128 Kbyte code
Flash
256 Kbyte code
Flash
LQFP100
SPC560D30L3
SPC560D40L3
LQFP64
SPC560D30L1
SPC560D40L1
LQFP100 (14 x 14 x 1.4 mm)
LQFP64 (10 x 10 x 1.4 mm)
www.st.com


Similar Part No. - SPC560D40L3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SPC560D40L1 STMICROELECTRONICS-SPC560D40L1 Datasheet
763Kb / 82P
   32-bit MCU family built on the Power Architecture짰 for automotive body electronics applications
More results

Similar Description - SPC560D40L3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SPC560B64L5 STMICROELECTRONICS-SPC560B64L5 Datasheet
1,011Kb / 134P
   32-bit MCU family built on the Power Architecture짰 for automotive body electronics applications
SPC56EC74L7 STMICROELECTRONICS-SPC56EC74L7 Datasheet
1Mb / 118P
   32-bit MCU family built on the Power Architecture짰 for automotive body electronics applications
December 2011 Rev 4
SPC560D40L1 STMICROELECTRONICS-SPC560D40L1 Datasheet
763Kb / 82P
   32-bit MCU family built on the Power Architecture짰 for automotive body electronics applications
SPC564B74L7 STMICROELECTRONICS-SPC564B74L7 Datasheet
1Mb / 118P
   32-bit MCU family built on the Power Architecture짰 for automotive body electronics applications
logo
Freescale Semiconductor...
MPC5604B FREESCALE-MPC5604B_10 Datasheet
1Mb / 106P
   32-bit MCU family built on the Power Architecture for automotive
logo
STMicroelectronics
SPC574K70E5 STMICROELECTRONICS-SPC574K70E5 Datasheet
3Mb / 127P
   32-bit Power Architecture based MCU for automotive applications
SPC574S60E3 STMICROELECTRONICS-SPC574S60E3 Datasheet
1Mb / 77P
   32-bit Power Architecture microcontroller for automotive ASILD applications
February 2020 DS10601 Rev 6
SPC584NX STMICROELECTRONICS-SPC584NX Datasheet
2Mb / 158P
   32-bit Power Architecture microcontroller for automotive ASIL-D applications
December 2021 Rev 6
SPC584G80C3 STMICROELECTRONICS-SPC584G80C3 Datasheet
2Mb / 139P
   32-bit Power Architecture microcontroller for automotive ASIL-D applications
July 2019 DS11758 Rev 6
SPC58EEX STMICROELECTRONICS-SPC58EEX Datasheet
2Mb / 154P
   32-bit Power Architecture microcontroller for automotive ASIL-D applications
July 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com