Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ARLF358F Datasheet(PDF) 1 Page - Shanghai Shunye Electronics Co.,Ltd.

Part # ARLF358F
Description  AUTOMOTIVE OPEN JUNCTION BUTTON DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHUNYE [Shanghai Shunye Electronics Co.,Ltd.]
Direct Link  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shanghai Shunye Electronics Co.,Ltd.

ARLF358F Datasheet(HTML) 1 Page - Shanghai Shunye Electronics Co.,Ltd.

  ARLF358F Datasheet HTML 1Page - Shanghai Shunye Electronics Co.,Ltd. ARLF358F Datasheet HTML 2Page - Shanghai Shunye Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ARL351F THRU ARL3512F
AUTOMOTIVE
OPEN
JUNCTION
BUTTON DIODE
特徵 FEATURES
. 高浪甬承受能力。
High surge capability
. 低成本。
Low cost
. 擴散燒結。
Diffused junction
. 大電流承受能力。
High current capability
. 低漏電。
Low leakage
. 高溫焊接保証:250℃/10 秒。
High temperature soldering guaranteed:
250℃ for 10 seconds
機械資料 MECHANICAL DATA
. 封
裝:塑膠模型封裝。
Case:Molded plastic case
. 端
子:電鍍端子,軟焊性按照 MIL-STD-202 標准中,方法 208
Terminals:Plated terminals, solderable per
MIL-STD-202, method 208
. 極
性:色環端為陰極。
Polarity:Color band denotes cathode end
LEAD BUTTON
. 安裝位置:任意。
Mounting Position: Any
尺寸單位:inch(mm)
. 重
量:2.0 克。
Weight: 2.0 grams
Dimension in inches (millimeters)
極限值和電參數 TA=25℃ 除非另有規定。 單相、正半弦波、60HZ、抗阻
或電感負載。為電容裝載。
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25℃ Ambient temp. unless otherwise specified.
Single phase, half sine wave, 60HZ,resistive or inductive load.
ARLF
SYMBOL
3505
351
352
354
356
358
3510
3512
UNITS
最大峰值反向電壓
Maximum recurrent reverse voltage
VRRM
50
100
200
400
600
800
1000
1200
Volts
最大 RMS 輸入電壓
Maximum RMS voltage
VRMS
35
70
140
280
420
560
700
840
Volts
最大直流阻斷電壓
Maximum DC blocking voltage
VDC
50
100
200
400
600
800
1000
1200
Volts
最大平均正向整流電流
Maximum average forward rectified current at
Tc=60℃
I(AV)
35
Amps
正向峰值浪涌電流
Peak forward surge current single sine-wave on
rated load (JEDEC Method)
IFSM
300
Amps
6.0A時最大正向瞬間電壓降
Maximum instantaneous forward voltage drop at
6A,Tj=25℃
VF
1.0
Volts
最大反向漏電流
Maximum DC reverse current
TA=25℃
at rated DC blocking voltage
TA=100℃
IR
5.0
100.0
µA
工作溫度和存儲溫度
Operating and Storage Temperature Range
TJ
TSTG
-55 TO +150
www.shunyegroup.com.cn


Similar Part No. - ARLF358F

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
ARL1505 MIC-ARL1505 Datasheet
38Kb / 2P
   BUTTON AUTOMOTIVE RECTIFIER
ARL151 MIC-ARL151 Datasheet
38Kb / 2P
   BUTTON AUTOMOTIVE RECTIFIER
ARL152 MIC-ARL152 Datasheet
38Kb / 2P
   BUTTON AUTOMOTIVE RECTIFIER
ARL154 MIC-ARL154 Datasheet
38Kb / 2P
   BUTTON AUTOMOTIVE RECTIFIER
ARL156 MIC-ARL156 Datasheet
38Kb / 2P
   BUTTON AUTOMOTIVE RECTIFIER
More results

Similar Description - ARLF358F

ManufacturerPart #DatasheetDescription
logo
Shanghai Shunye Electro...
ARL3505 SHUNYE-ARL3505 Datasheet
449Kb / 2P
   AUTOMOTIVE OPEN JUNCTION BUTTON DIODE
ARL251 SHUNYE-ARL251 Datasheet
449Kb / 2P
   AUTOMOTIVE OPEN JUNCTION BUTTON DIODE
ARL251F SHUNYE-ARL251F Datasheet
233Kb / 2P
   AUTOMOTIVE OPEN JUNCTION BUTTON DIODE
MR760 SHUNYE-MR760 Datasheet
274Kb / 1P
   AUTONOTIVE OPEN JUNCTION BUTTON DIODE
AR3505 SHUNYE-AR3505 Datasheet
225Kb / 2P
   AUTOMOTIVE BUTTON DIODE
AR2505 SHUNYE-AR2505 Datasheet
214Kb / 2P
   AUTOMOTIVE BUTTON DIODE
AR5005 SHUNYE-AR5005 Datasheet
249Kb / 2P
   AUTOMOTIVE BUTTON DIODE
RA7005 SY-RA7005 Datasheet
2Mb / 2P
   AUTOMOTIVE BUTTON DIODE
RA8005 SY-RA8005 Datasheet
112Kb / 2P
   AUTOMOTIVE BUTTON DIODE
logo
Won-Top Electronics
AR50A WTE-AR50A Datasheet
24Kb / 2P
   50A AUTOMOTIVE BUTTON DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com