Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R2E175-AC91-05 Datasheet(PDF) 2 Page - ebm-papst

Part # R2E175-AC91-05
Description  AC centrifugal fan
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

R2E175-AC91-05 Datasheet(HTML) 2 Page - ebm-papst

  R2E175-AC91-05 Datasheet HTML 1Page - ebm-papst R2E175-AC91-05 Datasheet HTML 2Page - ebm-papst R2E175-AC91-05 Datasheet HTML 3Page - ebm-papst R2E175-AC91-05 Datasheet HTML 4Page - ebm-papst R2E175-AC91-05 Datasheet HTML 5Page - ebm-papst R2E175-AC91-05 Datasheet HTML 6Page - ebm-papst  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
AC centrifugal fan
backward curved, single inlet
R2E175-AC91-05
Technical features
Mass
1.3 kg
Size
175 mm
Surface of rotor
Coated in black
Material of impeller
Sheet steel, coated in black
Number of blades
16
Direction of rotation
Clockwise, seen on rotor
Type of protection
IP 44; Depending on installation and position as per EN 60034-5
Insulation class
"B"
Humidity class
F1-2
Max. permissible ambient motor
temp. (transp./ storage)
+ 80 °C
Min. permissible ambient motor
temp. (transp./storage)
- 40 °C
Mounting position
Shaft horizontal or rotor on bottom; rotor on top on request
Condensate discharge holes
Rotor-side
Operation mode
S1
Motor bearing
Ball bearing
Touch current acc. IEC 60990
(measuring network Fig. 4, TN
system)
< 0.75 mA
Motor protection
Thermal overload protector (TOP) wired internally
Cable exit
Variable
Protection class
I (if protective earth is connected by customer)
Product conforming to standard
EN 60335-1; CE
Item no. 11314-5-9980 · Revision 73098 · Release 2011-05-02 · Page 2 / 6
ebm-papst Mulfingen GmbH & Co. KG · Bachmühle 2 · D-74673 Mulfingen · Phone +49 (0) 7938 81-0 · Fax +49 (0) 7938 81-110 · info1@de.ebmpapst.com · www.ebmpapst.com


Similar Part No. - R2E175-AC91-05

ManufacturerPart #DatasheetDescription
logo
ebm-papst
R2E175-AC77-18 EBMPAPST-R2E175-AC77-18 Datasheet
250Kb / 1P
   Motorized Impeller
R2E175-AC79-22 EBMPAPST-R2E175-AC79-22 Datasheet
250Kb / 1P
   Motorized Impeller
More results

Similar Description - R2E175-AC91-05

ManufacturerPart #DatasheetDescription
logo
ebm-papst
R2E180-AT06-15 EBMPAPST-R2E180-AT06-15 Datasheet
176Kb / 5P
   AC centrifugal fan
G2E160-AY47-01 EBMPAPST-G2E160-AY47-01 Datasheet
115Kb / 5P
   AC centrifugal fan
09/08/2010
logo
List of Unclassifed Man...
R2E140-AS77-05 ETC2-R2E140-AS77-05 Datasheet
255Kb / 5P
   AC centrifugal fan
logo
Qualtek Electronics Cor...
FDA5-13380 QUALTEK-FDA5-13380 Datasheet
409Kb / 1P
   AC CENTRIFUGAL FAN
logo
ebm-papst
R2E220-AA44-23-V1 EBMPAPST-R2E220-AA44-23-V1 Datasheet
309Kb / 5P
   AC centrifugal fan
logo
List of Unclassifed Man...
D2E146-AP47-22 ETC2-D2E146-AP47-22 Datasheet
700Kb / 5P
   AC centrifugal fan
D4E180-CA02-02 ETC-D4E180-CA02-02 Datasheet
584Kb / 5P
   AC centrifugal fan
logo
ebm-papst
R2E133-BH72-13 EBMPAPST-R2E133-BH72-13 Datasheet
270Kb / 5P
   AC centrifugal fan
logo
Qualtek Electronics Cor...
FDA5-19067 QUALTEK-FDA5-19067 Datasheet
407Kb / 1P
   AC CENTRIFUGAL FAN
FDA5-19072 QUALTEK-FDA5-19072 Datasheet
426Kb / 1P
   AC CENTRIFUGAL FAN
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com