Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R2E140-AS77-05 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # R2E140-AS77-05
Description  AC centrifugal fan
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

R2E140-AS77-05 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  R2E140-AS77-05 Datasheet HTML 1Page - List of Unclassifed Manufacturers R2E140-AS77-05 Datasheet HTML 2Page - List of Unclassifed Manufacturers R2E140-AS77-05 Datasheet HTML 3Page - List of Unclassifed Manufacturers R2E140-AS77-05 Datasheet HTML 4Page - List of Unclassifed Manufacturers R2E140-AS77-05 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
AC centrifugal fan
forward curved
R2E140-AS77-05
Product drawing
1
Accessory part: Inlet nozzle 09576-2-4013, not included in the standard scope of delivery
2
Depth of screw max. 5 mm
3
Connection line PVC 4G 0.5mm², 4x brass lead tips crimped
Connection screen
U1
blue
Z
brown
U2
black
PE
green/yellow
Item no. 11080-5-9980 · Revision 72138 · Release 2010-10-03 · Page 3 / 5
ebm-papst Mulfingen GmbH & Co. KG · Bachmühle 2 · D-74673 Mulfingen · Phone +49 (0) 7938 81-0 · Fax +49 (0) 7938 81-110 · info1@de.ebmpapst.com · www.ebmpapst.com


Similar Part No. - R2E140-AS77-05

ManufacturerPart #DatasheetDescription
logo
ebm-papst
R2E133 EBMPAPST-R2E133 Datasheet
339Kb / 1P
   Motorized Impeller
R2E133-AB03-22 EBMPAPST-R2E133-AB03-22 Datasheet
339Kb / 1P
   Motorized Impeller
R2E133-AB25-22 EBMPAPST-R2E133-AB25-22 Datasheet
339Kb / 1P
   Motorized Impeller
R2E133-AE17-05 EBMPAPST-R2E133-AE17-05 Datasheet
339Kb / 1P
   Motorized Impeller
R2E133-BB66-13 EBMPAPST-R2E133-BB66-13 Datasheet
339Kb / 1P
   Motorized Impeller
More results

Similar Description - R2E140-AS77-05

ManufacturerPart #DatasheetDescription
logo
ebm-papst
R2E180-AT06-15 EBMPAPST-R2E180-AT06-15 Datasheet
176Kb / 5P
   AC centrifugal fan
G2E160-AY47-01 EBMPAPST-G2E160-AY47-01 Datasheet
115Kb / 5P
   AC centrifugal fan
09/08/2010
logo
Qualtek Electronics Cor...
FDA5-13380 QUALTEK-FDA5-13380 Datasheet
409Kb / 1P
   AC CENTRIFUGAL FAN
logo
ebm-papst
R2E220-AA44-23-V1 EBMPAPST-R2E220-AA44-23-V1 Datasheet
309Kb / 5P
   AC centrifugal fan
logo
List of Unclassifed Man...
D2E146-AP47-22 ETC2-D2E146-AP47-22 Datasheet
700Kb / 5P
   AC centrifugal fan
D4E180-CA02-02 ETC-D4E180-CA02-02 Datasheet
584Kb / 5P
   AC centrifugal fan
logo
ebm-papst
R2E175-AC91-05 EBMPAPST-R2E175-AC91-05 Datasheet
229Kb / 6P
   AC centrifugal fan
R2E133-BH72-13 EBMPAPST-R2E133-BH72-13 Datasheet
270Kb / 5P
   AC centrifugal fan
logo
Qualtek Electronics Cor...
FDA5-19067 QUALTEK-FDA5-19067 Datasheet
407Kb / 1P
   AC CENTRIFUGAL FAN
FDA5-19072 QUALTEK-FDA5-19072 Datasheet
426Kb / 1P
   AC CENTRIFUGAL FAN
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com