Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

424JH Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 424JH
Description  DC axial fans Series 420 J 40 x 40 x 28 mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

424JH Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  424JH Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
34
– Possible special versions:
(See chapter DC fans - specials)
- Speed signal
- Go / No-go alarm
- External temperature sensor
- PWM control input
- Protection against moisture
- Protection against salt fog
DC axial fans
Series 420 J
40 x 40 x 28 mm
max.
38 m3/h
Type
m3/h
CFM
VDC
VDC
dB(A) Bel(A)
/
Watts
rpm
°C
Hours
Hours
422 JM
24
14,2
12
8...13,8
42
5,5
2,5
11 100
-20...+70
75 000 / 37 500
127 500
422 JN
31
18,3
12
8...13,8
48
6,0
4,0
14 000
-20...+70
67 500 / 35 000
115 000
422 JH
38
22,4
12
8...13,8
54
6,6
6,8
17 200
-20...+70
60 000 / 30 000
102 500
424 JM
24
14,2
24
16...28
42
5,5
2,7
11 100
-20...+70
75 000 / 37 500
127 500
424 JN
31
18,3
24
16...28
48
6,0
4,2
14 000
-20...+70
67 500 / 35 000
115 000
424 JH
38
22,4
24
16...26,4
54
6,6
7,1
17 200
-20...+65
60 000 / 32 500
102 500
Subject to alternations
– Material:
Housing: GRP1) (PBT)
Impeller: GRP1) (PA)
– Direction of air flow: Exhaust over struts
– Direction of rotation: Counter-clockwise, seen
on rotor
– Connection:
Via single wires AWG 28,
UL 1061
– Mass:
45 g
1) Fibreglass-reinforced plastic
Ø 42,5 ± 0,3
0
5
10
50
100
150
200
250
m³/h
C
FM
5
10
15
15
20
25
20
300
30
35
40
350
400
2
1
3
tin-plated
Guard grilles
from p. 238
Nominal data


Similar Part No. - 424JH

ManufacturerPart #DatasheetDescription
logo
Quantic Paktron
424J400CC6 QUANTIC-424J400CC6 Datasheet
1Mb / 3P
   Capstick® Capacitor Metallized Polymer Dielectric
424J400RC6 QUANTIC-424J400RC6 Datasheet
919Kb / 3P
   Angstor® Capacitor Metallized Polymer Dielectric
logo
ebm-papst
424JM EBMPAPST-424JM Datasheet
368Kb / 4P
   DC axial fan
424JN EBMPAPST-424JN_16 Datasheet
368Kb / 4P
   DC axial fan
More results

Similar Description - 424JH

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3250J ETC2-3250J Datasheet
295Kb / 1P
   DC axial fans Series 3250 J 92 x 92 x 38 mm
logo
Torex Semiconductor
QFN0404-24C TOREX-QFN0404-24C Datasheet
205Kb / 3P
   40 x 40 mm (1600mm2)
logo
List of Unclassifed Man...
6400U ETC2-6400U Datasheet
361Kb / 1P
   DC axial fans Series 6400 U 172 x 150 x 51 mm
8400N ETC2-8400N Datasheet
125Kb / 1P
   DC axial fans Series 8400 N 80 x 80 x 25 mm
3300N ETC2-3300N Datasheet
466Kb / 1P
   DC axial fans Series 3300 N 92 x 92 x 32 mm
logo
CoolCox Limited All rig...
4010L05S COOLCOX-4010L05S Datasheet
2Mb / 14P
   40 x 40 x 10mm High Quality DC Fan
logo
NTE Electronics
77-4010D12 NTE-77-4010D12 Datasheet
266Kb / 1P
   Fan, DC Types, 40 x 40mm
logo
IDEA.lnc.
JRC0288 IDEA-JRC0288 Datasheet
27Kb / 1P
   2 x 2.5 mm Axial Lead LED Lamp J Series
logo
List of Unclassifed Man...
RG160NU ETC2-RG160NU Datasheet
335Kb / 1P
   DC centrifugal fans Series RG 160 NU 220 x 220 x 56 mm
logo
Schneider Electric
ZB2BY2931 SCHNEIDER-ZB2BY2931 Datasheet
72Kb / 2P
   legend - 30 x 40 mm - red - 0
Mar 23, 2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com