Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4414 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # 4414
Description  Data Sheet 4414/12M
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

4414 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button 4414 Datasheet HTML 3Page - List of Unclassifed Manufacturers 4414 Datasheet HTML 4Page - List of Unclassifed Manufacturers 4414 Datasheet HTML 5Page - List of Unclassifed Manufacturers 4414 Datasheet HTML 6Page - List of Unclassifed Manufacturers 4414 Datasheet HTML 7Page - List of Unclassifed Manufacturers 4414 Datasheet HTML 8Page - List of Unclassifed Manufacturers 4414 Datasheet HTML 9Page - List of Unclassifed Manufacturers 4414 Datasheet HTML 10Page - List of Unclassifed Manufacturers 4414 Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Product Data Sheet 4414/12M
5/7/2012
page 8 of 11
3.5
Aerodynamic
Measurement
conditions:
Measured with a double chamber intake rig acc. to DIN EN ISO 5801.
Normal air density = 1,2 kg/m3; Temperature 23°C +/- 3°C;
In the intake and outlet area should not be any solid obstruction within 0,5 m.
a.) Operation condition:
3.300 1/min at free air flow
Max. free-air flow (∆p = 0 /
= max.)
184,0 m3/h
Max. static pressure (∆p = max. /
=0)
103 Pa


Similar Part No. - 4414

ManufacturerPart #DatasheetDescription
logo
ebm-papst
4414 EBMPAPST-4414 Datasheet
426Kb / 3P
   DC diagonal fans
4414 EBMPAPST-4414 Datasheet
434Kb / 3P
   DC axial fans
4414/2HHP EBMPAPST-4414/2HHP Datasheet
435Kb / 3P
   DC axial fans
44142HHP EBMPAPST-44142HHP Datasheet
170Kb / 4P
   DC axial compact fan
44142HHP EBMPAPST-44142HHP Datasheet
213Kb / 1P
   DC axial fans
More results

Similar Description - 4414

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
MMBD3004A YEASHIN-MMBD3004A Datasheet
437Kb / 2P
   DATA SHEET
logo
Aplus Intergrated Circu...
IVR3K21 APLUS-IVR3K21 Datasheet
342Kb / 11P
   Data Sheet
IVR3K10 APLUS-IVR3K10 Datasheet
342Kb / 11P
   Data Sheet
IVR341N APLUS-IVR341N Datasheet
596Kb / 10P
   Data Sheet
IVR3K42 APLUS-IVR3K42 Datasheet
342Kb / 11P
   Data Sheet
logo
Freescale Semiconductor...
MPC5533 FREESCALE-MPC5533 Datasheet
1Mb / 50P
   Microcontroller Data Sheet
MC9S12NE64V1 FREESCALE-MC9S12NE64V1 Datasheet
3Mb / 554P
   MC9S12NE64V1 Data Sheet
logo
Murata Manufacturing Co...
GRM188F51E474ZA01D MURATA-GRM188F51E474ZA01D Datasheet
43Kb / 1P
   Capacitor data sheet
GRM1885C1E122JA01D MURATA-GRM1885C1E122JA01D Datasheet
43Kb / 1P
   Capacitor data sheet
logo
Microchip Technology
DSPIC30F6010-20I MICROCHIP-DSPIC30F6010-20I Datasheet
2Mb / 222P
   dsPIC30F6010 Data Sheet
10/19/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com