Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC8563TDGSR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8563TDGSR
Description  Internal Reference
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC8563TDGSR Datasheet(HTML) 4 Page - Texas Instruments

  DAC8563TDGSR Datasheet HTML 1Page - Texas Instruments DAC8563TDGSR Datasheet HTML 2Page - Texas Instruments DAC8563TDGSR Datasheet HTML 3Page - Texas Instruments DAC8563TDGSR Datasheet HTML 4Page - Texas Instruments DAC8563TDGSR Datasheet HTML 5Page - Texas Instruments DAC8563TDGSR Datasheet HTML 6Page - Texas Instruments DAC8563TDGSR Datasheet HTML 7Page - Texas Instruments DAC8563TDGSR Datasheet HTML 8Page - Texas Instruments DAC8563TDGSR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 60 page
background image
SYNC
SCLK
D
IN
AV
DD
V
/V
REFIN
REFOUT
1
2
3
4
5
6
7
8
9
10
V
A
OUT
V
B
OUT
GND
LDAC
CLR
Thermal Pad
(1)
V
A
OUT
V
B
OUT
GND
LDAC
CLR
1
2
3
4
5
6
7
8
9
10
SYNC
SCLK
D
IN
AV
DD
V
/V
REFIN
REFOUT
DAC7562T, DAC7563T, DAC8162T
DAC8163T, DAC8562T, DAC8563T
SLASE61A – SEPTEMBER 2015 – REVISED OCTOBER 2015
www.ti.com
6 Pin Configuration and Functions
DGS Package
DSC Package
10-Pin VSSOP
10-Pin WSON
(Top View)
(Top View)
(1)
TI recommends connecting the thermal pad to the ground plane for better thermal dissipation.
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
AVDD
9
I
Power-supply input, 2.7 V to 5.5 V
Asynchronous clear input. The CLR input is falling-edge sensitive. On activation of CLR, zero
scale (DACxx62T) or mid-scale (DACxx63T) is loaded to all input and DAC registers. This sets the
CLR
5
I
DAC output voltages accordingly. The device exits clear code mode on the 24th falling edge of the
next write to the device. Activating CLR during a write sequence aborts the write.
Serial data input. Data are clocked into the 24-bit input shift register on each falling edge of the
DIN
8
I
serial clock input. Schmitt-trigger logic input
GND
3
Ground reference point for all circuitry on the device
In synchronous mode, data update occurs with the falling edge of the 24th SCLK cycle, which
follows a falling edge of SYNC. Such synchronous updates do not require the LDAC, which must
be connected to GND permanently or asserted and held low before sending commands to the
device.
LDAC
4
I
In asynchronous mode, the LDAC pin is used as a negative edge-triggered timing signal for
simultaneous DAC updates. Multiple single-channel commands can be written in order to set
different channel buffers to desired values and then make a falling edge on the LDAC pin to
update the DAC output registers simultaneously.
SCLK
7
I
Serial clock input. Data can be transferred at rates up to 50 MHz. Schmitt-trigger logic input
Level-triggered control input (active-low). This input is the frame synchronization signal for the
input data. When SYNC goes low, it enables the input shift register, and data are sampled on
subsequent falling clock edges. The DAC output updates following the 24th clock falling edge. If
SYNC
6
I
SYNC is taken high before the 23rd clock edge, the rising edge of SYNC acts as an interrupt, and
the write sequence is ignored by the DAC756xT, DAC816xT, and DAC856xT devices. Schmitt-
trigger logic input
VOUTA
1
O
Analog output voltage from DAC-A
VOUTB
2
O
Analog output voltage from DAC-B
VREFIN/VREFOUT
10
I/O
Bidirectional voltage reference pin. If internal reference is used, 2.5-V output.
4
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: DAC7562T DAC7563T DAC8162T DAC8163T DAC8562T DAC8563T


Similar Part No. - DAC8563TDGSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8563 TI1-DAC8563 Datasheet
1Mb / 56P
[Old version datasheet]   DUAL 16-/14-/12-BIT, ULTRALOW-GLITCH, LOW-POWER, BUFFERED, VOLTAGE-OUTPUT
JUNE2011
DAC8563 TI-DAC8563 Datasheet
1Mb / 58P
[Old version datasheet]   DUAL 16-/14-/12-BIT, ULTRALOW-GLITCH, LOW-POWER, BUFFERED, VOLTAGE-OUTPUT DAC WITH 2.5-V, 4-PPM/째C INTERNAL REFERENCE IN SMALL 3-MM 횞 3-MM SON
DAC8563-Q1 TI1-DAC8563-Q1 Datasheet
1Mb / 54P
[Old version datasheet]   Low-Power, Buffered, Voltage-Output DACs
DAC8563SDGSR TI1-DAC8563SDGSR Datasheet
1Mb / 58P
[Old version datasheet]   DUAL 16-/14-/12-BIT, ULTRALOW-GLITCH, LOW-POWER, BUFFERED, VOLTAGE-OUTPUT DAC WITH 2.5-V, 4-PPM/째C INTERNAL REFERENCE IN SMALL 3-MM 횞 3-MM SON
DAC8563SDGSR TI1-DAC8563SDGSR Datasheet
1Mb / 60P
[Old version datasheet]   Internal Reference
More results

Similar Description - DAC8563TDGSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC7562 TI1-DAC7562_15 Datasheet
1Mb / 60P
[Old version datasheet]   Internal Reference
logo
Microchip Technology
MCP8024 MICROCHIP-MCP8024 Datasheet
1Mb / 46P
   Internal Bandgap Reference
08/20/13
logo
Texas Instruments
TL103W TI-TL103W Datasheet
196Kb / 9P
[Old version datasheet]   DUAL OPERATIONAL aMPLIFIERS WITH INTERNAL REFERENCE
logo
Silicon Laboratories
TS9001 SILABS-TS9001 Datasheet
1Mb / 15P
   1.6V Nanopower Comparator with Internal Reference
logo
Maxim Integrated Produc...
MAX11626 MAXIM-MAX11626_14 Datasheet
401Kb / 22P
   ADCs with FIFO and Internal Reference
Rev 5; 9/14
logo
Texas Instruments
TL103W TI-TL103W_08 Datasheet
302Kb / 12P
[Old version datasheet]   DUAL OPERATIONAL AMPLIFIERS WITH INTERNAL REFERENCE
logo
Touchstone Semiconducto...
TS9001 TOUCHSTONE-TS9001 Datasheet
237Kb / 8P
   1.6V Nanopower Comparator with Internal Reference
logo
Hotchip Technology Co.,...
HT3582D HOTCHIP-HT3582D Datasheet
911Kb / 6P
   Internal reference source Adjusted idler voltage
logo
Texas Instruments
TL103W TI1-TL103W_16 Datasheet
744Kb / 16P
[Old version datasheet]   Dual Operational Amplifiers With Internal Reference
logo
Touchstone Semiconducto...
TSM917 TOUCHSTONE-TSM917 Datasheet
686Kb / 14P
   1.8V Nanopower Comparator with Internal 1.245V Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com