Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC8163SDSCT Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8163SDSCT
Description  Internal Reference
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC8163SDSCT Datasheet(HTML) 11 Page - Texas Instruments

Back Button DAC8163SDSCT Datasheet HTML 7Page - Texas Instruments DAC8163SDSCT Datasheet HTML 8Page - Texas Instruments DAC8163SDSCT Datasheet HTML 9Page - Texas Instruments DAC8163SDSCT Datasheet HTML 10Page - Texas Instruments DAC8163SDSCT Datasheet HTML 11Page - Texas Instruments DAC8163SDSCT Datasheet HTML 12Page - Texas Instruments DAC8163SDSCT Datasheet HTML 13Page - Texas Instruments DAC8163SDSCT Datasheet HTML 14Page - Texas Instruments DAC8163SDSCT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 60 page
background image
DAC7562, DAC7563, DAC8162
DAC8163, DAC8562, DAC8563
www.ti.com
SLAS719E – AUGUST 2010 – REVISED JUNE 2015
Table 2. Typical Characteristics: DAC Static Performance (continued)
POWER-SUPPLY
MEASUREMENT
FIGURE NUMBER
VOLTAGE
POWER-DOWN CURRENT
Power-Down Current vs Temperature
5.5 V
Figure 28
Power-Down Current vs Power-Supply Voltage
2.7 V – 5.5 V
Figure 29
Power-Down Current vs Temperature
2.7 V
Figure 73
POWER-SUPPLY CURRENT
External VREF
Figure 20
Power-Supply Current vs Temperature
Internal VREF
Figure 21
External VREF
Figure 22
Power-Supply Current vs Digital Input Code
5.5 V
Internal VREF
Figure 23
External VREF
Figure 24
Power-Supply Current Histogram
Internal VREF
Figure 25
External VREF
Figure 26
Power-Supply Current vs Power-Supply Voltage
2.7 V – 5.5 V
Internal VREF
Figure 27
External VREF
Figure 49
Power-Supply Current vs Temperature
Internal VREF
Figure 50
External VREF
Figure 51
Power-Supply Current vs Digital Input Code
3.6 V
Internal VREF
Figure 52
External VREF
Figure 53
Power-Supply Current Histogram
Internal VREF
Figure 54
External VREF
Figure 67
Power-Supply Current vs Temperature
Internal VREF
Figure 68
External VREF
Figure 69
Power-Supply Current vs Digital Input Code
2.7 V
Internal VREF
Figure 70
External VREF
Figure 71
Power-Supply Current Histogram
Internal VREF
Figure 72
Table 3. Typical Characteristics: DAC Dynamic Performance
POWER-SUPPLY
MEASUREMENT
FIGURE NUMBER
VOLTAGE
CHANNEL-TO-CHANNEL CROSSTALK
5-V Rising Edge
Figure 43
Channel-to-Channel Crosstalk
5.5 V
5-V Falling Edge
Figure 44
CLOCK FEEDTHROUGH
5.5 V
Figure 48
Clock Feedthrough
500 kHz, Midscale
2.7 V
Figure 87
GLITCH IMPULSE
Rising Edge, Code 7FFFh to 8000h
Figure 37
Glitch Impulse, 1-LSB Step
Falling Edge, Code 8000h to 7FFFh
Figure 38
Rising Edge, Code 7FFCh to 8000h
Figure 39
Glitch Impulse, 4-LSB Step
5.5 V
Falling Edge, Code 8000h to 7FFCh
Figure 40
Rising Edge, Code 7FF0h to 8000h
Figure 41
Glitch Impulse, 16-LSB Step
Falling Edge, Code 8000h to 7FF0h
Figure 42
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: DAC7562 DAC7563 DAC8162 DAC8163 DAC8562 DAC8563


Similar Part No. - DAC8163SDSCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8163SDSCT TI1-DAC8163SDSCT Datasheet
1Mb / 56P
[Old version datasheet]   DUAL 16-/14-/12-BIT, ULTRALOW-GLITCH, LOW-POWER, BUFFERED, VOLTAGE-OUTPUT
JUNE2011
DAC8163SDSCT TI1-DAC8163SDSCT Datasheet
1Mb / 58P
[Old version datasheet]   DUAL 16-/14-/12-BIT, ULTRALOW-GLITCH, LOW-POWER, BUFFERED, VOLTAGE-OUTPUT DAC WITH 2.5-V, 4-PPM/째C INTERNAL REFERENCE IN SMALL 3-MM 횞 3-MM SON
More results

Similar Description - DAC8163SDSCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC7562T TI1-DAC7562T Datasheet
1Mb / 60P
[Old version datasheet]   Internal Reference
logo
Microchip Technology
MCP8024 MICROCHIP-MCP8024 Datasheet
1Mb / 46P
   Internal Bandgap Reference
08/20/13
logo
Texas Instruments
TL103W TI-TL103W Datasheet
196Kb / 9P
[Old version datasheet]   DUAL OPERATIONAL aMPLIFIERS WITH INTERNAL REFERENCE
logo
Silicon Laboratories
TS9001 SILABS-TS9001 Datasheet
1Mb / 15P
   1.6V Nanopower Comparator with Internal Reference
logo
Maxim Integrated Produc...
MAX11626 MAXIM-MAX11626_14 Datasheet
401Kb / 22P
   ADCs with FIFO and Internal Reference
Rev 5; 9/14
logo
Texas Instruments
TL103W TI-TL103W_08 Datasheet
302Kb / 12P
[Old version datasheet]   DUAL OPERATIONAL AMPLIFIERS WITH INTERNAL REFERENCE
logo
Touchstone Semiconducto...
TS9001 TOUCHSTONE-TS9001 Datasheet
237Kb / 8P
   1.6V Nanopower Comparator with Internal Reference
logo
Hotchip Technology Co.,...
HT3582D HOTCHIP-HT3582D Datasheet
911Kb / 6P
   Internal reference source Adjusted idler voltage
logo
Texas Instruments
TL103W TI1-TL103W_16 Datasheet
744Kb / 16P
[Old version datasheet]   Dual Operational Amplifiers With Internal Reference
logo
Touchstone Semiconducto...
TSM917 TOUCHSTONE-TSM917 Datasheet
686Kb / 14P
   1.8V Nanopower Comparator with Internal 1.245V Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com