Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BTS115A Datasheet(PDF) 1 Page - Infineon Technologies AG

Part No. BTS115A
Description  TEMPFET(N channel Logic level Enhancement mode Temperature sensor with thyristor characteristic)
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INFINEON [Infineon Technologies AG]
Homepage  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS115A Datasheet(HTML) 1 Page - Infineon Technologies AG

  BTS115A Datasheet HTML 1Page - Infineon Technologies AG BTS115A Datasheet HTML 2Page - Infineon Technologies AG BTS115A Datasheet HTML 3Page - Infineon Technologies AG BTS115A Datasheet HTML 4Page - Infineon Technologies AG BTS115A Datasheet HTML 5Page - Infineon Technologies AG BTS115A Datasheet HTML 6Page - Infineon Technologies AG BTS115A Datasheet HTML 7Page - Infineon Technologies AG BTS115A Datasheet HTML 8Page - Infineon Technologies AG BTS115A Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TEMPFET® BTS 115 A
1
19.02.04
3
2
1
Features
q
N channel
q
Logic level
q
Enhancement mode
q
Temperature sensor with thyristor characteristic
q
The drain pin is electrically shorted to the tab
Pin
1
2
3
GD
S
Type
V
DS
I
D
R
DS(on)
Package
Ordering Code
BTS 115A
50 V
15.5 A
0.12
TO-220AB
C67078-S5004-A2
Maximum Ratings
Parameter
Symbol
Values
Unit
Drain-source voltage
V
DS
50
V
Drain-gate voltage,
R
GS = 20 kΩ
V
DGR
50
Gate-source voltage
V
GS
± 10
Continuous drain current,
T
C = 25 °C
I
D
15.5
A
ISO drain current
T
C = 85 °C, VGS = 4.5 V, VDS = 0.5 V
I
D-ISO
3.2
Pulsed drain current,
T
C = 25 °C
I
D puls
62
Short circuit current,
T
j = – 55 ... + 150 °C
I
SC
37
Short circuit dissipation,
T
j = – 55 ... + 150 °C
P
SCmax
550
W
Power dissipation
P
tot
50
Operating and storage temperature range
T
j, Tstg
– 55 ... + 150
°C
DIN humidity category, DIN 40 040
E
IEC climatic category, DIN IEC 68-1
55/150/56
Thermal resistance
Chip-case
Chip-ambient
R
th JC
R
th JA
≤ 2.5
≤ 75
K/W


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BTS121ATEMPFET N channel Logic level Enhancement mode Temperature sensor with thyristor characteristic 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS131TEMPFET N channel Logic level Enhancement mode Temperature sensor with thyristor characteristic 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS132TEMPFET N channel Logic level Enhancement mode Temperature sensor with thyristor characteristic 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS113ATEMPFET N channel Logic level Enhancement mode Temperature sensor with thyristor characteristic 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS115ATEMPFET N channel Logic level Enhancement mode Temperature sensor with thyristor characteristic 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS121ATEMPFET N channel Logic level Enhancement mode Temperature sensor with thyristor characteristic 1 2 3 4 5 MoreInfineon Technologies AG
BTS131TEMPFET N channel Logic level Enhancement mode Temperature sensor with thyristor characteristic 1 2 3 4 5 MoreInfineon Technologies AG
BTS132TEMPFET N channel Logic level Enhancement mode Temperature sensor with thyristor characteristic 1 2 3 4 5 MoreInfineon Technologies AG
BTS120TEMPFET N channel Enhancement mode Temperature sensor with thyristor characteristic 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS129TEMPFET N channel Enhancement mode Temperature sensor with thyristor characteristic 1 2 3 4 5 MoreSiemens Semiconductor Group

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn