Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC8163-Q1 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8163-Q1
Description  Low-Power, Buffered, Voltage-Output DACs
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC8163-Q1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button DAC8163-Q1 Datasheet HTML 2Page - Texas Instruments DAC8163-Q1 Datasheet HTML 3Page - Texas Instruments DAC8163-Q1 Datasheet HTML 4Page - Texas Instruments DAC8163-Q1 Datasheet HTML 5Page - Texas Instruments DAC8163-Q1 Datasheet HTML 6Page - Texas Instruments DAC8163-Q1 Datasheet HTML 7Page - Texas Instruments DAC8163-Q1 Datasheet HTML 8Page - Texas Instruments DAC8163-Q1 Datasheet HTML 9Page - Texas Instruments DAC8163-Q1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 54 page
background image
DAC7562-Q1, DAC7563-Q1
DAC8162-Q1, DAC8163-Q1
DAC8562-Q1, DAC8563-Q1
SLAS950A – MAY 2013 – REVISED JUNE 2015
www.ti.com
Electrical Characteristics (continued)
At AVDD = 2.7 V to 5.5 V and TA = –40°C to 125°C (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LOGIC INPUTS(2)
Input pin Leakage current
–1
±0.1
1
µA
Logic input LOW voltage VINL
0
0.8
V
0.7 ×
Logic input HIGH voltage VINH
AVDD
V
AVDD
Pin capacitance
3
pF
REFERENCE
External VREF = 2.5 V (when internal reference
External reference current
15
µA
is disabled), all channels active using gain = 1
Internal reference disabled, gain = 1
170
Reference input impedance
k
Ω
Internal reference disabled, gain = 2
85
REFERENCE OUTPUT
Output voltage
TA = 25°C
2.495
2.5
2.505
V
Initial accuracy
TA = 25°C
–5
±0.1
5
mV
Output voltage temperature drift
4
10
ppm/°C
Output voltage noise
f = 0.1 Hz to 10 Hz
12
µVPP
TA = 25°C, f = 1 kHz, CL = 0 µF
250
Output voltage noise density (high-frequency
TA = 25°C, f = 1 MHz, CL = 0 µF
30
nV/
√Hz
noise)
TA = 25°C, f = 1 MHz, CL = 4.7 µF
10
Load regulation, sourcing(4)
TA = 25°C
20
µV/mA
Load regulation, sinking(4)
TA = 25°C
185
µV/mA
Output current load capability(2)
±20
mA
Line regulation
TA = 25°C
50
µV/V
Long-term stability and drift (aging)(4)
TA = 25°C, time = 0 to 1900 hours
100
ppm
First cycle
200
Thermal hysteresis(4)
ppm
Additional cycles
50
POWER REQUIREMENTS(5)
Normal mode, internal reference off
0.25
0.5
mA
Normal mode, internal reference on
0.9
1.6
AVDD = 3.6 V to 5.5 V
Power-down modes(6)
0.55
2
µA
Power-down modes(7)
0.55
4
IDD
Normal mode, internal reference off
0.2
0.4
mA
Normal mode, internal reference on
0.73
1.4
AVDD = 2.7 V to 3.6 V
Power-down modes(6)
0.35
2
µA
Power-down modes(7)
0.35
3
Normal mode, internal reference off
0.9
2.75
mW
Normal mode, internal reference on
3.2
8.8
AVDD = 3.6 V to 5.5 V
Power-down modes(6)
2
11
µW
Power-down modes(7)
2
22
Power dissipation
Normal mode, internal reference off
0.54
1.44
mW
Normal mode, internal reference on
1.97
5
AVDD = 2.7 V to 3.6 V
Power-down modes(6)
0.95
7.2
µW
Power-down modes(7)
0.95
10.8
(4)
See the Application Information section of this data sheet.
(5)
Input code = mid-scale, no load, VINH = AVDD, and VINL = GND
(6)
Temperature range –40°C to 105°C
(7)
Temperature range –40°C to 125°C
6
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: DAC7562-Q1 DAC7563-Q1 DAC8162-Q1 DAC8163-Q1 DAC8562-Q1 DAC8563-Q1


Similar Part No. - DAC8163-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8163 TI1-DAC8163 Datasheet
1Mb / 56P
[Old version datasheet]   DUAL 16-/14-/12-BIT, ULTRALOW-GLITCH, LOW-POWER, BUFFERED, VOLTAGE-OUTPUT
JUNE2011
DAC8163 TI-DAC8163 Datasheet
1Mb / 58P
[Old version datasheet]   DUAL 16-/14-/12-BIT, ULTRALOW-GLITCH, LOW-POWER, BUFFERED, VOLTAGE-OUTPUT DAC WITH 2.5-V, 4-PPM/째C INTERNAL REFERENCE IN SMALL 3-MM 횞 3-MM SON
DAC8163SDGSR TI1-DAC8163SDGSR Datasheet
1Mb / 56P
[Old version datasheet]   DUAL 16-/14-/12-BIT, ULTRALOW-GLITCH, LOW-POWER, BUFFERED, VOLTAGE-OUTPUT
JUNE2011
DAC8163SDGSR TI1-DAC8163SDGSR Datasheet
1Mb / 58P
[Old version datasheet]   DUAL 16-/14-/12-BIT, ULTRALOW-GLITCH, LOW-POWER, BUFFERED, VOLTAGE-OUTPUT DAC WITH 2.5-V, 4-PPM/째C INTERNAL REFERENCE IN SMALL 3-MM 횞 3-MM SON
DAC8163SDGSR TI1-DAC8163SDGSR Datasheet
1Mb / 60P
[Old version datasheet]   Internal Reference
More results

Similar Description - DAC8163-Q1

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5138 MAXIM-MAX5138_12 Datasheet
483Kb / 17P
   Low-Power, Single, 16-/12-Bit, Buffered Voltage-Output DACs
Rev 2; 10/12
MAX5138 MAXIM-MAX5138 Datasheet
360Kb / 17P
   Low-Power, Single, 16-/12-Bit, Buffered Voltage-Output DACs
Rev 1; 4/09
MAX5530 MAXIM-MAX5530 Datasheet
1,010Kb / 19P
   ULTRA-LOW POWER, 12-BIT, VOLTAGE-OUTPUT DACS
Rev 0; 1/04
MAX5523EUA MAXIM-MAX5523EUA Datasheet
1Mb / 23P
   Dual, Ultra-Low-Power, 10-Bit, Voltage-Output DACs
Rev 1; 12/04
MAX5532 MAXIM-MAX5532_V01 Datasheet
4Mb / 26P
   Dual, Ultra-Low-Power, 12-Bit, Voltage-Output DACs
2021
MAX5533 MAXIM-MAX5533 Datasheet
1Mb / 24P
   Dual, Ultra-Low-Power, 12-Bit, Voltage-Output DACs
Rev 0; 12/03
MAX5512 MAXIM-MAX5512 Datasheet
1Mb / 23P
   Dual, Ultra-Low-Power, 8-Bit, Voltage-Output DACs
19-3066; Rev 0; 1/04
MAX5170 MAXIM-MAX5170 Datasheet
241Kb / 16P
   Low-Power, Serial, 14-Bit DACs with Voltage Output
Rev 0; 4/99
MAX5174 MAXIM-MAX5174 Datasheet
255Kb / 16P
   Low-Power, Serial, 12-Bit DACs with Voltage Output
Rev 0; 4/99
MAX5522 MAXIM-MAX5522 Datasheet
1Mb / 23P
   Dual, Ultra-Low-Power, 10-Bit, Voltage-Output DACs
19-3064; Rev 1; 12/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com