Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC8162SQDGSRQ1 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8162SQDGSRQ1
Description  Low-Power, Buffered, Voltage-Output DACs
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC8162SQDGSRQ1 Datasheet(HTML) 9 Page - Texas Instruments

Back Button DAC8162SQDGSRQ1 Datasheet HTML 5Page - Texas Instruments DAC8162SQDGSRQ1 Datasheet HTML 6Page - Texas Instruments DAC8162SQDGSRQ1 Datasheet HTML 7Page - Texas Instruments DAC8162SQDGSRQ1 Datasheet HTML 8Page - Texas Instruments DAC8162SQDGSRQ1 Datasheet HTML 9Page - Texas Instruments DAC8162SQDGSRQ1 Datasheet HTML 10Page - Texas Instruments DAC8162SQDGSRQ1 Datasheet HTML 11Page - Texas Instruments DAC8162SQDGSRQ1 Datasheet HTML 12Page - Texas Instruments DAC8162SQDGSRQ1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 54 page
background image
DAC7562-Q1, DAC7563-Q1
DAC8162-Q1, DAC8163-Q1
DAC8562-Q1, DAC8563-Q1
www.ti.com
SLAS950A – MAY 2013 – REVISED JUNE 2015
Table 2. Typical Characteristics: DAC Static Performance (continued)
POWER-SUPPLY
MEASUREMENT
FIGURE NUMBER
VOLTAGE
POWER-DOWN CURRENT
Power-Down Current vs Temperature
5.5 V
Figure 28
Power-Down Current vs Power-Supply Voltage
2.7 V – 5.5 V
Figure 29
Power-Down Current vs Temperature
2.7 V
Figure 73
POWER-SUPPLY CURRENT
External VREF
Figure 20
Power-Supply Current vs Temperature
Internal VREF
Figure 21
External VREF
Figure 22
Power-Supply Current vs Digital Input Code
5.5 V
Internal VREF
Figure 23
External VREF
Figure 24
Power-Supply Current Histogram
Internal VREF
Figure 25
External VREF
Figure 26
Power-Supply Current vs Power-Supply Voltage
2.7 V – 5.5 V
Internal VREF
Figure 27
External VREF
Figure 49
Power-Supply Current vs Temperature
Internal VREF
Figure 50
External VREF
Figure 51
Power-Supply Current vs Digital Input Code
3.6 V
Internal VREF
Figure 52
External VREF
Figure 53
Power-Supply Current Histogram
Internal VREF
Figure 54
External VREF
Figure 67
Power-Supply Current vs Temperature
Internal VREF
Figure 68
External VREF
Figure 69
Power-Supply Current vs Digital Input Code
2.7 V
Internal VREF
Figure 70
External VREF
Figure 71
Power-Supply Current Histogram
Internal VREF
Figure 72
Table 3. Typical Characteristics: DAC Dynamic Performance
POWER-SUPPLY
MEASUREMENT
FIGURE NUMBER
VOLTAGE
CHANNEL-TO-CHANNEL CROSSTALK
5-V Rising Edge
Figure 43
Channel-to-Channel Crosstalk
5.5 V
5-V Falling Edge
Figure 44
CLOCK FEEDTHROUGH
5.5 V
Figure 48
Clock Feedthrough
500 kHz, Mid-Scale
2.7 V
Figure 87
GLITCH IMPULSE
Rising Edge, Code 7FFFh to 8000h
Figure 37
Glitch Impulse, 1-LSB Step
Falling Edge, Code 8000h to 7FFFh
Figure 38
Rising Edge, Code 7FFCh to 8000h
Figure 39
Glitch Impulse, 4-LSB Step
5.5 V
Falling Edge, Code 8000h to 7FFCh
Figure 40
Rising Edge, Code 7FF0h to 8000h
Figure 41
Glitch Impulse, 16-LSB Step
Falling Edge, Code 8000h to 7FF0h
Figure 42
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: DAC7562-Q1 DAC7563-Q1 DAC8162-Q1 DAC8163-Q1 DAC8562-Q1 DAC8563-Q1


Similar Part No. - DAC8162SQDGSRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8162SDGSR TI1-DAC8162SDGSR Datasheet
1Mb / 56P
[Old version datasheet]   DUAL 16-/14-/12-BIT, ULTRALOW-GLITCH, LOW-POWER, BUFFERED, VOLTAGE-OUTPUT
JUNE2011
DAC8162SDGSR TI1-DAC8162SDGSR Datasheet
1Mb / 58P
[Old version datasheet]   DUAL 16-/14-/12-BIT, ULTRALOW-GLITCH, LOW-POWER, BUFFERED, VOLTAGE-OUTPUT DAC WITH 2.5-V, 4-PPM/째C INTERNAL REFERENCE IN SMALL 3-MM 횞 3-MM SON
DAC8162SDGSR TI1-DAC8162SDGSR Datasheet
1Mb / 60P
[Old version datasheet]   Internal Reference
DAC8162SDGST TI1-DAC8162SDGST Datasheet
1Mb / 56P
[Old version datasheet]   DUAL 16-/14-/12-BIT, ULTRALOW-GLITCH, LOW-POWER, BUFFERED, VOLTAGE-OUTPUT
JUNE2011
DAC8162SDGST TI1-DAC8162SDGST Datasheet
1Mb / 58P
[Old version datasheet]   DUAL 16-/14-/12-BIT, ULTRALOW-GLITCH, LOW-POWER, BUFFERED, VOLTAGE-OUTPUT DAC WITH 2.5-V, 4-PPM/째C INTERNAL REFERENCE IN SMALL 3-MM 횞 3-MM SON
More results

Similar Description - DAC8162SQDGSRQ1

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5138 MAXIM-MAX5138_12 Datasheet
483Kb / 17P
   Low-Power, Single, 16-/12-Bit, Buffered Voltage-Output DACs
Rev 2; 10/12
MAX5138 MAXIM-MAX5138 Datasheet
360Kb / 17P
   Low-Power, Single, 16-/12-Bit, Buffered Voltage-Output DACs
Rev 1; 4/09
MAX5530 MAXIM-MAX5530 Datasheet
1,010Kb / 19P
   ULTRA-LOW POWER, 12-BIT, VOLTAGE-OUTPUT DACS
Rev 0; 1/04
MAX5523EUA MAXIM-MAX5523EUA Datasheet
1Mb / 23P
   Dual, Ultra-Low-Power, 10-Bit, Voltage-Output DACs
Rev 1; 12/04
MAX5532 MAXIM-MAX5532_V01 Datasheet
4Mb / 26P
   Dual, Ultra-Low-Power, 12-Bit, Voltage-Output DACs
2021
MAX5533 MAXIM-MAX5533 Datasheet
1Mb / 24P
   Dual, Ultra-Low-Power, 12-Bit, Voltage-Output DACs
Rev 0; 12/03
MAX5512 MAXIM-MAX5512 Datasheet
1Mb / 23P
   Dual, Ultra-Low-Power, 8-Bit, Voltage-Output DACs
19-3066; Rev 0; 1/04
MAX5170 MAXIM-MAX5170 Datasheet
241Kb / 16P
   Low-Power, Serial, 14-Bit DACs with Voltage Output
Rev 0; 4/99
MAX5174 MAXIM-MAX5174 Datasheet
255Kb / 16P
   Low-Power, Serial, 12-Bit DACs with Voltage Output
Rev 0; 4/99
MAX5522 MAXIM-MAX5522 Datasheet
1Mb / 23P
   Dual, Ultra-Low-Power, 10-Bit, Voltage-Output DACs
19-3064; Rev 1; 12/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com