Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC121S101QCMK Datasheet(PDF) 10 Page - Texas Instruments

Part # DAC121S101QCMK
Description  12-Bit Micro Power, RRO Digital-to-Analog Converter
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC121S101QCMK Datasheet(HTML) 10 Page - Texas Instruments

Back Button DAC121S101QCMK Datasheet HTML 6Page - Texas Instruments DAC121S101QCMK Datasheet HTML 7Page - Texas Instruments DAC121S101QCMK Datasheet HTML 8Page - Texas Instruments DAC121S101QCMK Datasheet HTML 9Page - Texas Instruments DAC121S101QCMK Datasheet HTML 10Page - Texas Instruments DAC121S101QCMK Datasheet HTML 11Page - Texas Instruments DAC121S101QCMK Datasheet HTML 12Page - Texas Instruments DAC121S101QCMK Datasheet HTML 13Page - Texas Instruments DAC121S101QCMK Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
DAC121S101, DAC121S101-Q1
SNAS265J – JUNE 2005 – REVISED SEPTEMBER 2015
www.ti.com
7.7 Typical Characteristics
fSCLK = 30 MHz, TA = 25C, Input Code Range 48 to 4047, unless otherwise stated
Figure 3. DNL at VA = 3 V
Figure 4. DNL at VA = 5 V
Figure 5. INL at VA = 3 V
Figure 6. INL at VA = 5 V
Figure 7. TUE at VA = 3 V
Figure 8. TUE at VA = 5 V
10
Submit Documentation Feedback
Copyright © 2005–2015, Texas Instruments Incorporated
Product Folder Links: DAC121S101 DAC121S101-Q1


Similar Part No. - DAC121S101QCMK

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DAC121S101QCMK NSC-DAC121S101QCMK Datasheet
474Kb / 20P
   12-Bit Micro Power, RRO Digital-to-Analog Converter
DAC121S101QCMKX NSC-DAC121S101QCMKX Datasheet
474Kb / 20P
   12-Bit Micro Power, RRO Digital-to-Analog Converter
More results

Similar Description - DAC121S101QCMK

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DAC121S101 NSC-DAC121S101_10 Datasheet
474Kb / 20P
   12-Bit Micro Power, RRO Digital-to-Analog Converter
logo
Texas Instruments
DAC121S101 TI1-DAC121S101_14 Datasheet
1Mb / 28P
[Old version datasheet]   12-Bit Micro Power, RRO Digital-to-Analog Converter
DAC121C085CIMM TI1-DAC121C085CIMM Datasheet
1Mb / 34P
[Old version datasheet]   12-Bit Micro Power Digital-to-Analog Converter
DAC121C081 TI1-DAC121C081_16 Datasheet
1Mb / 41P
[Old version datasheet]   12-Bit Micro Power Digital-to-Analog Converter
logo
Burr-Brown (TI)
ADS1286 BURR-BROWN-ADS1286 Datasheet
165Kb / 11P
   12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1286 TI1-ADS1286_14 Datasheet
491Kb / 18P
[Old version datasheet]   12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS1286 TI1-ADS1286_16 Datasheet
483Kb / 17P
[Old version datasheet]   12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1286 BURR-BROWN-ADS1286_06 Datasheet
141Kb / 14P
   12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS1286 BURR-BROWN-ADS1286_12 Datasheet
479Kb / 18P
   12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
DAC101S101 TI1-DAC101S101_16 Datasheet
1Mb / 37P
[Old version datasheet]   DAC101S101 and DAC101S101Q-1 10-Bit Micro Power, RRO Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com