Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC34SH84IZAYR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # DAC34SH84IZAYR
Description  Quad-Channel, 16-Bit, 1.5 GSPS Digital-to-Analog Converter (DAC)
Download  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC34SH84IZAYR Datasheet(HTML) 7 Page - Texas Instruments

Back Button DAC34SH84IZAYR Datasheet HTML 3Page - Texas Instruments DAC34SH84IZAYR Datasheet HTML 4Page - Texas Instruments DAC34SH84IZAYR Datasheet HTML 5Page - Texas Instruments DAC34SH84IZAYR Datasheet HTML 6Page - Texas Instruments DAC34SH84IZAYR Datasheet HTML 7Page - Texas Instruments DAC34SH84IZAYR Datasheet HTML 8Page - Texas Instruments DAC34SH84IZAYR Datasheet HTML 9Page - Texas Instruments DAC34SH84IZAYR Datasheet HTML 10Page - Texas Instruments DAC34SH84IZAYR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 93 page
background image
DAC34SH84
www.ti.com
SLAS808E – FEBRUARY 2012 – REVISED SEPTEMBER 2015
6.3 Recommended Operating Conditions
MIN
NOM
MAX
UNIT
Recommended operating junction temperature
105
TJ
°C
Maximum rated operating junction temperature(1)
125
TA
Recommended free-air temperature
–40
25
85
°C
(1)
Prolonged use at this junction temperature may increase the device failure-in-time (FIT) rate.
6.4 Thermal Information
DAC34SH84
THERMAL METRIC(1)
ZAY (NFBGA)
UNIT
196 PINS
RθJA
Junction-to-ambient thermal resistance
37.6
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
6.8
°C/W
RθJB
Junction-to-board thermal resistance
16.8
°C/W
ψJT
Junction-to-top characterization parameter
0.2
°C/W
ψJB
Junction-to-board characterization parameter
16.4
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
NA
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
6.5 Electrical Characteristics – DC Specifications
over recommended operating free-air temperature range, nominal supplies, IOUTFS = 20 mA (unless otherwise noted)
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Resolution
16
Bits
DC ACCURACY
DNL
Differential nonlinearity
±2
LSB
1 LSB = IOUTFS / 2
16
INL
Integral nonlinearity
±4
LSB
ANALOG OUTPUT
Coarse gain linearity
±0.04
LSB
Offset error
Mid-code offset
±0.001
%FSR
With external reference
±2
%FSR
Gain error
With internal reference
±2
%FSR
Gain mismatch
With internal reference
±2
%FSR
Full-scale output current
10
20
30
mA
Output compliance range
–0.5
0.6
V
Output resistance
300
k
Ω
Output capacitance
5
pF
REFERENCE OUTPUT
VREF
Reference output voltage
1.2
V
Reference output current(2)
100
nA
REFERENCE INPUT
VEXTIO
Input voltage range
0.6
1.2
1.25
V
External reference mode
Input resistance
1
M
Ω
Small-signal bandwidth
472
kHz
Input capacitance
100
pF
(1)
Measured differentially across IOUTP/N with 25
Ω each to GND.
(2)
Use an external buffer amplifier with high-impedance input to drive any external load.
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: DAC34SH84


Similar Part No. - DAC34SH84IZAYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC34SH84IZAYR TI1-DAC34SH84IZAYR Datasheet
1,012Kb / 77P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.5 GSPS Digital-to-Analog Converter (DAC)
More results

Similar Description - DAC34SH84IZAYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC34SH84 TI1-DAC34SH84 Datasheet
1,012Kb / 77P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.5 GSPS Digital-to-Analog Converter (DAC)
DAC34SH84 TI-DAC34SH84_15 Datasheet
1Mb / 93P
[Old version datasheet]   DAC34SH84 Quad-Channel, 16-Bit, 1.5 GSPS Digital-to-Analog Converter (DAC)
DAC3484 TI1-DAC3484 Datasheet
1Mb / 82P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84 TI1-DAC34H84 Datasheet
1Mb / 80P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
JUNE2011
DAC34H84_1109 TI1-DAC34H84_1109 Datasheet
1Mb / 80P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84 TI1-DAC34H84_14 Datasheet
1Mb / 81P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3484 TI1-DAC3484_14 Datasheet
1Mb / 90P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84 TI1-DAC34H84_15 Datasheet
1Mb / 96P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3484 TI-DAC3484_15 Datasheet
2Mb / 107P
[Old version datasheet]   DAC3484 Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84 TI-DAC34H84_15 Datasheet
1Mb / 96P
[Old version datasheet]   DAC34H84 Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com