Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC34SH84IZAYR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # DAC34SH84IZAYR
Description  Quad-Channel, 16-Bit, 1.5 GSPS Digital-to-Analog Converter (DAC)
Download  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC34SH84IZAYR Datasheet(HTML) 4 Page - Texas Instruments

  DAC34SH84IZAYR Datasheet HTML 1Page - Texas Instruments DAC34SH84IZAYR Datasheet HTML 2Page - Texas Instruments DAC34SH84IZAYR Datasheet HTML 3Page - Texas Instruments DAC34SH84IZAYR Datasheet HTML 4Page - Texas Instruments DAC34SH84IZAYR Datasheet HTML 5Page - Texas Instruments DAC34SH84IZAYR Datasheet HTML 6Page - Texas Instruments DAC34SH84IZAYR Datasheet HTML 7Page - Texas Instruments DAC34SH84IZAYR Datasheet HTML 8Page - Texas Instruments DAC34SH84IZAYR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 93 page
background image
DAC34SH84
SLAS808E – FEBRUARY 2012 – REVISED SEPTEMBER 2015
www.ti.com
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
D10, E11,
F11, G11,
AVDD
I
Analog supply voltage. (3.3 V)
H11, J11,
K11, L10
CMOS output for ALARM condition. The ALARM output functionality is defined through the config7
ALARM
N12
O
register. Default polarity is active-high, but can be changed to active-low via the config0
alarm_out_pol control bit.
Full-scale output current bias. For 30-mA full-scale output current, connect 1.28 k
Ω to ground.
BIASJ
H12
O
Change the full-scale output current through coarse_dac(3:0) in config3, bit<15:12>.
Internal clock buffer supply voltage. (1.35 V). It is recommended to isolate this supply from DIGVDD
CLKVDD
C12, K12
I
and DACVDD.
LVDS positive input data bits 0 through 15 for the AB-channel path. Internal 100-
Ω termination
A7, A6, A5,
resistor. Data format relative to DATACLKP/N clock is double data rate (DDR).
A4, A3, A2,
A1, C4, C2,
DAB15P is the most-significant data bit (MSB).
DAB[15..0]P
I
D4, D2, E4,
DAB0P is the least-significant data bit (LSB).
E2, F4, F2,
G4
The order of the bus can be reversed via the config2 revbus bit.
B7, B6, B5,
B4, B3, B2,
B1, C3, C1,
LVDS negative input data bits 0 through 15 for the AB-channel path. (See the preceding DAB[15:0]P
DAB[15..0]N
I
D3, D1, E3,
description.)
E1, F3, F1,
G3
H4, J4, J2,
LVDS positive input data bits 0 through 15 for the CD-channel path. Internal 100-
Ω termination
K4, K2, L4,
resistor. Data format relative to DATACLKP/N clock is double data rate (DDR).
L2, M4, M2,
DCD15P is the most-significant data bit (MSB).
DCD[15..0]P
I
N1, N2, N3,
DCD0P is the least-significant data bit (LSB).
N4, N5, N6,
The order of the bus can be reversed via the config2 revbus bit.
N7
H3, J3, J1,
K3, K1, L3,
L1, M3, M1,
LVDS negative input data bits 0 through 15 for the CD-channel path. (See the preceding DCD[15:0]P
DCD[15..0]N
I
P1, P2, P3,
description.)
P4, P5, P6,
P7
DACCLKP
A12
I
Positive external LVPECL clock input for DAC core with a self-bias
DACCLKN
A11
I
Complementary external LVPECL clock input for DAC core. (See the DACCLKP description.)
D9, E9, E10,
F10, G10,
DAC core supply voltage. (1.35 V). It is recommended to isolate this supply from CLKVDD and
DACVDD
I
H10, J10,
DIGVDD.
K10, K9, L9
LVDS positive input data clock. Internal 100-
Ω termination resistor. Input data DAB[15:0]P/N and
DATACLKP
G2
I
DCD[15:0]P/N are latched on both edges of DATACLKP/N (double data rate).
DATACLKN
G1
I
LVDS negative input data clock. (See the DATACLKP description.)
E5, E6, E7,
DIGVDD
F5, J5, K5,
I
Digital supply voltage. (1.3 V). It is recommended to isolate this supply from CLKVDD and DACVDD.
K6, K7
Used as an external reference input when the internal reference is disabled through config27
EXTIO
G12
I/O
extref_ena = 1. Used as an internal reference output when config27 extref_ena = 0 (default).
Requires a 0.1-
μF decoupling capacitor to AGND when used as a reference output.
LVDS input strobe positive input. Internal 100-
Ω termination resistor
The main functions of this input are to sync the FIFO pointer, to provide a sync source to the digital
blocks, and/or to act as a parity input for the AB-data bus.
ISTRP/
H2
I
These functions are captured with the rising edge of DATACLKP/N. This signal should be edge-
PARITYABP
aligned with DAB[15:0]P/N and DCD[15:0]P/N.
The PARITY, SYNC, and ISTR inputs are rotated to allow complete reversal of the data interface
when setting the rev_interface bit in register config1.
ISTRN/
H1
I
LVDS input strope negative input. (See the ISTRP/PARITYABP description.)
PARITYABN
4
Submit Documentation Feedback
Copyright © 2012–2015, Texas Instruments Incorporated
Product Folder Links: DAC34SH84


Similar Part No. - DAC34SH84IZAYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC34SH84IZAYR TI1-DAC34SH84IZAYR Datasheet
1,012Kb / 77P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.5 GSPS Digital-to-Analog Converter (DAC)
More results

Similar Description - DAC34SH84IZAYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC34SH84 TI1-DAC34SH84 Datasheet
1,012Kb / 77P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.5 GSPS Digital-to-Analog Converter (DAC)
DAC34SH84 TI-DAC34SH84_15 Datasheet
1Mb / 93P
[Old version datasheet]   DAC34SH84 Quad-Channel, 16-Bit, 1.5 GSPS Digital-to-Analog Converter (DAC)
DAC3484 TI1-DAC3484 Datasheet
1Mb / 82P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84 TI1-DAC34H84 Datasheet
1Mb / 80P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
JUNE2011
DAC34H84_1109 TI1-DAC34H84_1109 Datasheet
1Mb / 80P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84 TI1-DAC34H84_14 Datasheet
1Mb / 81P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3484 TI1-DAC3484_14 Datasheet
1Mb / 90P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84 TI1-DAC34H84_15 Datasheet
1Mb / 96P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3484 TI-DAC3484_15 Datasheet
2Mb / 107P
[Old version datasheet]   DAC3484 Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84 TI-DAC34H84_15 Datasheet
1Mb / 96P
[Old version datasheet]   DAC34H84 Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com