Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS8688A Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8688A
Description  4- and 8-Channel, Single-Supply, SAR ADCs
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8688A Datasheet(HTML) 19 Page - Texas Instruments

Back Button ADS8688A Datasheet HTML 15Page - Texas Instruments ADS8688A Datasheet HTML 16Page - Texas Instruments ADS8688A Datasheet HTML 17Page - Texas Instruments ADS8688A Datasheet HTML 18Page - Texas Instruments ADS8688A Datasheet HTML 19Page - Texas Instruments ADS8688A Datasheet HTML 20Page - Texas Instruments ADS8688A Datasheet HTML 21Page - Texas Instruments ADS8688A Datasheet HTML 22Page - Texas Instruments ADS8688A Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 80 page
background image
±200
±160
±120
±80
±40
0
0
50000
100000
150000
200000
250000
Input Frequency (Hz)
C049
±200
±160
±120
±80
±40
0
0
50000
100000
150000
200000
250000
Input Frequency (Hz)
C050
±200
±160
±120
±80
±40
0
0
50000
100000
150000
200000
250000
Input Frequency (Hz)
C047
±200
±160
±120
±80
±40
0
0
50000
100000
150000
200000
250000
Input Frequency (Hz)
C048
±200
±160
±120
±80
±40
0
0
50000
100000
150000
200000
250000
Input Frequency (Hz)
C045
±200
±160
±120
±80
±40
0
0
50000
100000
150000
200000
250000
Input Frequency (Hz)
C046
ADS8684A, ADS8688A
www.ti.com
SBAS680 – JULY 2015
Typical Characteristics (continued)
At TA = 25°C, AVDD = 5 V, DVDD = 3 V, internal reference VREF = 4.096 V, and fSAMPLE = 500 kSPS, unless otherwise noted.
Number of points = 64k, fIN = 1 kHz, SNR = 89.6 dB,
Number of points = 64k, fIN = 1 kHz, SNR = 90.93 dB,
SINAD = 89.5 dB, THD = 106 dB, SFDR = 107 dB
SINAD = 90.48 dB, THD = 100 dB, SFDR = 102 dB
Figure 44. Typical FFT Plot (±0.625 × VREF)
Figure 45. Typical FFT Plot (2.5 × VREF)
Number of points = 64k, fIN = 1 kHz, SNR = 89.6 dB,
Number of points = 64k, fIN = 1 kHz, SNR = 83.55 dB,
SINAD = 89.5 dB, THD = –106 dB, SFDR = 107 dB
SINAD = 83.5 dB, THD = –104 dB, SFDR = 107 dB
Figure 46. Typical FFT Plot (1.25 × VREF)
Figure 47. Typical FFT Plot (±0.3125 × VREF)
Number of points = 64k, fIN = 1 kHz, SNR = 77.6 dB,
Number of points = 64k, fIN = 1 kHz, SNR = 83.55 dB,
SINAD = 77.6 dB, THD = –106 dB, SFDR = 107 dB
SINAD = 83.5 dB, THD = –103 dB, SFDR = 107 dB
Figure 48. Typical FFT Plot (±0.15625 × VREF)
Figure 49. Typical FFT Plot (0.625 × VREF)
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: ADS8684A ADS8688A


Similar Part No. - ADS8688A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8688AT TI1-ADS8688AT Datasheet
3Mb / 78P
[Old version datasheet]   16-Bit, 500-kSPS, 8-Channel, Single-Supply, SAR ADC With Bipolar Input Ranges
ADS8688ATDBT TI1-ADS8688ATDBT Datasheet
3Mb / 78P
[Old version datasheet]   16-Bit, 500-kSPS, 8-Channel, Single-Supply, SAR ADC With Bipolar Input Ranges
ADS8688ATDBTR TI1-ADS8688ATDBTR Datasheet
3Mb / 78P
[Old version datasheet]   16-Bit, 500-kSPS, 8-Channel, Single-Supply, SAR ADC With Bipolar Input Ranges
More results

Similar Description - ADS8688A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8664 TI1-ADS8664 Datasheet
2Mb / 79P
[Old version datasheet]   4- and 8-Channel, Single-Supply, SAR ADCs
ADS8674 TI1-ADS8674 Datasheet
3Mb / 79P
[Old version datasheet]   4- and 8-Channel, Single-Supply, SAR ADCs
ADS8694 TI1-ADS8694 Datasheet
2Mb / 77P
[Old version datasheet]   4- and 8-Channel, Single-Supply, SAR ADCs
logo
SG Micro Corp
SGM51652H4 SGMICRO-SGM51652H4 Datasheet
1Mb / 43P
   16-Bit, 500kSPS, 4- and 8-Channel,Single Supply, SAR ADCs with Bipolar Input Ranges
DECEMBER 2022-REV.A
logo
Intersil Corporation
ISL26712 INTERSIL-ISL26712 Datasheet
891Kb / 21P
   12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
logo
Renesas Technology Corp
ISL26712 RENESAS-ISL26712 Datasheet
1Mb / 21P
   12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
logo
Intersil Corporation
ISL26712IRTZ INTERSIL-ISL26712IRTZ Datasheet
888Kb / 21P
   12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
September 5, 2012
logo
Maxim Integrated Produc...
MAX1108 MAXIM-MAX1108 Datasheet
185Kb / 20P
   Single-Supply, Low-Power, 2-Channel, Serial 8-Bit ADCs
19-1399; Rev 0; 10/98
MAX1108 MAXIM-MAX1108_03 Datasheet
326Kb / 20P
   Single-Supply, Low-Power, 2-Channel, Serial 8-Bit ADCs
Rev 1; 6/03
MAX1117 MAXIM-MAX1117 Datasheet
406Kb / 14P
   Single-Supply, Low-Power, 2-Channel, Serial 8-Bit ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com