Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMC1304L05 Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # AMC1304L05
Description  High-Precision Reinforced Isolated Delta-Sigma Modulators
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC1304L05 Datasheet(HTML) 25 Page - Texas Instruments

Back Button AMC1304L05 Datasheet HTML 21Page - Texas Instruments AMC1304L05 Datasheet HTML 22Page - Texas Instruments AMC1304L05 Datasheet HTML 23Page - Texas Instruments AMC1304L05 Datasheet HTML 24Page - Texas Instruments AMC1304L05 Datasheet HTML 25Page - Texas Instruments AMC1304L05 Datasheet HTML 26Page - Texas Instruments AMC1304L05 Datasheet HTML 27Page - Texas Instruments AMC1304L05 Datasheet HTML 28Page - Texas Instruments AMC1304L05 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 39 page
background image
settling time (µs)
0
2
4
6
8
10
12
14
16
18
20
0
2
4
6
8
10
12
14
16
D054
sinc1
sinc2
sinc3
AMC1304L05, AMC1304L25, AMC1304M05, AMC1304M25
www.ti.com
SBAS655C – SEPTEMBER 2014 – REVISED SEPTEMBER 2015
Typical Applications (continued)
9.2.1.3 Application Curve
In motor control applications, a very fast response time for overcurrent detection is required. The time for fully
settling the filter in case of a step-signal at the input of the modulator depends on its order; that is, a sinc3 filter
requires three data updates for full settling (with fDATA = fCLK / OSR). Therefore, for overcurrent protection, filter
types other than sinc3 can be a better choice; an alternative is the sinc2 filter. Figure 52 compares the settling
times of different filter orders.
The delay time of the sinc filter with a continuous signal is half of its settling time.
Figure 52. Measured Effective Number of Bits versus Settling Time
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Links: AMC1304L05 AMC1304L25 AMC1304M05 AMC1304M25


Similar Part No. - AMC1304L05

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC1304L05-Q1 TI1-AMC1304L05-Q1 Datasheet
1Mb / 39P
[Old version datasheet]   High-Precision, Reinforced Isolated Delta-Sigma Modulators with LDO
AMC1304L05QDWQ1 TI1-AMC1304L05QDWQ1 Datasheet
1Mb / 39P
[Old version datasheet]   High-Precision, Reinforced Isolated Delta-Sigma Modulators with LDO
AMC1304L05QDWRQ1 TI1-AMC1304L05QDWRQ1 Datasheet
1Mb / 39P
[Old version datasheet]   High-Precision, Reinforced Isolated Delta-Sigma Modulators with LDO
AMC1304L05 TI-AMC1304L05_15 Datasheet
1Mb / 39P
[Old version datasheet]   AMC1304x High-Precision,Reinforced Isolated Delta-Sigma Modulators with LDO
More results

Similar Description - AMC1304L05

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC1305L25-Q1 TI1-AMC1305L25-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   High-Precision, Reinforced Isolated Delta-Sigma Modulators
AMC1305L25 TI-AMC1305L25_15 Datasheet
1Mb / 39P
[Old version datasheet]   AMC1305x High-Precision,Reinforced Isolated Delta-Sigma Modulators
AMC1305L25 TI1-AMC1305L25 Datasheet
1Mb / 39P
[Old version datasheet]   AMC1305x High-Precision, Reinforced Isolated Delta-Sigma Modulators
AMC1304L05-Q1 TI1-AMC1304L05-Q1 Datasheet
1Mb / 39P
[Old version datasheet]   High-Precision, Reinforced Isolated Delta-Sigma Modulators with LDO
AMC1304L05 TI-AMC1304L05_15 Datasheet
1Mb / 39P
[Old version datasheet]   AMC1304x High-Precision,Reinforced Isolated Delta-Sigma Modulators with LDO
AMC1306E05 TI1-AMC1306E05_17 Datasheet
1Mb / 40P
[Old version datasheet]   Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators with High CMTI
AMC1306E05_017 TI1-AMC1306E05_017 Datasheet
689Kb / 38P
[Old version datasheet]   Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators with High CMTI
AMC1306E05 TI1-AMC1306E05 Datasheet
1Mb / 40P
[Old version datasheet]   Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators with High CMTI
AMC1303E0510 TI1-AMC1303E0510 Datasheet
1Mb / 40P
[Old version datasheet]   Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators with Internal Clock
AMC1106E05 TI1-AMC1106E05 Datasheet
1Mb / 38P
[Old version datasheet]   Small, High-Precision, Basic Isolated Delta-Sigma Modulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com