Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS8684IDBT Datasheet(PDF) 53 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8684IDBT
Description  4- and 8-Channel, Single-Supply, SAR ADCs
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8684IDBT Datasheet(HTML) 53 Page - Texas Instruments

Back Button ADS8684IDBT Datasheet HTML 49Page - Texas Instruments ADS8684IDBT Datasheet HTML 50Page - Texas Instruments ADS8684IDBT Datasheet HTML 51Page - Texas Instruments ADS8684IDBT Datasheet HTML 52Page - Texas Instruments ADS8684IDBT Datasheet HTML 53Page - Texas Instruments ADS8684IDBT Datasheet HTML 54Page - Texas Instruments ADS8684IDBT Datasheet HTML 55Page - Texas Instruments ADS8684IDBT Datasheet HTML 56Page - Texas Instruments ADS8684IDBT Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 80 page
background image
ADS8684A, ADS8688A
www.ti.com
SBAS680 – JULY 2015
8.5.2.2 Program Register Map
This section provides a bit-by-bit description of each program register.
Table 9. Program Register Map
REGISTER
DEFAULT
REGISTER
ADDRESS
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
VALUE(1)
BITS[15:9]
AUTO SCAN SEQUENCING CONTROL
AUTO_SEQ_EN
01h
FFh
CH7_EN(2)
CH6_EN
CH5_EN
CH4_EN
CH3_EN
CH2_EN
CH1_EN
CH0_EN
Channel Power Down
02h
00h
CH7_PD
CH6_PD
CH5_PD
CH4_PD
CH3_PD
CH2_PD
CH1_PD
CH0_PD
DEVICE FEATURES SELECTION CONTROL
Feature Select
03h
00h
DEV[1:0]
0
ALARM_EN0
0
SDO [2:0]
RANGE SELECT REGISTERS
Channel 0 Input Range
05h
00h
0
0
0
0
Range Select Channel 0[3:0]
Channel 1 Input Range
06h
00h
0
0
0
0
Range Select Channel 1[3:0]
Channel 2 Input Range
07h
00h
0
0
0
0
Range Select Channel 2[3:0]
Channel 3 Input Range
08h
00h
0
0
0
0
Range Select Channel 3[3:0]
Channel 4 Input Range
09h
00h
0
0
0
0
Range Select Channel 4[3:0]
Channel 5 Input Range
0Ah
00h
0
0
0
0
Range Select Channel 5[3:0]
Channel 6 Input Range
0Bh
00h
0
0
0
0
Range Select Channel 6[3:0]
Channel 7 Input Range
0Ch
00h
0
0
0
0
Range Select Channel 7[3:0]
ALARM FLAG REGISTERS (Read-Only)
Tripped Alarm
Tripped Alarm
Tripped Alarm
Tripped Alarm
Tripped Alarm
Tripped Alarm
Tripped Alarm
Tripped Alarm
ALARM Overview Tripped-Flag
10h
00h
Flag Ch7
Flag Ch6
Flag Ch5
Flag Ch4
Flag Ch3
Flag Ch2
Flag Ch1
Flag Ch0
Tripped Alarm
Tripped Alarm
Tripped Alarm
Tripped Alarm
Tripped Alarm
Tripped Alarm
Tripped Alarm
Tripped Alarm
ALARM Ch 0-3 Tripped-Flag
11h
00h
Flag Ch0 Low
Flag Ch0 High
Flag Ch1 Low
Flag Ch1 High
Flag Ch2 Low
Flag Ch2 High
Flag Ch3 Low
Flag Ch3 High
Active Alarm
Active Alarm
Active Alarm
Active Alarm
Active Alarm
Active Alarm
Active Alarm
Active Alarm
ALARM Ch 0-3 Active-Flag
12h
00h
Flag Ch0 Low
Flag Ch0 High
Flag Ch1 Low
Flag Ch1 High
Flag Ch2 Low
Flag Ch2 High
Flag Ch3 Low
Flag Ch3 High
Tripped Alarm
Tripped Alarm
Tripped Alarm
Tripped Alarm
Tripped Alarm
Tripped Alarm
Tripped Alarm
Tripped Alarm
ALARM Ch 4-7 Tripped-Flag
13h
00h
Flag Ch4 Low
Flag Ch4 High
Flag Ch5 Low
Flag Ch5 High
Flag Ch6 Low
Flag Ch6 High
Flag Ch7 Low
Flag Ch7 High
Active Alarm
Active Alarm
Active Alarm
Active Alarm
Active Alarm
Active Alarm
Active Alarm
Active Alarm
ALARM Ch 4-7 Active-Flag
14h
00h
Flag Ch4 Low
Flag Ch4 High
Flag Ch5 Low
Flag Ch5 High
Flag Ch6 Low
Flag Ch6 High
Flag Ch7 Low
Flag Ch7 High
(1)
All registers are reset to the default values at power-on or at device reset using the register settings method.
(2)
Shading indicates bits or registers that are not included in the 4-channel version of the device. A write operation on any of these bits or registers has no effect on device behavior. A read
operation on any of these bits or registers outputs all 1's on the SDO line.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
53
Product Folder Links: ADS8684A ADS8688A


Similar Part No. - ADS8684IDBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8681 TI1-ADS8681 Datasheet
239Kb / 8P
[Old version datasheet]   Single-Supply, SAR ADC Data Acquisition System
ADS8681 TI1-ADS8681 Datasheet
1Mb / 74P
[Old version datasheet]   16-Bit, High-Speed, Single-Supply, SAR ADC Data Acquisition System with Programmable, Bipolar Input Ranges
ADS8681IPW TI1-ADS8681IPW Datasheet
239Kb / 8P
[Old version datasheet]   Single-Supply, SAR ADC Data Acquisition System
ADS8681IPW TI1-ADS8681IPW Datasheet
1Mb / 74P
[Old version datasheet]   16-Bit, High-Speed, Single-Supply, SAR ADC Data Acquisition System with Programmable, Bipolar Input Ranges
ADS8681IPWR TI1-ADS8681IPWR Datasheet
239Kb / 8P
[Old version datasheet]   Single-Supply, SAR ADC Data Acquisition System
More results

Similar Description - ADS8684IDBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8664 TI1-ADS8664 Datasheet
2Mb / 79P
[Old version datasheet]   4- and 8-Channel, Single-Supply, SAR ADCs
ADS8674 TI1-ADS8674 Datasheet
3Mb / 79P
[Old version datasheet]   4- and 8-Channel, Single-Supply, SAR ADCs
ADS8694 TI1-ADS8694 Datasheet
2Mb / 77P
[Old version datasheet]   4- and 8-Channel, Single-Supply, SAR ADCs
logo
SG Micro Corp
SGM51652H4 SGMICRO-SGM51652H4 Datasheet
1Mb / 43P
   16-Bit, 500kSPS, 4- and 8-Channel,Single Supply, SAR ADCs with Bipolar Input Ranges
DECEMBER 2022-REV.A
logo
Intersil Corporation
ISL26712 INTERSIL-ISL26712 Datasheet
891Kb / 21P
   12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
logo
Renesas Technology Corp
ISL26712 RENESAS-ISL26712 Datasheet
1Mb / 21P
   12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
logo
Intersil Corporation
ISL26712IRTZ INTERSIL-ISL26712IRTZ Datasheet
888Kb / 21P
   12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
September 5, 2012
logo
Maxim Integrated Produc...
MAX1108 MAXIM-MAX1108 Datasheet
185Kb / 20P
   Single-Supply, Low-Power, 2-Channel, Serial 8-Bit ADCs
19-1399; Rev 0; 10/98
MAX1108 MAXIM-MAX1108_03 Datasheet
326Kb / 20P
   Single-Supply, Low-Power, 2-Channel, Serial 8-Bit ADCs
Rev 1; 6/03
MAX1117 MAXIM-MAX1117 Datasheet
406Kb / 14P
   Single-Supply, Low-Power, 2-Channel, Serial 8-Bit ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com