Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS7924 Datasheet(PDF) 5 Page - Texas Instruments

Part # ADS7924
Description  4-Channel, MicroPOWER Analog-to-Digital Converter
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7924 Datasheet(HTML) 5 Page - Texas Instruments

  ADS7924_15 Datasheet HTML 1Page - Texas Instruments ADS7924_15 Datasheet HTML 2Page - Texas Instruments ADS7924_15 Datasheet HTML 3Page - Texas Instruments ADS7924_15 Datasheet HTML 4Page - Texas Instruments ADS7924_15 Datasheet HTML 5Page - Texas Instruments ADS7924_15 Datasheet HTML 6Page - Texas Instruments ADS7924_15 Datasheet HTML 7Page - Texas Instruments ADS7924_15 Datasheet HTML 8Page - Texas Instruments ADS7924_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 50 page
background image
ADS7924
www.ti.com
SBAS482B – JANUARY 2010 – REVISED SEPTEMBER 2015
6.5 Electrical Characteristics
Minimum and maximum specifications are at TA = –40°C to 85°C, 1.65 V < DVDD < 5.5 V, and 2.2 V < AVDD < 5.5 V.
Typical specifications are at TA = 25°C, AVDD = 5 V, and DVDD = 5 V, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG INPUT
Full-scale input span
(CHX – AGND)
0
AVDD
V
Input capacitance(1)
4
10
pF
ADC sampling capacitance
15
pF
MUX resistance
60
Ω
Input channel crosstalk
85
dB
SYSTEM PERFORMANCE
Resolution
12
Bits
No missing codes
12
Bits
Integral linearity
–1.5
±0.5
1.5
LSBs
Differential linearity
–1
±0.6
1.5
LSBs
Offset error
–5
5
LSBs
Offset error drift
0.01
LSB/°C
Gain error
–0.2%
–0.01%
0.2%
Gain error drift
0.6
ppm/°C
Noise (rms)
0.125
LSB
SAMPLING DYNAMICS
Monitoring time/channel(2)
10
µs
CLOCK
Internal clock frequency variation
±20%
DIGITAL INPUT/OUTPUT
Logic family
CMOS
Logic level:
VIH (SDA, SCL, A0, RESET)
0.8 DVDD
DVDD + 0.3
V
VIL (SDA, SCL, A0, RESET)
DGND – 0.3
0.4
V
Input current
II
VI = DVDD or DGND
–10
10
μA
IOH = 100 μA, INT pin
0.8 DVDD
DVDD
V
VOH (PWRCON, INT)
IOH = 100 µA, PWRCON pin
0.8 AVDD
AVDD
V
VOL (PWRCON, INT, SDA)
IOL = 100 μA
DGND
0.4
V
Low-level output current
IOL
SDA pin, VOL = 0.6 V
3
mA
Load capacitance
CB
SDA pin
400
pF
Data format
Straight binary
POWER-SUPPLY REQUIREMENTS
Power-supply voltage:
DVDD(3)
1.65
5.5
V
AVDD
2.2
5.5
V
IAVDD
(4)
tCYCLE = 2.5 ms, AVDD = 2.2 V
5
8
μA
IPWRD, power-down current
<1
μA
TEMPERATURE RANGE
Specified performance
–40
85
°C
(1)
CH0 to CH3 input pin capacitance.
(2)
Rate at which channels can be scanned. This is the minimum acquisition time (6 µs) and conversion time (4 µs).
(3)
DVDD cannot exceed AVDD.
(4)
See Figure 3 and Figure 4 for more information.
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: ADS7924


Similar Part No. - ADS7924_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7924 TI1-ADS7924_14 Datasheet
854Kb / 45P
[Old version datasheet]   2.2V, 12-Bit, 4-Channel, microPOWER??ANALOG-TO-DIGITAL CONVERTER WITH I2C INTERFACE
More results

Similar Description - ADS7924_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7924 TI-ADS7924 Datasheet
669Kb / 42P
[Old version datasheet]   2.2V, 12-Bit, 4-Channel, microPOWER??ANALOG-TO-DIGITAL CONVERTER WITH I2C INTERFACE
ADS7924 TI1-ADS7924_14 Datasheet
854Kb / 45P
[Old version datasheet]   2.2V, 12-Bit, 4-Channel, microPOWER??ANALOG-TO-DIGITAL CONVERTER WITH I2C INTERFACE
logo
Burr-Brown (TI)
ADS8323 BURR-BROWN-ADS8323 Datasheet
272Kb / 14P
   16-Bit, 500kSPS, microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8319 TI1-ADS8319_15 Datasheet
1Mb / 36P
[Old version datasheet]   Serial Interface, Micropower, Miniature SAR Analog-to-Digital Converter
ADS8322 TI1-ADS8322 Datasheet
934Kb / 19P
[Old version datasheet]   16-Bit, 500kHz, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8323Y TI-ADS8323Y Datasheet
798Kb / 25P
[Old version datasheet]   16-Bit, 500kSPS, microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8322 BURR-BROWN-ADS8322 Datasheet
202Kb / 10P
   16-Bit, 500kHz, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8323 TI1-ADS8323_14 Datasheet
799Kb / 26P
[Old version datasheet]   16-Bit, 500kSPS, microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADC7802 BURR-BROWN-ADC7802 Datasheet
102Kb / 13P
   Autocalibrating, 4-Channel, 12-Bit ANALOG-TO-DIGITAL CONVERTER
logo
DATEL, Inc.
ADS-424SM DATEL-ADS-424SM Datasheet
134Kb / 1P
   Multi-Channel Analog to Digital converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com