Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADC0804LCN/NOPB Datasheet(PDF) 5 Page - Texas Instruments

Part No. ADC0804LCN/NOPB
Description  Analog-to-Digital Converters
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC0804LCN/NOPB Datasheet(HTML) 5 Page - Texas Instruments

  ADC0804LCN/NOPB Datasheet HTML 1Page - Texas Instruments ADC0804LCN/NOPB Datasheet HTML 2Page - Texas Instruments ADC0804LCN/NOPB Datasheet HTML 3Page - Texas Instruments ADC0804LCN/NOPB Datasheet HTML 4Page - Texas Instruments ADC0804LCN/NOPB Datasheet HTML 5Page - Texas Instruments ADC0804LCN/NOPB Datasheet HTML 6Page - Texas Instruments ADC0804LCN/NOPB Datasheet HTML 7Page - Texas Instruments ADC0804LCN/NOPB Datasheet HTML 8Page - Texas Instruments ADC0804LCN/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 56 page
background image
ADC0801, ADC0802, ADC0803, ADC0804, ADC0805
www.ti.com
SNOSBI1C – NOVEMBER 2009 – REVISED JUNE 2015
6.5 Operating Ratings
over operating free-air temperature range (unless otherwise noted)
(1) (2).
MIN
MAX
UNIT
ADC0804LCJ
–40
85
ADC0801/02/03/05LCN
–40
85
Temperature
°C
ADC0804LCN
0
70
ADC0802/04LCWM
0
70
Range of VCC
4.5
6.3
VDC
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. DC and AC electrical specifications do not
apply when operating the device beyond its specified operating conditions.
(2)
All voltages are measured with respect to GND, unless otherwise specified. The separate A GND point should always be wired to the D
GND.
6.6 Electrical Characteristics
The following specifications apply for VCC = 5 VDC, TMIN ≤ TA ≤ TMAX and fCLK = 640 kHz (unless otherwise specified).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ADC0801: Total Adjusted Error(1)
With Full-Scale Adj. (See Full-Scale)
±1/4
ADC0802: Total Unadjusted
VREF/2=2.500 VDC
±1/2
Error(1)
ADC0803: Total Adjusted Error(1)
With Full-Scale Adj. (See Full-Scale)
±1/2
LSB
ADC0804: Total Unadjusted Error
VREF/2=2.500 VDC
±1
(1)
ADC0805: Total Unadjusted Error
VREF/2-No Connection
±1
(1)
ADC0801/02/03/05
2.5
8
VREF/2 Input Resistance (Pin 9)
k
ADC0804 (2)
0.75
1.1
Analog Input Voltage Range
V(+) or V(–)(3)
GND–0.05
VCC+0.05
VDC
DC Common-Mode Error
Over Analog Input Voltage Range
±1/16
±1/8
LSB
VCC=5 VDC ±10% Over Allowed VIN(+) and VIN(–)
Power Supply Sensitivity
±1/16
±1/8
LSB
Voltage Range(3)
(1)
None of these ADCs requires a zero adjust (see Zero Error). To obtain zero code at other analog input voltages see Errors and
Reference Voltage Adjustments.
(2)
The VREF/2 pin is the center point of a two-resistor divider connected from VCC to ground. In all versions of the ADC0801, ADC0802,
ADC0803, and ADC0805, and in the ADC0804LCJ, each resistor is typically 16 k
Ω. In all versions of the ADC0804 except the
ADC0804LCJ, each resistor is typically 2.2 k
Ω.
(3)
For VIN(−)≥ VIN(+) the digital output code will be 0000 0000. Two on-chip diodes are tied to each analog input (see block diagram)
which will forward conduct for analog input voltages one diode drop below ground or one diode drop greater than the VCC supply. Be
careful, during testing at low VCC levels (4.5V), as high level analog inputs (5V) can cause this input diode to conduct–especially at
elevated temperatures, and cause errors for analog inputs near full-scale. The spec allows 50 mV forward bias of either diode. This
means that as long as the analog VIN does not exceed the supply voltage by more than 50 mV, the output code will be correct. To
achieve an absolute 0 VDC to 5 VDC input voltage range will therefore require a minimum supply voltage of 4.950 VDC over temperature
variations, initial tolerance and loading.
6.7 AC Electrical Characteristics
The following specifications apply for VCC=5 VDC and TMIN≤ TA≤TMAX (unless otherwise specified)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fCLK = 640 kHz
(1)
103
114
µs
TC
Conversion Time
See (2)(1)
66
73
1/fCLK
Clock Frequency
100
640
1460
kHz
fCLK
VCC = 5V
(2)
Clock Duty Cycle
40%
60%
INTR tied to WR with CS = 0 VDC,
CR
Conversion Rate in Free-Running Mode
8770
9708
conv/s
fCLK = 640 kHz
(1)
Accuracy is specified at fCLK = 640 kHz. At higher clock frequencies accuracy can degrade. For lower clock frequencies, the duty cycle
limits can be extended so long as the minimum clock high time interval or minimum clock low time interval is no less than 275 ns.
(2)
With an asynchronous start pulse, up to 8 clock periods may be required before the internal clock phases are proper to start the
conversion process. The start request is internally latched. Refer to Detailed Description.
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: ADC0801 ADC0802 ADC0803 ADC0804 ADC0805


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn