Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC12J4000NKE10 Datasheet(PDF) 1 Page - Texas Instruments

Part # ADC12J4000NKE10
Description  12-Bit 4 GSPS ADC With Integrated DDC
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12J4000NKE10 Datasheet(HTML) 1 Page - Texas Instruments

  ADC12J4000NKE10 Datasheet HTML 1Page - Texas Instruments ADC12J4000NKE10 Datasheet HTML 2Page - Texas Instruments ADC12J4000NKE10 Datasheet HTML 3Page - Texas Instruments ADC12J4000NKE10 Datasheet HTML 4Page - Texas Instruments ADC12J4000NKE10 Datasheet HTML 5Page - Texas Instruments ADC12J4000NKE10 Datasheet HTML 6Page - Texas Instruments ADC12J4000NKE10 Datasheet HTML 7Page - Texas Instruments ADC12J4000NKE10 Datasheet HTML 8Page - Texas Instruments ADC12J4000NKE10 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 94 page
background image
-100
-80
-60
-40
-20
0
0
500
1000
1500
2000
Frequency (MHz)
C003
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
ADC12J4000
SLAS989C – JANUARY 2014 – REVISED JULY 2015
ADC12J4000 12-Bit 4 GSPS ADC With Integrated DDC
1 Features
2 Applications
1
Excellent Noise and Linearity up to and beyond
Wireless Infrastructure
FIN = 3 GHz
RF-Sampling Software Defined Radio
Configurable DDC
Wideband Microwave Backhaul
Decimation Factors from 4 to 32 (Complex
Military Communications
Baseband Out)
SIGINT
Usable Output Bandwidth of 800 MHz at
RADAR and LIDAR
4x Decimation and 4000 MSPS
DOCSIS / Cable Infrastructure
Usable Output Bandwidth of 100 MHz at
Test and Measurement
32x Decimation and 4000 MSPS
Bypass Mode for Full Nyquist Output Bandwidth
3 Description
Low Pin-Count JESD204B Subclass 1 Interface
The ADC12J4000 device is a wideband sampling and
Automatically Optimized Output Lane Count
digital tuning device. Texas Instruments' giga-sample
analog-to-digital converter (ADC) technology enables
Embedded Low Latency Signal Range Indication
a large block of frequency spectrum to be sampled
Low Power Consumption
directly at RF. An integrated DDC (Digital Down
Key Specifications
Converter)
provides
digital
filtering
and
down-
conversion. The selected frequency block is made
Max Sampling Rate: 4000 MSPS
available on a JESD204B serial interface. Data is
Min Sampling Rate: 1000 MSPS
output as baseband 15-bit complex information for
DDC Output Word Size: 15-Bit Complex (30
ease of downstream processing. Based on the digital
bits total)
down-converter (DDC) decimation and link output
rate settings, this data is output on 1 to 5 lanes of the
Bypass Output Word Size: 12-Bit Offset Binary
serial interface.
Noise Floor:
−149 dBFS/Hz or −150.8 dBm/Hz
A DDC bypass mode allows the full rate 12-bit raw
IMD3:
−64 dBc (FIN = 2140 MHz ± 30 MHz at
ADC data to also be output. This mode of operation
−13 dBFS)
requires 8 lanes of serial output.
FPBW (–3 dB): 3.2 GHz
The ADC12J4000 device is available in a 68-pin
Peak NPR: 46 dB
VQFN package. The device operates over the
Supply Voltages: 1.9 V and 1.2 V
Industrial (–40°C
≤ TA ≤ 85°C) ambient temperature
range.
Power Consumption
Bypass (4000 MSPS): 2 W
Device Information(1)
Decimate by 10 (4000 MSPS): 2 W
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Power Down Mode: <50 mW
ADC12J4000
VQFN (68)
10.00 mm × 10.00 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Bypass — Spectral Response
ƒS = 4 GHz, FIN = 1897 MHz
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - ADC12J4000NKE10

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC12J1600 TI1-ADC12J1600 Datasheet
1Mb / 98P
[Old version datasheet]   GSPS ADCs With Integrated DDC
ADC12J1600 TI1-ADC12J1600 Datasheet
1Mb / 98P
[Old version datasheet]   GSPS ADCs With Integrated DDC
ADC12J1600NKE TI1-ADC12J1600NKE Datasheet
1Mb / 98P
[Old version datasheet]   GSPS ADCs With Integrated DDC
ADC12J1600NKER TI1-ADC12J1600NKER Datasheet
1Mb / 98P
[Old version datasheet]   GSPS ADCs With Integrated DDC
ADC12J1600NKET TI1-ADC12J1600NKET Datasheet
1Mb / 98P
[Old version datasheet]   GSPS ADCs With Integrated DDC
More results

Similar Description - ADC12J4000NKE10

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC12J1600 TI1-ADC12J1600_16 Datasheet
1Mb / 98P
[Old version datasheet]   GSPS ADCs With Integrated DDC
ADC12J1600 TI1-ADC12J1600 Datasheet
1Mb / 98P
[Old version datasheet]   GSPS ADCs With Integrated DDC
logo
Analog Devices
AD9209 AD-AD9209 Datasheet
120Kb / 5P
   Quad, 12-Bit, 4 GSPS RF ADC
logo
National Semiconductor ...
ADC12D1800 NSC-ADC12D1800 Datasheet
1Mb / 14P
   12-Bit, Single 3.6 GSPS ADC
logo
Analog Devices
AD9081 AD-AD9081 Datasheet
122Kb / 3P
   MxFE Quad, 16-Bit, 12 GSPS RF DAC and Quad, 12-Bit, 4 GSPS RF ADC
logo
Texas Instruments
ADS54J66 TI1-ADS54J66 Datasheet
5Mb / 82P
[Old version datasheet]   Quad-Channel, 14-Bit, 500-MSPS ADC with Integrated DDC
ADC12D1000RF TI1-ADC12D1000RF_15 Datasheet
3Mb / 84P
[Old version datasheet]   12-Bit, 3.2-GSPS and 2-GSPS RF-Sampling ADC
logo
ATMEL Corporation
AT84AS003 ATMEL-AT84AS003 Datasheet
157Kb / 8P
   10-bit 1.5 Gsps ADC With 1:4 DMUX
logo
Texas Instruments
ADC12D800RFIUT TI1-ADC12D800RFIUT Datasheet
1Mb / 84P
[Old version datasheet]   12-Bit, 1.6/1.0 GSPS RF Sampling ADC
ADC12D1000RF TI1-ADC12D1000RF Datasheet
2Mb / 67P
[Old version datasheet]   12-Bit, 3.2/2.0 GSPS RF Sampling ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com