Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC12D1600RFIUT Datasheet(PDF) 50 Page - Texas Instruments

Click here to check the latest version.
Part # ADC12D1600RFIUT
Description  12-Bit, 3.2-GSPS and 2-GSPS RF-Sampling ADC
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12D1600RFIUT Datasheet(HTML) 50 Page - Texas Instruments

Back Button ADC12D1600RFIUT Datasheet HTML 46Page - Texas Instruments ADC12D1600RFIUT Datasheet HTML 47Page - Texas Instruments ADC12D1600RFIUT Datasheet HTML 48Page - Texas Instruments ADC12D1600RFIUT Datasheet HTML 49Page - Texas Instruments ADC12D1600RFIUT Datasheet HTML 50Page - Texas Instruments ADC12D1600RFIUT Datasheet HTML 51Page - Texas Instruments ADC12D1600RFIUT Datasheet HTML 52Page - Texas Instruments ADC12D1600RFIUT Datasheet HTML 53Page - Texas Instruments ADC12D1600RFIUT Datasheet HTML 54Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 84 page
background image
ADC12D1000RF, ADC12D1600RF
SNAS519H – JULY 2011 – REVISED AUGUST 2015
www.ti.com
5.6
Register Maps
Eleven read/write registers provide several control and configuration options in the Extended Control
Mode. These registers have no effect when the device is in the Non-extended Control Mode. Each register
description below also shows the Power-On Reset (POR) state of each control bit. See Table 5-9 for a
summary.
Table 5-9. Register Addresses
A3
A2
A1
A0
HEX
REGISTER ADDRESSED
0
0
0
0
0h
Configuration Register 1
0
0
0
1
1h
Reserved
0
0
1
0
2h
I-channel Offset Adjust
0
0
1
1
3h
I-channel Full-Scale Range Adjust
0
1
0
0
4h
Calibration Adjust
0
1
0
1
5h
Calibration Values
0
1
1
0
6h
Reserved
0
1
1
1
7h
DES Timing Adjust
1
0
0
0
8h
Reserved
1
0
0
1
9h
Reserved
1
0
1
0
Ah
Q-channel Offset Adjust
1
0
1
1
Bh
Q-channel Full-Scale Range Adjust
1
1
0
0
Ch
Aperture Delay Coarse Adjust
1
1
0
1
Dh
Aperture Delay Fine Adjust
1
1
1
0
Eh
AutoSync
1
1
1
1
Fh
Reserved
Table 5-10. Configuration Register 1
Addr: 0h (0000b)
POR state: 2000h
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
CAL
DPS
OVS
TPM
PDI
PDQ
Res
LFS
DES
DEQ
DIQ
2SC
TSE
SDR
Res
POR
0
0
1
0
0
0
0
0
0
0
0
0
0
0
0
0
Bit 15
CAL: Calibration Enable. When this bit is set to 1b, an on-command calibration is initiated. This bit is not reset automatically
upon completion of the calibration. Therefore, the user must reset this bit to 0b and then set it to 1b again to execute another
calibration. This bit is logically OR'd with the CAL Pin; both bit and pin must be set to 0b before either is used to execute a
calibration.
Bit 14
DPS: DCLK Phase Select. In DDR, set this bit to 0b to select the 0° Mode DDR Data-to-DCLK phase relationship and to 1b to
select the 90° Mode. In SDR, set this bit to 0b to transition the data on the Rising edge of DCLK; set this bit to 1b to transition
the data on the Falling edge of DCLK. (1)
Bit 13
OVS: Output Voltage Select. This bit sets the differential voltage level for the LVDS outputs including Data, OR, and DCLK. 0b
selects the lower level and 1b selects the higher level. See VOD in Electrical Characteristics: Digital Control and Output Pin for
details.
Bit 12
TPM: Test Pattern Mode. When this bit is set to 1b, the device will continually output a fixed digital pattern at the digital Data
and OR outputs. When set to 0b, the device will continually output the converted signal, which was present at the analog
inputs. See Test Pattern Mode for details about the TPM pattern.
Bit 11
PDI: Power-down I-channel. When this bit is set to 0b, the I-channel is fully operational; when it is set to 1b, the I-channel is
powered-down. The I-channel may be powered-down through this bit or the PDI Pin, which is active, even in ECM.
Bit 10
PDQ: Power-down Q-channel. When this bit is set to 0b, the Q-channel is fully operational; when it is set to 1b, the Q-channel
is powered down. The Q-channel may be powered down through this bit or the PDQ Pin, which is active, even in ECM.
Bit 9
Reserved. Must be set as shown.
Bit 8
LFS: Low-Frequency Select. If the sampling clock (CLK) is at or below 300 MHz, set this bit to 1b for improved performance.
Bit 7
DES: Dual-Edge Sampling Mode select. When this bit is set to 0b, the device will operate in the Non-DES Mode; when it is set
to 1b, the device will operate in the DES Mode. See DES/Non-DES Mode for more information.
(1)
This pin and bit functionality is not tested in production test; performance is tested in the specified and default mode only.
50
Detailed Description
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: ADC12D1000RF ADC12D1600RF


Similar Part No. - ADC12D1600RFIUT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC12D1600RFIUT TI-ADC12D1600RFIUT Datasheet
1Mb / 74P
[Old version datasheet]   ADC12D1600/1000RF 12-Bit, 3.2/2.0 GSPS RF Sampling ADC
ADC12D1600RFIUT/NOPB TI-ADC12D1600RFIUT/NOPB Datasheet
1Mb / 74P
[Old version datasheet]   ADC12D1600/1000RF 12-Bit, 3.2/2.0 GSPS RF Sampling ADC
More results

Similar Description - ADC12D1600RFIUT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC12D1000RF TI1-ADC12D1000RF Datasheet
2Mb / 67P
[Old version datasheet]   12-Bit, 3.2/2.0 GSPS RF Sampling ADC
ADC12D1000RFIUT TI-ADC12D1000RFIUT Datasheet
1Mb / 74P
[Old version datasheet]   ADC12D1600/1000RF 12-Bit, 3.2/2.0 GSPS RF Sampling ADC
ADC12D800RFIUT TI1-ADC12D800RFIUT Datasheet
1Mb / 84P
[Old version datasheet]   12-Bit, 1.6/1.0 GSPS RF Sampling ADC
ADC12D1800RFIUT TI-ADC12D1800RFIUT Datasheet
1Mb / 78P
[Old version datasheet]   ADC12D1800RF 12-Bit, Single 3.6 GSPS RF Sampling ADC
ADC12D1800RF TI1-ADC12D1800RF Datasheet
2Mb / 68P
[Old version datasheet]   ADC12D1800RF 12-Bit, Single 3.6 GSPS RF Sampling ADC
ADC12DJ3200 TI1-ADC12DJ3200_19 Datasheet
3Mb / 155P
[Old version datasheet]   6.4-GSPS Single Channel or 3.2-GSPS Dual Channel, 12-bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DJ3200QML-SP TI1-ADC12DJ3200QML-SP Datasheet
1Mb / 134P
[Old version datasheet]   6.4-GSPS, Single-Channel or 3.2-GSPS, Dual-Channel, 12-Bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DJ3200 TI1-ADC12DJ3200 Datasheet
1Mb / 111P
[Old version datasheet]   6.4-GSPS Single Channel or 3.2-GSPS Dual Channel, 12-bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12D500RF TI1-ADC12D500RF Datasheet
2Mb / 74P
[Old version datasheet]   ADC12D800/500RF 12-Bit, 1.6/1.0 GSPS RF Sampling ADC
logo
Analog Devices
AD9081 AD-AD9081 Datasheet
122Kb / 3P
   MxFE Quad, 16-Bit, 12 GSPS RF DAC and Quad, 12-Bit, 4 GSPS RF ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com